データシートサーチシステム |
|
TLA-6T120LF データシート(PDF) 6 Page - TDK Electronics |
|
TLA-6T120LF データシート(HTML) 6 Page - TDK Electronics |
6 / 34 page (5/33) 006-02 / 20120414 / edlan_tla.fm • All specifications are subject to change without notice. PACKAGING STYLES Quantity : 1000pieces/reel TAPE DIMENSIONS REEL DIMENSIONS RECOMMENDED SOLDERING CONDITION REFLOW SOLDERING • Temperature is measured at the terminal portion of product (Using thermocoupler for measurement). • This profile is reference data we recommend. Please check in your actual process. • For reliable soldering, the thickness of solder paste screen should be over the terminal co-planality. • The cutted end of terminal has no plating(out of subject of solder ability). RECOMMENDED CONDITION FOR LONG TERM STORE When it stores for a long term, please avoid place of high tempera- ture and high humidity. Recommend that it uses after the delivery within 1year. Temperature range: +5 to +30°C Humidity: 60(%)RH max. 4 10 5.9 2 12 ø1.5+0.1, -0 0.4 Dimensions in mm 30.4max. 2 ±0.5 ø13 ±0.2 ø21 ±0.8 Dimensions in mm 260˚C max. 230˚C 165 ±15˚C 2˚C/s 120s max. 1 to 2˚C/s Time(s) Natural cooling 30s max. |
同様の部品番号 - TLA-6T120LF |
|
同様の説明 - TLA-6T120LF |