データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHC138 データシート(PDF) 6 Page - Diodes Incorporated

部品番号 74AHC138
部品情報  3-TO-8 LINE DECODER DEMULTIPLEXER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHC138 データシート(HTML) 6 Page - Diodes Incorporated

Back Button 74AHC138 Datasheet HTML 2Page - Diodes Incorporated 74AHC138 Datasheet HTML 3Page - Diodes Incorporated 74AHC138 Datasheet HTML 4Page - Diodes Incorporated 74AHC138 Datasheet HTML 5Page - Diodes Incorporated 74AHC138 Datasheet HTML 6Page - Diodes Incorporated 74AHC138 Datasheet HTML 7Page - Diodes Incorporated 74AHC138 Datasheet HTML 8Page - Diodes Incorporated 74AHC138 Datasheet HTML 9Page - Diodes Incorporated 74AHC138 Datasheet HTML 10Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
74AHC138
Document number: DS35482 Rev. 2 - 2
6 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74AHC138
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test Conditions
VCC = 5 V
Unit
TYP
Cpd
Power dissipation capacitance
f = 1 MHz all outputs switching-no load
18
pF
Parameter Measurement Information
Vcc
Inputs
VM
CL
VI
tr/tf
2.0V -6.0V
VCC
6ns
VCC/2
50pF
5.0V
VCC
6ns
VCC/2
15pF used for 5V typical test
Voltage Waveform
Pulse Duration
Voltage Waveform
Propagation Delay Times
Inverting and Non Inverting Outputs
Notes: A . Includes test lead and test apparatus capacitance.
B. All pulses are supplied at pulse repetition rate ≤ 10 MHz
C. Inputs are measured separately one transition per measurement
D. tPLH and tPHL are the same as tPD
Figure 1. Load Circuit and Voltage Waveforms


同様の部品番号 - 74AHC138

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHC138 PHILIPS-74AHC138 Datasheet
84Kb / 16P
   3-to-8 line decoder/demultiplexer; inverting
1999 Sep 27
logo
Nexperia B.V. All right...
74AHC138 NEXPERIA-74AHC138 Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHC138-Q100 NEXPERIA-74AHC138-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
74AHC138BQ NEXPERIA-74AHC138BQ Datasheet
260Kb / 15P
   3-to-8 line decoder/demultiplexer; inverting
Rev. 5 - 10 September 2020
74AHC138BQ-Q100 NEXPERIA-74AHC138BQ-Q100 Datasheet
718Kb / 17P
   Automotive product qualification in accordance with AEC-Q100
More results

同様の説明 - 74AHC138

メーカー部品番号データシート部品情報
logo
Texas Instruments
74ACT11238 TI-74ACT11238 Datasheet
96Kb / 7P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LV138AT TI1-SN74LV138AT_15 Datasheet
984Kb / 19P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN74LVC138A-Q1 TI1-SN74LVC138A-Q1_15 Datasheet
808Kb / 14P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Renesas Technology Corp
HD74HC138 RENESAS-HD74HC138 Datasheet
67Kb / 9P
   3-to-8-line Decoder/Demultiplexer
HD74LVC138 RENESAS-HD74LVC138 Datasheet
178Kb / 6P
   3-to-8-line Decoder / Demultiplexer
HD74LV138A RENESAS-HD74LV138A_15 Datasheet
118Kb / 9P
   3-to-8-line Decoder / Demultiplexer
logo
Mitsubishi Electric Sem...
M74LS138P MITSUBISHI-M74LS138P Datasheet
215Kb / 4P
   3-LINE TO 8-LINE DECODER / DEMULTIPLEXER
logo
Texas Instruments
SN74LVC138A-EP TI1-SN74LVC138A-EP Datasheet
612Kb / 13P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
SN54HCT138 TI1-SN54HCT138_16 Datasheet
1Mb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODER/DEMULTIPLEXER
logo
Hitachi Semiconductor
HD74LVC138 HITACHI-HD74LVC138 Datasheet
37Kb / 8P
   3-to-8-line Decoder / Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com