データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74AHCT595T16-13 データシート(PDF) 5 Page - Diodes Incorporated

部品番号 74AHCT595T16-13
部品情報  8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AHCT595T16-13 データシート(HTML) 5 Page - Diodes Incorporated

  74AHCT595T16-13 Datasheet HTML 1Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 2Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 3Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 4Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 5Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 6Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 7Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 8Page - Diodes Incorporated 74AHCT595T16-13 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
74AHCT595
Document number: DS35487 Rev. 3 - 2
5 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74AHCT595
Switching Characteristics
Symbol /
Parameter
Pins
Test Conditions
VCC
TA = +25°C
-40°C to +85°C
-40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
fMAX
Maximum
Frequency
SHCP or STCP
Figure 1
4.5V to 5.5V
130
170
110
90
MHz
tW
Pulse Width
SHCP
HIGH or LOW
Figure 1
4.5V to 5.5V
5.0
5.0
5.0
ns
STCP
HIGH or LOW
Figure 1
4.5V to 5.5V
5.0
5.0
5.0
MR LOW
Figure 1
4.5V to 5.5V
5.0
5.0
5.0
tSU
Set-up Time
DS to SHCP
Figure 1
4.5V to 5.5V
3.0
3.0
3.0
ns
SHCP to STCP
Figure 1
4.5V to 5.5V
5.0
5.0
5.0
ns
tH
Hold Time
DS to SHCP
Figure 1
4.5V to 5.5V
2.0
2.0
2.0
ns
tREC
Recovery Time
MR to SHCP
Figure 1
4.5V to 5.5V
3.0
3.0
3.0
ns
tPD
Propagation
Delay
SHCP to Q7S
Figure 1
CL = 15pF
4.5V to 5.5V
3.8
8.2
1.0
9
1.0
10
ns
Figure 1
CL = 50pF
4.5V to 5.5V
5.2
10
1.0
11
1.0
12
STCP to Qn
Figure 1
CL = 15pF
4.5V to 5.5V
4
7.4
1.0
8.5
1.0
9.5
ns
Figure 1
CL = 50pF
4.5V to 5.5V
5.3
9
1.0
10.5
1.0
11.5
MR to Q7S
Figure 1
CL = 15pF
4.5V to 5.5V
4.6
8.2
1.0
9.5
1.0
10.5
ns
Figure 1
CL = 50pF
4.5V to 5.5V
5.8
10.5
1.0
11.5
1.0
12.5
tEN
Enable Time
OE to Qn
Figure 1
CL = 15pF
4.5V to 5.5V
4.8
9
1.0
11
1.0
12
ns
Figure 1
CL = 50pF
4.5V to 5.5V
6.2
11.6
1.0
13
1.0
14.5
tDIS
Disable Time
OE to Qn
Figure 1
CL = 15pF
4.5V to 5.5V
3.6
6.9
1.0
8
1.0
9
ns
Figure 1
CL = 50pF
4.5V to 5.5V
5.8
10.3
1.0
11
1.0
12
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 5V
Unit
Typ
Cpd
Power dissipation
capacitance
f = 1 MHz all outputs switching-no load
42
pF


同様の部品番号 - 74AHCT595T16-13

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74AHCT595 PHILIPS-74AHCT595 Datasheet
103Kb / 20P
   8-bit serial-in/serial or parallel-out shift register with output latches; 3-state
2000 Mar 15
74AHCT595 NXP-74AHCT595 Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
logo
Nexperia B.V. All right...
74AHCT595 NEXPERIA-74AHCT595 Datasheet
294Kb / 19P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
Rev. 6 - 26 May 2020
74AHCT595-Q100 NEXPERIA-74AHCT595-Q100 Datasheet
794Kb / 22P
   8-bit serial-in/serial-out or parallel-out shift register with output latches
logo
NXP Semiconductors
74AHCT595BQ NXP-74AHCT595BQ Datasheet
127Kb / 21P
   NPN general-purpose double transistors output latches; 3-state
Rev. 04-11 August 2009
More results

同様の説明 - 74AHCT595T16-13

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC594 DIODES-74HC594 Datasheet
260Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com