データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74HC594S16 データシート(PDF) 4 Page - Diodes Incorporated

部品番号 74HC594S16
部品情報  8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  DIODES [Diodes Incorporated]
ホームページ  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74HC594S16 データシート(HTML) 4 Page - Diodes Incorporated

  74HC594S16 Datasheet HTML 1Page - Diodes Incorporated 74HC594S16 Datasheet HTML 2Page - Diodes Incorporated 74HC594S16 Datasheet HTML 3Page - Diodes Incorporated 74HC594S16 Datasheet HTML 4Page - Diodes Incorporated 74HC594S16 Datasheet HTML 5Page - Diodes Incorporated 74HC594S16 Datasheet HTML 6Page - Diodes Incorporated 74HC594S16 Datasheet HTML 7Page - Diodes Incorporated 74HC594S16 Datasheet HTML 8Page - Diodes Incorporated 74HC594S16 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
74AHC594
Document number: DS35484 Rev. 3 - 2
4 of 10
www.diodes.com
June 2013
© Diodes Incorporated
74HC594
Recommended Operating Conditions (Note 5) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Max
Unit
VCC
Supply Voltage
2.0
6.0
V
VI
Input Voltage
0
Vcc
V
VO
Output Voltage
0
VCC
V
Δt/ΔV
Input transition rise or fall rate
VCC = 2.0V
1000
ns/V
VCC = 4.5V
500
VCC = 6.0V
400
TA
Operating free-air temperature
-40
+125
°C
Note:
5. Unused inputs should be held at VCC or Ground.
Electrical Characteristics (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = +25°C
TA = -40°C to +85°C TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
VIH
High-level
Input Voltage
2.0V
1.5
1.2
1.5
1.5
V
4.5V
3.15
2.4
3.15
3.15
6.0V
4.2
3.2
4.2
4.2
VIL
Low-level
input voltage
2.0V
0.8
0.5
0.5
0.5
V
4.5V
2.1
1.35
1.35
1.35
6.0V
2.8
1.8
1.8
1.8
VOH
High Level
Output
Voltage
IOH = -20μA
All outputs
2.0V
1.9
2.0
1.9
1.9
V
4.5V
4.4
4.5
4.4
4.4
6.0V
5.9
6.0
5.9
5.9
Q7S output
IOH = -4mA
4.5V
3.98
4.32
3.84
3.7
IOH = -5.2mA
6.0V
5.48
5.81
5.34
5.2
Qn Bus
Outputs
IOH = -6.0mA
4.5V
3.98
4.32
3.84
3.7
IOH = -7.8mA
6.0V
5.48
5.81
5.34
5.2
VOL
Low-level
Output
Voltage
IOL = 20μA
All outputs
2.0V
0
0.1
0.1
0.1
V
4.5V
0
0.1
0.1
0.1
6.0V
0
0.1
0.1
0.1
Q7S output
IOL = 4.0mA
4.5V
.15
0.26
0.33
0.4
IOL = 5.2mA
6.0V
.16
0.26
0.33
0.4
Qn Bus
Outputs
IOL = 6.0mA
4.5V
.15
0.26
0.33
0.4
IOL = 7.8mA
6.0V
.16
0.26
0.33
0.4
II
Input Current VI = GND to 5.5V
6.0V
±0.1
± 1
± 1
μA
ICC
Supply
Current
VI = GND or VCC
IO = 0
6.0V
8.0
80
160
μA
Ci
Input
Capacitance
Vi = VCC – or GND
6.0V
3.5
10
10
10
pF
Operating Characteristics (@TA = +25°C, unless otherwise specified.)
Parameter
Test
Conditions
VCC = 5V
Unit
Typ
Cpd
Power dissipation
capacitance
f = 1 MHz all outputs switching-no load
51
pF


同様の部品番号 - 74HC594S16

メーカー部品番号データシート部品情報
logo
NXP Semiconductors
74HC594 PHILIPS-74HC594 Datasheet
71Kb / 10P
   8-bit shift register with output register
December 1991
74HC594 NXP-74HC594 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74HC594 NEXPERIA-74HC594 Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
74HC594-Q100 NEXPERIA-74HC594-Q100 Datasheet
873Kb / 25P
   8-bit shift register with output register
74HC594BQ NEXPERIA-74HC594BQ Datasheet
347Kb / 23P
   8-bit shift register with output register
Rev. 7 - 20 October 2022
More results

同様の説明 - 74HC594S16

メーカー部品番号データシート部品情報
logo
Diodes Incorporated
74AHC594 DIODES-74AHC594 Datasheet
272Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT594 DIODES-74HCT594 Datasheet
277Kb / 12P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHC595 DIODES-74AHC595 Datasheet
319Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HCT595 DIODES-74HCT595 Datasheet
346Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT594 DIODES-74AHCT594 Datasheet
191Kb / 10P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74HC595 DIODES-74HC595 Datasheet
249Kb / 11P
   8-BIT SHIFT REGISTER WITH 8-BIT OUTPUT REGISTER
74AHCT595 DIODES-74AHCT595 Datasheet
255Kb / 10P
   8-BIT SHIFT REGISTER 8-BIT OUTPUT REGISTER
logo
NXP Semiconductors
74LVC594A NXP-74LVC594A Datasheet
108Kb / 19P
   8-bit shift register with output register
Rev. 01 - 24 May 2007
74HC_HCT594 PHILIPS-74HC_HCT594_15 Datasheet
137Kb / 26P
   8-bit shift register with output register
Rev. 03-20 December 2006
logo
Nexperia B.V. All right...
74LVC594A NEXPERIA-74LVC594A Datasheet
286Kb / 18P
   8-bit shift register with output register
Rev. 4 - 3 September 2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com