データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ADV7188BSTZ データシート(PDF) 4 Page - Analog Devices

部品番号 ADV7188BSTZ
部品情報  Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Download  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

ADV7188BSTZ データシート(HTML) 4 Page - Analog Devices

  ADV7188BSTZ Datasheet HTML 1Page - Analog Devices ADV7188BSTZ Datasheet HTML 2Page - Analog Devices ADV7188BSTZ Datasheet HTML 3Page - Analog Devices ADV7188BSTZ Datasheet HTML 4Page - Analog Devices ADV7188BSTZ Datasheet HTML 5Page - Analog Devices ADV7188BSTZ Datasheet HTML 6Page - Analog Devices ADV7188BSTZ Datasheet HTML 7Page - Analog Devices ADV7188BSTZ Datasheet HTML 8Page - Analog Devices ADV7188BSTZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 112 page
background image
ADV7188
Rev. A | Page 4 of 112
INTRODUCTION
The ADV7188 is a high quality, single chip, multiformat video
decoder that automatically detects and converts PAL, NTSC,
and SECAM standards in the form of composite, S-video, and
component video into a digital ITU-R BT.656 format.
The advanced, highly flexible digital output interface enables
performance video decoding and conversion in line-locked, clock-
based systems. This makes the device ideally suited for a broad
range of applications with diverse analog video characteristics,
including tape-based sources, broadcast sources, security and
surveillance cameras, and professional systems.
ANALOG FRONT END
The ADV7188 analog front end includes four 12-bit NSV ADCs
that digitize the analog video signal before applying it to the
standard definition processor (SDP). The analog front end uses
differential channels for each ADC to ensure high performance
in mixed-signal applications.
The front end also includes a 12-channel input mux that enables
multiple video signals to be applied to the ADV7188. Current and
voltage clamps are positioned in front of each ADC to ensure
that the video signal remains within the range of the converter.
Fine clamping of the video signals is performed downstream
by digital fine clamping within the ADV7188. The ADCs are
configured to run in 4× oversampling mode.
The ADV7188 has optional antialiasing filters on each of
the four input channels. The filters are designed for standard
definition (SD) video with approximately 6 MHz bandwidth.
SCART and overlay functionality are enabled by the ability of
the ADV7188 to process CVBS and standard definition RGB
signals simultaneously. Signal mixing is controlled by the fast
blank (FB) pin.
STANDARD DEFINITION PROCESSOR (SDP)
The ADV7188 is capable of decoding a large selection of baseband
video signals in composite, S-video, and component formats. The
video standards that are supported include PAL B/D/I/G/H,
PAL 60, PAL M, PAL N, PAL Nc, NTSC M/J, NTSC 4.43, and
SECAM B/D/G/K/L. The ADV7188 can automatically detect
the video standard and process it accordingly.
The ADV7188 has a 5-line, superadaptive, 2D comb filter that
provides superior chrominance and luminance separation when
decoding a composite video signal. This highly adaptive filter
automatically adjusts its processing mode according to the video
standard and signal quality without requiring user intervention.
Video user controls such as brightness, contrast, saturation, and
hue are also available within the ADV7188.
The ADV7188 implements the patented ADLLT algorithm to
track varying video line lengths from sources such as a VCR.
ADLLT enables the ADV7188 to track and decode poor quality
video sources such as VCRs and noisy sources from tuner outputs,
VCD players, and camcorders. The ADV7188 contains a CTI
processor that sharpens the edge rate of chroma transitions,
resulting in sharper vertical transitions.
The ADV7188 can process a variety of VBI data services, such
as closed captioning (CC), wide-screen signaling (WSS), copy
generation management system (CGMS), Gemstar® 1×/2×,
extended data service (XDS), and teletext. The ADV7188 is
fully Macrovision certified; detection circuitry enables Type I,
Type II, and Type III protection levels to be identified and
reported to the user. The decoder is also fully robust to all
Macrovision signal inputs.
FUNCTIONAL BLOCK DIAGRAM
A/D
ANTI-
ALIAS
FILTER
12
A/D
ANTI-
ALIAS
FILTER
12
A/D
ANTI-
ALIAS
FILTER
12
A/D
ANTI-
ALIAS
FILTER
12
AIN1–
AIN12
12
INPUT
MUX
DATA
PREPROCESSOR
LUMA
FILTER
SYNC
EXTRACT
CHROMA
FILTER
LUMA
RESAMPLE
RESAMPLE
CONTROL
FSC
RECOVERY
CHROMA
RESAMPLE
CHROMA
DEMOD
COLOR SPACE
CONVERSION
LUMA
2D COMB
(5H MAX)
CHROMA
2D COMB
(4H MAX)
CVBS
DECIMATION AND
DOWNSAMPLING
FILTERS
12
12
12
12
Cr
Y
Cb
CLAMP
CLAMP
CLAMP
CLAMP
FAST BLANK
OVERLAY
CONTROL
AND
AV CODE
INSERTION
VBI DATA RECOVERY
MACROVISION
DETECTION
GLOBAL CONTROL
STANDARD
AUTODETECTION
SYNTHESIZED
LLC CONTROL
FREE-RUN
OUTPUT CONTROL
20
STANDARD DEFINITION PROCESSOR
R
G
B
Cr
Cb
C
10
10
PIXEL
DATA
P19 TO P10
P9 TO P0
HS
SFL
LLC2
LLC1
FIELD
VS
INT
CONTROL
AND DATA
FB
SYNC PROCESSING AND
CLOCK GENERATION
SERIAL INTERFACE
CONTROL AND VBI DATA
SYNC AND
CLK CONTROL
ADV7188
Y
Cr
Cb
CVBS/Y
SCLK
SDA
ALSB
Figure 1.


同様の部品番号 - ADV7188BSTZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
More results

同様の説明 - ADV7188BSTZ

メーカー部品番号データシート部品情報
logo
Analog Devices
ADV7188 AD-ADV7188_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7188 AD-ADV7188 Datasheet
955Kb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7184 AD-ADV7184_15 Datasheet
3Mb / 112P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
Rev. A
ADV7184 AD-ADV7184 Datasheet
934Kb / 108P
   Multiformat SDTV Video Decoder with Fast Switch Overlay Support
REV. 0
ADV7181 AD-ADV7181_15 Datasheet
833Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B Datasheet
880Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7183B AD-ADV7183B_15 Datasheet
912Kb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7189B AD-ADV7189B_15 Datasheet
881Kb / 104P
   Multiformat SDTV Video Decoder
REV. B
ADV7181B AD-ADV7181B_15 Datasheet
2Mb / 100P
   Multiformat SDTV Video Decoder
Rev. B
ADV7183A AD-ADV7183A_15 Datasheet
850Kb / 104P
   Multiformat SDTV Video Decoder
Rev. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com