データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2596T-3.3 データシート(PDF) 8 Page - Texas Instruments

部品番号 LM2596T-3.3
部品情報  LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596T-3.3 データシート(HTML) 8 Page - Texas Instruments

Back Button LM2596T-3.3 Datasheet HTML 4Page - Texas Instruments LM2596T-3.3 Datasheet HTML 5Page - Texas Instruments LM2596T-3.3 Datasheet HTML 6Page - Texas Instruments LM2596T-3.3 Datasheet HTML 7Page - Texas Instruments LM2596T-3.3 Datasheet HTML 8Page - Texas Instruments LM2596T-3.3 Datasheet HTML 9Page - Texas Instruments LM2596T-3.3 Datasheet HTML 10Page - Texas Instruments LM2596T-3.3 Datasheet HTML 11Page - Texas Instruments LM2596T-3.3 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 42 page
background image
LM2596
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
www.ti.com
Typical Performance Characteristics (continued)
(Circuit of Figure 20)
Continuous Mode Switching Waveforms
Feedback Pin
VIN = 20V, VOUT = 5V, ILOAD = 2A
Bias Current
L = 32
μH, COUT = 220 μF, COUT ESR = 50 mΩ
A: Output Pin Voltage, 10V/div.
B: Inductor Current 1A/div.
C: Output Ripple Voltage, 50 mV/div.
Figure 15.
Figure 16. Horizontal Time Base: 2
μs/div.
Discontinuous Mode Switching Waveforms
Load Transient Response for Continuous Mode
VIN = 20V, VOUT = 5V, ILOAD = 500 mA
VIN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 10
μH, COUT = 330 μF, COUT ESR = 45 mΩ
L = 32
μH, COUT = 220 μF, COUT ESR = 50 mΩ
A: Output Voltage, 100 mV/div. (AC)
A: Output Pin Voltage, 10V/div.
B: 500 mA to 2A Load Pulse
B: Inductor Current 0.5A/div.
C: Output Ripple Voltage, 100 mV/div.
Figure 17. Horizontal Time Base: 2
μs/div.
Figure 18. Horizontal Time Base: 100
μs/div.
Load Transient Response for Discontinuous Mode
VIN = 20V, VOUT = 5V, ILOAD = 500 mA to 2A
L = 10
μH, COUT = 330 μF, COUT ESR = 45 mΩ
A: Output Voltage, 100 mV/div. (AC)
B: 500 mA to 2A Load Pulse
Figure 19. Horizontal Time Base: 200
μs/div.
8
Submit Documentation Feedback
Copyright © 1999–2013, Texas Instruments Incorporated
Product Folder Links: LM2596


同様の部品番号 - LM2596T-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2596T-3.3 NSC-LM2596T-3.3 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596T-3.3 ETC1-LM2596T-3.3 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Texas Instruments
LM2596T-3.3 TI1-LM2596T-3.3 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
Guangdong Youtai Semico...
LM2596T-3.3 UMW-LM2596T-3.3 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
More results

同様の説明 - LM2596T-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com