データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM2596T-3.3 データシート(PDF) 11 Page - Texas Instruments

部品番号 LM2596T-3.3
部品情報  LM2596 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM2596T-3.3 データシート(HTML) 11 Page - Texas Instruments

Back Button LM2596T-3.3 Datasheet HTML 7Page - Texas Instruments LM2596T-3.3 Datasheet HTML 8Page - Texas Instruments LM2596T-3.3 Datasheet HTML 9Page - Texas Instruments LM2596T-3.3 Datasheet HTML 10Page - Texas Instruments LM2596T-3.3 Datasheet HTML 11Page - Texas Instruments LM2596T-3.3 Datasheet HTML 12Page - Texas Instruments LM2596T-3.3 Datasheet HTML 13Page - Texas Instruments LM2596T-3.3 Datasheet HTML 14Page - Texas Instruments LM2596T-3.3 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
LM2596
www.ti.com
SNVS124C – NOVEMBER 1999 – REVISED APRIL 2013
PROCEDURE (Fixed Output Voltage Version)
EXAMPLE (Fixed Output Voltage Version)
3. Catch Diode Selection (D1)
3. Catch Diode Selection (D1)
A. The catch diode current rating must be at least 1.3 times greater A. Refer to the table shown in Table 6. In this example, a 5A, 20V,
than the maximum load current. Also, if the power supply design 1N5823 Schottky diode will provide the best performance, and will
must withstand a continuous output short, the diode should have a not be overstressed even for a shorted output.
current rating equal to the maximum current limit of the LM2596. The
most stressful condition for this diode is an overload or shorted
output condition.
B. The reverse voltage rating of the diode should be at least 1.25
times the maximum input voltage.
C. This diode must be fast (short reverse recovery time) and must be
located close to the LM2596 using short leads and short printed
circuit traces. Because of their fast switching speed and low forward
voltage drop, Schottky diodes provide the best performance and
efficiency, and should be the first choice, especially in low output
voltage applications. Ultra-fast recovery, or High-Efficiency rectifiers
also provide good results. Ultra-fast recovery diodes typically have
reverse recovery times of 50 ns or less. Rectifiers such as the
1N5400 series are much too slow and should not be used.
4. Input Capacitor (CIN)
4. Input Capacitor (CIN)
A low ESR aluminum or tantalum bypass capacitor is needed The important parameters for the Input capacitor are the input
between the input pin and ground pin to prevent large voltage voltage rating and the RMS current rating. With a nominal input
transients from appearing at the input. This capacitor should be voltage of 12V, an aluminum electrolytic capacitor with a voltage
located close to the IC using short leads. In addition, the RMS rating greater than 18V (1.5 × VIN) would be needed. The next
current rating of the input capacitor should be selected to be at least higher capacitor voltage rating is 25V.
½ the DC load current. The capacitor manufacturers data sheet must The RMS current rating requirement for the input capacitor in a buck
be checked to assure that this current rating is not exceeded. The regulator is approximately ½ the DC load current. In this example,
curve shown in Figure 25 shows typical RMS current ratings for with a 3A load, a capacitor with a RMS current rating of at least 1.5A
several different aluminum electrolytic capacitor values.
is needed. The curves shown in Figure 25 can be used to select an
For an aluminum electrolytic, the capacitor voltage rating should be appropriate input capacitor. From the curves, locate the 35V line and
approximately 1.5 times the maximum input voltage. Caution must note which capacitor values have RMS current ratings greater than
be exercised if solid tantalum capacitors are used (see Application 1.5A. A 680
μF/35V capacitor could be used.
Information on input capacitor). The tantalum capacitor voltage rating For a through hole design, a 680 μF/35V electrolytic capacitor
should be 2 times the maximum input voltage and it is recommended (Panasonic HFQ series or Nichicon PL series or equivalent) would
that they be surge current tested by the manufacturer.
be adequate. other types or other manufacturers capacitors can be
Use caution when using ceramic capacitors for input bypassing, used provided the RMS ripple current ratings are adequate.
because it may cause severe ringing at the VIN pin.
For surface mount designs, solid tantalum capacitors can be used,
For additional information, see section on input capacitors in but caution must be exercised with regard to the capacitor surge
Application Information section.
current rating (see Application Information on input capacitors in this
data sheet). The TPS series available from AVX, and the 593D
series from Sprague are both surge current tested.
Table 1. LM2596 Fixed Voltage Quick Design Component Selection Table
Conditions
Inductor
Output Capacitor
Through Hole Electrolytic
Surface Mount Tantalum
Output
Load
Max Input
Panasonic
Nichicon
AVX TPS
Sprague
Inductance
Inductor
Voltage
Current
Voltage
HFQ Series
PL Series
Series
595D Series
(
μH)
(#)
(V)
(A)
(V)
(
μF/V)
(
μF/V)
(
μF/V)
(
μF/V)
3.3
3
5
22 L41
470/25
560/16
330/6.3
390/6.3
7
22 L41
560/35
560/35
330/6.3
390/6.3
10
22 L41
680/35
680/35
330/6.3
390/6.3
40
33 L40
560/35
470/35
330/6.3
390/6.3
6
22 L33
470/25
470/35
330/6.3
390/6.3
2
10
33 L32
330/35
330/35
330/6.3
390/6.3
40
47 L39
330/35
270/50
220/10
330/10
Copyright © 1999–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM2596


同様の部品番号 - LM2596T-3.3

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM2596T-3.3 NSC-LM2596T-3.3 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
List of Unclassifed Man...
LM2596T-3.3 ETC1-LM2596T-3.3 Datasheet
693Kb / 11P
   3.0A, 150Khz, Step-Down Switching Regulator
logo
Texas Instruments
LM2596T-3.3 TI1-LM2596T-3.3 Datasheet
769Kb / 33P
[Old version datasheet]   SIMPLE SWITCHER Power Converter
logo
Guangdong Youtai Semico...
LM2596T-3.3 UMW-LM2596T-3.3 Datasheet
3Mb / 17P
   3A Step-Down Voltage Regulator
More results

同様の説明 - LM2596T-3.3

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM2596S-3.3 TI1-LM2596S-3.3 Datasheet
4Mb / 42P
[Old version datasheet]   LM2596 SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2596 NSC-LM2596 Datasheet
736Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2599SX-50 TI1-LM2599SX-50 Datasheet
2Mb / 44P
[Old version datasheet]   LM2599 SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM2599 NSC-LM2599 Datasheet
812Kb / 31P
   SIMPLE SWITCHER Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
LM2592HV NSC-LM2592HV Datasheet
655Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 2A Step-Down Voltage Regulator
LM2591HV NSC-LM2591HV Datasheet
730Kb / 20P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2595 NSC-LM2595 Datasheet
935Kb / 29P
   SIMPLE SWITCHER Power Converter 150 kHz 1A Step-Down Voltage Regulator
LM2594 NSC-LM2594 Datasheet
740Kb / 28P
   SIMPLE SWITCHER Power Converter 150 kHz 0.5A Step-Down Voltage Regulator
LM2596SX-ADJ NSC-LM2596SX-ADJ Datasheet
736Kb / 31P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator
logo
Texas Instruments
LM2593HV TI1-LM2593HV Datasheet
1Mb / 31P
[Old version datasheet]   SIMPLE SWITCHER Power Converter 150-kHz, 2-A Step-Down Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com