データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM317LCPK データシート(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM317LCPK
部品情報  3-TERMINAL ADJUSTABLE REGULATOR
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM317LCPK データシート(HTML) 4 Page - Texas Instruments

  LM317LCPK Datasheet HTML 1Page - Texas Instruments LM317LCPK Datasheet HTML 2Page - Texas Instruments LM317LCPK Datasheet HTML 3Page - Texas Instruments LM317LCPK Datasheet HTML 4Page - Texas Instruments LM317LCPK Datasheet HTML 5Page - Texas Instruments LM317LCPK Datasheet HTML 6Page - Texas Instruments LM317LCPK Datasheet HTML 7Page - Texas Instruments LM317LCPK Datasheet HTML 8Page - Texas Instruments LM317LCPK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
VO
(see Note A)
R2 = 3 k
1N4002
R3 =
820
−10 V
C1 = 0.1
µF
35 V
Adjustment
Output
Input
LM317L
NOTE A: Output voltage is calculated from the equation:
where: Vref equals the difference between OUTPUT
and ADJUSTMENT voltages (
≈1.25 V).
R1 = 120
V
O + Vref 1 )
R2 ) R3
R1
* 10 V
C1 = 0.1
µF
(see Note A)
VI
470
R1
R2
C2 = 1
µF
(see Note C)
VO
(see Note B)
Adjustment
Output
Input
LM317L
NOTES: A. Use of an input bypass capacitor is recommended if
regulator is far from the filter capacitors.
B. Output voltage is calculated from the equation:
where: Vref equals the difference between OUTPUT and
ADJUSTMENT voltages (
≈1.25 V).
C. Use of an output capacitor improves transient response,
but is optional.
V
O + Vref 1 )
R2
R1
VI
R1
Adjustment
Output
Input
LM317L
I
limit +
1.25
R1
R1 =
470
D1
1N4002
C3 = 1
µF
C2 = 10
µF
R2 =
10 k
VI
+
+
Adjustment
Output
Input
LM317L
D1 discharges C2 if output is shorted to ground.
NOTE A: Use of an output capacitor improves transient response, but is
optional.
VO
(see Note A)
C1 =
0.1
µF
R3 =
240
VI
C1 = 0.1
µF
C2 = 1
µF
Output
Adjust
VO
R2 = 1.5 k
R1 = 470
LM317L
R4 =
2 k
Adjustment
Output
Input
LM317L
Adjustment
Output
Input
R1 =
470
R2 = 5.1 k
C1 = 25
µF
2N2905
R3 = 50 k
1N4002
VO = 15 V
VI
LM317L
Adjustment
Output
Input
LM317L
SLCS144D
– JULY 2004 – REVISED OCTOBER 2011
www.ti.com
APPLICATION INFORMATION
Figure 1. Adjustable Voltage Regulator
Figure 2. 0-V to 30-V Regulator Circuit
Figure 3. Regulator Circuit With Improved Ripple
Figure 4. Precision Current-Limiter Circuit
Rejection
Figure 5. Tracking Preregulator Circuit
Figure 6. Slow-Turnon 15-V Regulator Circuit
4
Submit Documentation Feedback
Copyright
© 2004–2011, Texas Instruments Incorporated
Product Folder Link(s): LM317L


同様の部品番号 - LM317LCPK

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM317LCPK TI1-LM317LCPK Datasheet
936Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317LCPK TI1-LM317LCPK Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
LM317LCPKG3 TI1-LM317LCPKG3 Datasheet
1Mb / 29P
[Old version datasheet]   3-Terminal Adjustable Regulator
More results

同様の説明 - LM317LCPK

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM337L NSC-LM337L Datasheet
89Kb / 5P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317 TI1-LM317_16 Datasheet
1Mb / 32P
[Old version datasheet]   3-Terminal Adjustable Regulator
logo
List of Unclassifed Man...
GM317 ETC-GM317 Datasheet
352Kb / 8P
   3- TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M_07 Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
LM317M_0701 TI-LM317M_0701 Datasheet
369Kb / 14P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM117 NSC-LM117 Datasheet
645Kb / 25P
   3-Terminal Adjustable Regulator
LM117HV NSC-LM117HV Datasheet
469Kb / 15P
   3-Terminal Adjustable Regulator
logo
Texas Instruments
LM317MQDCYRG4 TI1-LM317MQDCYRG4 Datasheet
868Kb / 17P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
Tiger Electronic Co.,Lt...
LM317L TGS-LM317L Datasheet
382Kb / 14P
   3-TERMINAL ADJUSTABLE REGULATOR
logo
Texas Instruments
LM317M TI-LM317M Datasheet
219Kb / 12P
[Old version datasheet]   3-TERMINAL ADJUSTABLE REGULATOR
logo
National Semiconductor ...
LM317L NSC-LM317L_06 Datasheet
918Kb / 16P
   3-Terminal Adjustable Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com