データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM25VN10-G データシート(PDF) 7 Page - Cypress Semiconductor

部品番号 FM25VN10-G
部品情報  1Mb Serial 3V F-RAM Memory
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM25VN10-G データシート(HTML) 7 Page - Cypress Semiconductor

Back Button FM25VN10-G Datasheet HTML 3Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 4Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 5Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 6Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 7Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 8Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 9Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 10Page - Cypress Semiconductor FM25VN10-G Datasheet HTML 11Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
FM25V10 - 1Mb SPI FRAM
Document Number: 001-84499 Rev. **
Page 7 of 17
under any circumstances. This occurs if the BP1 and
BP0 bits are set to 1, the WPEN bit is set to 1, and
the /W pin is low. This occurs because the block
protect bits prevent writing memory and the /W
signal in hardware prevents altering the block protect
bits (if WPEN is high). Therefore in this condition,
hardware must be involved in allowing a write
operation. The following table summarizes the write
protection conditions.
Table 4. Write Protection
WEL
WPEN
/W
Protected Blocks
Unprotected Blocks
Status Register
0
X
X
Protected
Protected
Protected
1
0
X
Protected
Unprotected
Unprotected
1
1
0
Protected
Unprotected
Protected
1
1
1
Protected
Unprotected
Unprotected
Memory Operation
The SPI interface, which is capable of a relatively
high clock frequency, highlights the fast write
capability of the F-RAM technology. Unlike Serial
Flash, the FM25V10 can perform sequential writes at
bus speed. No page buffer is needed and any number
of sequential writes may be performed.
Write Operation
All writes to the memory array begin with a WREN
op-code. The next op-code is the WRITE instruction.
This op-code is followed by a three-byte address
value, which specifies the 17-bit address of the first
data byte of the write operation. Subsequent bytes are
data and they are written sequentially. Addresses are
incremented internally as long as the bus master
continues to issue clocks. If the last address of
1FFFFh is reached, the counter will roll over to
00000h. Data is written MSB first. A write operation
is shown in Figure 9.
Unlike Serial Flash, any number of bytes can be
written sequentially and each byte is written to
memory immediately after it is clocked in (after the
8
th clock). The rising edge of /S terminates a WRITE
op-code operation. Asserting /W active in the middle
of a write operation will have no effect until the next
falling edge of /S.
Read Operation
After the falling edge of /S, the bus master can issue
a READ op-code. Following this instruction is a
three-byte address value (A16-A0), specifying the
address of the first data byte of the read operation.
After the op-code and address are complete, the D
pin is ignored. The bus master issues 8 clocks, with
one bit read out for each. Addresses are incremented
internally as long as the bus master continues to issue
clocks. If the last address of 1FFFFh is reached, the
counter will roll over to 00000h. Data is read MSB
first. The rising edge of /S terminates a READ op-
code operation and tri-states the Q pin.
A read
operation is shown in Figure 10.
Fast Read Operation
The FM25V10 supports the FAST READ op-code
(0Bh) that is found on Serial Flash devices. It is
implemented for code compatibility with Serial Flash
devices. Following this instruction is a three-byte
address (A16-A0), specifying the address of the first
data byte of the read operation. A dummy byte
follows the address. It inserts one byte of read
latency. The D pin is ignored after the op-code, 3-
byte address, and dummy byte are complete. The bus
master issues 8 clocks, with one bit read out for each.
The Fast Read operation is otherwise the same as an
ordinary READ. If the last address of 1FFFFh is
reached, the counter will roll over to 00000h. Data is
read MSB first. The rising edge of /S terminates a
FAST READ op-code operation and tri-states the Q
pin. A Fast Read operation is shown in Figure 11.
Hold
The FM25V10 and FM25VN10 devices have a
/HOLD pin that can be used to interrupt a serial
operation without aborting it. If the bus master pulls
the /HOLD pin low while C is low, the current
operation will pause. Taking the /HOLD pin high
while C is low will resume an operation. The
transitions of /HOLD must occur while C is low, but
the C and /S pins can toggle during a hold state.


同様の部品番号 - FM25VN10-G

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM25VN10-G RAMTRON-FM25VN10-G Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25VN10-G CYPRESS-FM25VN10-G Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25VN10-GTR RAMTRON-FM25VN10-GTR Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25VN10-GTR CYPRESS-FM25VN10-GTR Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
More results

同様の説明 - FM25VN10-G

メーカー部品番号データシート部品情報
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10 Datasheet
441Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM24V10 RAMTRON-FM24V10_10 Datasheet
347Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24V10 CYPRESS-FM24V10_13 Datasheet
417Kb / 17P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V10 RAMTRON-FM25V10 Datasheet
333Kb / 16P
   1Mb Serial 3V F-RAM Memory
FM24V10 RAMTRON-FM24V10 Datasheet
206Kb / 15P
   1Mb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM25V10 CYPRESS-FM25V10 Datasheet
531Kb / 16P
   1Mb Serial 3V F-RAM Memory
logo
Ramtron International C...
FM25V02 RAMTRON-FM25V02 Datasheet
343Kb / 17P
   256Kb Serial 3V F-RAM Memory
logo
Cypress Semiconductor
FM24CL64B CYPRESS-FM24CL64B Datasheet
354Kb / 13P
   64Kb Serial 3V F-RAM Memory
FM24V01 CYPRESS-FM24V01 Datasheet
378Kb / 14P
   128Kb Serial 3V F-RAM Memory
FM24V02 CYPRESS-FM24V02 Datasheet
401Kb / 16P
   256Kb Serial 3V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com