データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM28V020 データシート(PDF) 2 Page - Cypress Semiconductor

部品番号 FM28V020
部品情報  256Kbit Bytewide F-RAM Memory
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYPRESS [Cypress Semiconductor]
ホームページ  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

FM28V020 データシート(HTML) 2 Page - Cypress Semiconductor

  FM28V020 Datasheet HTML 1Page - Cypress Semiconductor FM28V020 Datasheet HTML 2Page - Cypress Semiconductor FM28V020 Datasheet HTML 3Page - Cypress Semiconductor FM28V020 Datasheet HTML 4Page - Cypress Semiconductor FM28V020 Datasheet HTML 5Page - Cypress Semiconductor FM28V020 Datasheet HTML 6Page - Cypress Semiconductor FM28V020 Datasheet HTML 7Page - Cypress Semiconductor FM28V020 Datasheet HTML 8Page - Cypress Semiconductor FM28V020 Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
FM28V020 - 32Kx8 F-RAM
Document Number: 001-86204 Rev. *A
Page 2 of 16
Figure 1. Block Diagram
Pin Descriptions
Pin Name
Type
Pin Description
A(14:0)
Input
Address inputs: The 15 address lines select one of 32,768 bytes in the F-RAM array. The
address value is latched on the falling edge of /CE. Addresses A(2:0) are used for page
mode read and write operations.
/CE
Input
Chip Enable input: The device is selected and a new memory access begins on the falling
edge of /CE. The entire address is latched internally at this point.
/WE
Input
Write Enable: A write cycle begins when /WE is asserted. The rising edge causes the
FM28V020 to write the data on the DQ bus to the F-RAM array. The falling edge of /WE
latches a new column address for fast page mode write cycles.
/OE
Input
Output Enable: When /OE is low, the FM28V020 drives the data bus when valid data is
available. Deasserting /OE high tri-states the DQ pins.
DQ(7:0)
I/O
Data: 8-bit bi-directional data bus for accessing the F-RAM array.
VDD
Supply
Supply Voltage
VSS
Supply
Ground
Control
Logic
WE
A(14:3)
A(2:0)
I/O Latch & Bus Driver
OE
DQ(7:0)
4K x 64
F-RAM Array
A(14:0)
Column Decoder
. . .
CE


同様の部品番号 - FM28V020

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SG RAMTRON-FM28V020-SG Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SG RAMTRON-FM28V020-SG Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020-SGTR RAMTRON-FM28V020-SGTR Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
More results

同様の説明 - FM28V020

メーカー部品番号データシート部品情報
logo
Ramtron International C...
FM28V020 RAMTRON-FM28V020 Datasheet
165Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V020 RAMTRON-FM28V020_11 Datasheet
251Kb / 14P
   256Kbit Bytewide F-RAM Memory
FM28V100 RAMTRON-FM28V100 Datasheet
147Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM28V100 CYPRESS-FM28V100 Datasheet
423Kb / 13P
   1Mbit Bytewide F-RAM Memory
FM28V100 CYPRESS-FM28V100_13 Datasheet
402Kb / 14P
   1Mbit Bytewide F-RAM Memory
logo
Ramtron International C...
FM28V100 RAMTRON-FM28V100_10 Datasheet
321Kb / 13P
   1Mbit Bytewide F-RAM Memory
logo
Cypress Semiconductor
FM1808B CYPRESS-FM1808B Datasheet
336Kb / 12P
   256Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1608B RAMTRON-FM1608B Datasheet
94Kb / 11P
   64Kb Bytewide 5V F-RAM Memory
logo
Cypress Semiconductor
FM1608B CYPRESS-FM1608B Datasheet
342Kb / 14P
   64Kb Bytewide 5V F-RAM Memory
logo
Ramtron International C...
FM1808B RAMTRON-FM1808B Datasheet
94Kb / 11P
   256Kb Bytewide 5V F-RAM Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com