データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD214A-B330LF データシート(PDF) 1 Page - Bourns Electronic Solutions

部品番号 CD214A-B330LF
部品情報  CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD214A-B330LF データシート(HTML) 1 Page - Bourns Electronic Solutions

  CD214A-B330LF Datasheet HTML 1Page - Bourns Electronic Solutions CD214A-B330LF Datasheet HTML 2Page - Bourns Electronic Solutions CD214A-B330LF Datasheet HTML 3Page - Bourns Electronic Solutions CD214A-B330LF Datasheet HTML 4Page - Bourns Electronic Solutions CD214A-B330LF Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
RoHS compliant*
SMA package
Surface mount
High current capability
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers Schottky Rectifier Diodes for rectification applications, in compact chip package DO-214AC (SMA) size format, which offer PCB
real estate savings and are considerably smaller than competitive parts. The Schottky Rectifier Diodes offer a forward current of 3 A with a
choice of repetitive peak reverse voltage of 20 V up to 60 V.
Bourns® Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration
minimizes roll away.
Parameter
Symbol
CD214A-
Unit
B320
B330
B340
B340L
B350
B360
Forward Voltage (Max.)
VF
0.5
0.5
0.5
0.45
0.7
0.7
V
(If = 3 A)
Typical Junction
CT
250
250
250
300
250
250
pF
Capacitance*
Reverse Current (Max.)
IR
0.5
0.5
0.5
1.0
0.5
0.5
mA
at Rated VR)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
How To Order
CD 214A - B 3 30 L LF
Common Code
Chip Diode
Package
• 214A = SMA/DO-214AC
Model
B = Schottky Barrier Series
Average Forward Current (Io) Code
3 = 3 A (Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
30 = 30 V
40 = 40 V
60 = 60 V
Forward Voltage Suffix (Applies to B340L only)
L = Low Forward Voltage (B340L only)
No Space in P/N = Not Low Forward Voltage
Terminations
LF = 100 % Sn (RoHS Compliant)
Asia-Pacific:
Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe:
Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas:
Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CD214A-
Unit
B320
B330
B340
B340L
B350
B360
Repetitive Peak
VRRM
20
30
40
40
50
60
V
Reverse Voltage
Reverse Voltage
VR
20
30
40
40
50
60
V
Maximum RMS Voltage
VRMS
14
21
28
28
35
42
V
Avg. Forward Current
IO
3A
Forward Current,
Surge Peak
Isurge
100
100
100
70
100
100
A
(60 Hz, 1 cycle)
Typical Thermal
RΘJL
10
10
10
20
10
10
°C/W
Resistance**
Storage Temperature
TSTG
-55 to +150
°C
Junction Temperature
TJ
-55 to +125
°C
* Measured at 1.0 MHz and applied reverse voltage of 4.0 V DC.
** Thermal resistance junction to lead.
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.


同様の部品番号 - CD214A-B330LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B330L BOURNS-CD214A-B330L Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B330LLF BOURNS-CD214A-B330LLF Datasheet
298Kb / 5P
   Schottky Barrier Rectifier Chip Diode
More results

同様の説明 - CD214A-B330LF

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
CD214A-B320LF BOURNS-CD214A-B320LF Datasheet
167Kb / 5P
   CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-B340LF BOURNS-CD214A-B340LF Datasheet
167Kb / 5P
   CD214A-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214B-B320 BOURNS-CD214B-B320 Datasheet
313Kb / 4P
   CD214B-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214C-B320 BOURNS-CD214C-B320 Datasheet
313Kb / 4P
   CD214C-B320 ~ B360 Schottky Barrier Rectifier Chip Diode
CD214A-R12000R BOURNS-CD214A-R12000R Datasheet
182Kb / 5P
   CD214A-R12000R Rectifier Chip Diode
REV. 03/20
CD214A-S1X BOURNS-CD214A-S1X Datasheet
184Kb / 5P
   CD214A-S1x Series Rectifier Chip Diode
REV. 03/20
CD214A-FS1X BOURNS-CD214A-FS1X Datasheet
185Kb / 5P
   CD214A-FS1x Series Fast Response Rectifier Chip Diode
REV. 03/20
CD214A-B320 BOURNS-CD214A-B320_11 Datasheet
167Kb / 5P
   Schottky Barrier Rectifier Chip Diode
CD214A-B1XR BOURNS-CD214A-B1XR Datasheet
482Kb / 4P
   Schottky Barrier Rectifier Chip Diode
CD214C-B3XR BOURNS-CD214C-B3XR Datasheet
469Kb / 4P
   Schottky Barrier Rectifier Chip Diode
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com