データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-786J-000E データシート(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-786J-000E
部品情報  Optically Isolated Sigma-Delta (S-D) Modulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-786J-000E データシート(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-786J-000E Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-786J-000E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
7
Absolute Maximum Ratings
Parameter
Symbol
Min.
Max.
Units
Note
Storage Temperature
TS
-55
125
°C
Ambient Operating Temperature
TA
-40
85
°C
Supply Voltages
VDD1, VDD2
0
5.5
V
Steady-State Input Voltage
VIN+, VIN-
-2.0
VDD1 + 0.5
V
1
Two Second Transient Input Voltage
-6.0
Output Voltages
MCLK, MDAT
-0.5
VDD2 + 0.5
V
Lead Solder Temperature
260°C for 10 sec., 1.6 mm below seating plane
Solder Reflow Temperature Profile
See Maximum Solder Reflow Thermal Profile section
Recommended Operating Conditions
Parameter
Symbol
Min.
Max.
Units
Note
Ambient Operating Temperature
TA
-40
+85
°C
Supply Voltages
VDD1, VDD2
4.5
5.5
V
Input Voltage
VIN+, VIN-
-200
+200
mV
1
Electrical Specifications (DC)
Unless otherwise noted, all specifications are at VIN+ = 0 V and VIN- = 0 V, all Typical specifications are at TA = 25°C and
VDD1 = VDD2 = 5 V, and all Minimum and Maximum specifications apply over the following ranges: TA = -40°C to +85°C,
VDD1 = 4.5 to 5.5 V and VDD2 = 4.5 to 5.5 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Fig.
Note
Average Input Bias Current
IIN
-0.8
μA
1
3
Average Input Resistance
RIN
450
k
:
3
Input DC Common-Mode
Rejection Ratio
CMRRIN
60
dB
4
Output Logic High Voltage
VOH
3.9
4.9
V
IOUT = -100 μA
Output Logic Low Voltage
VOL
0.1
0.6
V
IOUT = 1.6 mA
Output Short Circuit Current
|IOSC|30
mA
VOUT = VDD2
or GND2
5
Input Supply Current
IDD1
10
15
mA
VIN+ = -350 mV
to +350 mV
2
Output Supply Current
IDD2
10
15
mA
3
Output Clock Frequency
fCLK
8.2
10
13.2
MHz
4
Data Hold Time
tHDDAT
15
ns
6


同様の部品番号 - HCPL-786J-000E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-786J-000E AVAGO-HCPL-786J-000E Datasheet
244Kb / 18P
   The HCPL-7860/HCPL-786J Optically Isolated Modulator and HCPL-0872 Digital Interface IC or digital filter together form an isolated programmable two-chip analog-to-digital converter.
March 6, 2015
More results

同様の説明 - HCPL-786J-000E

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7860-300E AVAGO-HCPL-7860-300E Datasheet
244Kb / 18P
   Optically Isolated Sigma-Delta (S-D) Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4 Datasheet
854Kb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 20, 2014
RV1S9353A RENESAS-RV1S9353A Datasheet
1Mb / 20P
   Optically Isolated Delta-Sigma Modulator
Mar 23, 2020
logo
California Eastern Labs
PS9551AL4 CEL-PS9551AL4 Datasheet
3Mb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Agilent(Hewlett-Packard...
HCPL-7560 HP-HCPL-7560 Datasheet
150Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-7970-500E AVAGO-ACPL-7970-500E Datasheet
651Kb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
Renesas Technology Corp
PS9551AL4 RENESAS-PS9551AL4_15 Datasheet
855Kb / 20P
   Optically Isolated Delta-Sigma Modulator
logo
Broadcom Corporation.
ACPL-C797 BOARDCOM-ACPL-C797 Datasheet
1Mb / 18P
   Optically Isolated Sigma-Delta Modulator
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-796J-560E AVAGO-ACPL-796J-560E Datasheet
209Kb / 16P
   Optically Isolated Sigma-Delta Modulator
ACPL-C797 AVAGO-ACPL-C797 Datasheet
643Kb / 16P
   Optically Isolated Sigma-Delta Modulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com