データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

HCPL-7800A データシート(PDF) 5 Page - AVAGO TECHNOLOGIES LIMITED

部品番号 HCPL-7800A
部品情報  Isolation Amplifer
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AVAGO [AVAGO TECHNOLOGIES LIMITED]
ホームページ  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-7800A データシート(HTML) 5 Page - AVAGO TECHNOLOGIES LIMITED

  HCPL-7800A Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-7800A Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image

Regulatory Information
The HCPL-7800(A) has been approved by the following organizations:
IEC/EN/DIN EN 60747-5-2 Insulation Characteristics[1]
Description
Symbol
Characteristic
Unit
Installation classification per DIN VDE 0110/1.89, Table 1
for rated mains voltage 300 Vrms
for rated mains voltage 600 Vrms
I-IV
I-III
Climatic Classification
55/100/21
Pollution Degree (DIN VDE 0110/1.89)
2
Maximum Working Insulation Voltage
VIORM
891
VPEAK
Input to Output Test Voltage, Method b[2]
VIORM x 1.875 = VPR, 100% Production Test with
tm = 1 sec, Partial discharge < 5 pC
VPR
1670
VPEAK
Input to Output Test Voltage, Method a[2]
VIORM x 1.5 = VPR, Type and Sample Test,
tm = 60 sec, Partial discharge < 5 pC
VPR
1336
VPEAK
Highest Allowable Overvoltage
(Transient Overvoltage tini = 10 sec)
VIOTM
6000
VPEAK
Safety-limiting values—maximum values
allowed in the event of a failure.
Case Temperature
Input Current[3]
Output Power[3]
TS
IS,INPUT
PS,OUTPUT
175
400
600
°C
mA
mW
Insulation Resistance at TS, VIO = 500 V
RS
>109
IEC/EN/DIN EN 60747-5-2
Approved under:
IEC 60747-5-2:1997 + A1:2002
EN 60747-5-2:2001 + A1:2002
DIN EN 60747-5-2 (VDE 0884 Teil 2): 2003-01.
UL
Approved under UL 1577, component
recognition program up to VISO = 3750 Vrms.
CSA
Approved under CSA Component Acceptance
Notice #5, File CA 88324.
Notes:
1. Insulation characteristics are guaranteed only within the safety maximum ratings which
must be ensured by protective circuits within the application. Surface Mount Classification is
Class A in accordance with CECC00802.
2. Refer to the optocoupler section of the Isolation and Control Components Designer’s Cata-
log, under Product Safety Regulations section, (IEC/EN/DIN EN 60747-5-2) for a detailed descrip-
tion of Method a and Method b partial discharge test profiles.
3. Refer to the following figure for dependence of PS and IS on ambient temperature.
0
0
TA - CASE TEMPERATURE -
oC
200
50
400
125
25
75
100
150
600
800
200
100
300
500
700
175
P S (mW)
IS (mA)


同様の部品番号 - HCPL-7800A

メーカー部品番号データシート部品情報
logo
Agilent(Hewlett-Packard...
HCPL-7800A HP-HCPL-7800A Datasheet
375Kb / 17P
   High CMR Isolation Amplifiers
HCPL-7800A HP-HCPL-7800A Datasheet
415Kb / 17P
   High CMR Isolation Amplifiers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
HCPL-7800A AVAGO-HCPL-7800A Datasheet
325Kb / 18P
   15 kV/關s Common-Mode Rejection at VCM = 1000 V
More results

同様の説明 - HCPL-7800A

メーカー部品番号データシート部品情報
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-7800-300E AVAGO-HCPL-7800-300E Datasheet
325Kb / 18P
   Isolation Amplifer
logo
List of Unclassifed Man...
IA296 ETC1-IA296 Datasheet
29Kb / 1P
   ULTRA LOW NOISE TRUE INSTRUMENTATION MEDICAL ISOLATION AMPLIFER
logo
BOWEI Integrated Circui...
HE394B BOWEI-HE394B Datasheet
114Kb / 1P
   Broadband Amplifer
HE395B BOWEI-HE395B Datasheet
106Kb / 1P
   Broadband Amplifer
HE387B BOWEI-HE387B Datasheet
117Kb / 1P
   Broadband Amplifer
HE383C BOWEI-HE383C Datasheet
118Kb / 1P
   Broadband Amplifer
logo
List of Unclassifed Man...
233A ETC1-233A Datasheet
36Kb / 1P
   CHOPPER STABILIZED AMPLIFER
logo
Panasonic Semiconductor
MN6502 PANASONIC-MN6502 Datasheet
95Kb / 4P
   CMOS Operational Amplifer
logo
Fairchild Semiconductor
BC183C FAIRCHILD-BC183C Datasheet
128Kb / 3P
   NPN General Purpose Amplifer
logo
Qorvo, Inc
TQP5525 QORVO-TQP5525 Datasheet
606Kb / 11P
   Wi-Fi Power Amplifer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com