データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLH5034PBF データシート(PDF) 8 Page - International Rectifier

部品番号 IRLH5034PBF
部品情報  Secondary Side Synchronous Rectification, Inverters for DC Motors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLH5034PBF データシート(HTML) 8 Page - International Rectifier

  IRLH5034PBF Datasheet HTML 1Page - International Rectifier IRLH5034PBF Datasheet HTML 2Page - International Rectifier IRLH5034PBF Datasheet HTML 3Page - International Rectifier IRLH5034PBF Datasheet HTML 4Page - International Rectifier IRLH5034PBF Datasheet HTML 5Page - International Rectifier IRLH5034PBF Datasheet HTML 6Page - International Rectifier IRLH5034PBF Datasheet HTML 7Page - International Rectifier IRLH5034PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRLH5034PbF
8
www.irf.com
†
Qualification standards can be found at International Rectifier’s web site
http://www.irf.com/product-info/reliability
††
Higher qualification ratings may be available should the user have such requirements.
Please contact your International Rectifier sales representative for further information:
http://www.irf.com/whoto-call/salesrep/
††† Applicable version of JEDEC standard at the time of product release.
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.29mH, RG = 50Ω, IAS = 50A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… When mounted on 1 inch square 2 oz copper pad on 1.5x1.5 in. board of FR-4 material.
† Calculated continuous current based on maximum allowable junction temperature. Package is limited to 100A by production test
capability.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information.04/2010
Data and specifications subject to change without notice.
MS L1
(per JE DE C J-S T D-020D
††† )
RoHS compliant
Yes
PQFN 5mm x 6mm
Qualification information
Moisture Sensitivity Level
Qualification level
Indus trial
††
(per JE DE C JE S D47F
††† guidelines )
PQFN 5x6 Outline "B" Tape and Reel


同様の部品番号 - IRLH5034PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLH5034PBF IRF-IRLH5034PBF Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
More results

同様の説明 - IRLH5034PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFH5204PBF IRF-IRFH5204PBF Datasheet
295Kb / 8P
   Secondary Side Synchronous Rectification, Inverters for DC Motors
IRFH5020PBF IRF-IRFH5020PBF_15 Datasheet
266Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5210PBF IRF-IRFH5210PBF_15 Datasheet
244Kb / 9P
   Secondary Side Synchronous Rectification
IRLH5034PBF IRF-IRLH5034PBF_15 Datasheet
263Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5006PBF IRF-IRFH5006PBF_15 Datasheet
269Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5025PBF IRF-IRFH5025PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5220PBF IRF-IRFH5220PBF_15 Datasheet
243Kb / 9P
   Secondary Side Synchronous Rectification
IRFH7107PBF IRF-IRFH7107PBF Datasheet
272Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5004PBF IRF-IRFH5004PBF_15 Datasheet
265Kb / 9P
   Secondary Side Synchronous Rectification
IRFH5010PBF IRF-IRFH5010PBF_15 Datasheet
260Kb / 9P
   Secondary Side Synchronous Rectification
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com