データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

Am79C940BKC データシート(PDF) 10 Page - Rochester Electronics

部品番号 Am79C940BKC
部品情報  Media Access Controller for Ethernet (MACE) 84-pin PLCC and 100-pin PQFP Packages
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

Am79C940BKC データシート(HTML) 10 Page - Rochester Electronics

Back Button Am79C940BKC Datasheet HTML 5Page - Rochester Electronics Am79C940BKC Datasheet HTML 6Page - Rochester Electronics Am79C940BKC Datasheet HTML 7Page - Rochester Electronics Am79C940BKC Datasheet HTML 8Page - Rochester Electronics Am79C940BKC Datasheet HTML 9Page - Rochester Electronics Am79C940BKC Datasheet HTML 10Page - Rochester Electronics Am79C940BKC Datasheet HTML 11Page - Rochester Electronics Am79C940BKC Datasheet HTML 12Page - Rochester Electronics Am79C940BKC Datasheet HTML 13Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
79C940
Specification Number 79C940B-CI (A) Rev C
Page 10 of 13
93
AC CHARACTERISTICS (Unless otherwise noted, parametric values are the same
between Commercial devices and Industrial devices.)
Notes:
1. The following BIU timing assumes that EDSEL = 1. Therefore, these parameters are specified with respect to the falling edge
of SCLK (SCLK↓). If EDSEL = 0, the same parameters apply but should be referenced to the rising edge of SCLK ↑).
2. Tested with CL set at 100 pF and derated to support the Indicated distributed capacitive Load. See the BIU output valid delay
vs. Load Chart.
3. Guaranteed by design–not tested.
4. tDATD is defined as the time required for outputs to turn high impedence and is not referred to as output voltage lead.
No.
Parameter
Symbol
Parameter Description
Test Conditions
Min (ns)
Max (ns)
Clock and Reset Timing
1tSCLK
SCLK period
40
1000
2tSCLKL
SCLK LOW pulse width
0.4*tSCLK
0.6*tSCLK
3tSCLKH
SCLK HIGH pulse width
0.4*tSCLK
0.6*tSCLK
4tSCLKR
SCLK rise time
5
5tSCLKF
SCLK fall time
5
6tRST
RESET pulse width
15*tSCLK
7tBT
Network Bit Time (BT)=2*tX1 or tSTDC
99
101
Internal MENDEC Clock Timing
9tX1
XTAL1 period
49.995
50.005
11
tX1H
XTAL1 HIGH pulse width
20
12
tX1L
XTAL1 LOW pulse width
20
13
tX1R
XTAL1 rise time
5
14
tX1F
XTAL1 fall time
5
BIU TIMING (Note 1)
31
tADDS
Address valid setup to SCLK↓
9
32
tADDH
Address valid hold after SCLK↓
2
1. 33
tSLVS
CS or FDS and TC, BE1–0,
R/W setup to SCLK↓
9
34
tSLVH
CS or FDS and TC, BE1–0,
R/W hold after SCLK↓
2
35
tDATD
Data out valid delay from SCLK↓
CL = 100 pF (Note 2)
32
36
tDATH
Data out valid hold from SCLK↓
6
37
tDTVD
DTV valid delay from SCLK↓
CL = 100 pF (Note 2)
32
38
tDTVH
DTV valid hold after SCLK↓
6
39
tEOFD
EOF valid delay from SCLK↓
CL = 100 pF (Note 2)
32
40
tEOFH
EOF output valid hold after SCLK↓
6
41
tCSIS
CS inactive prior to SCLK↓
9
42
tEOFS
EOF input valid setup to SCLK↓
9
43
tEOFH
EOF input valid hold after SCLK↓
2
44
tRDTD
RDTREQ valid delay from SCLK↓
CL = 100 pF (Note 2)
32
45
tRDTH
RDTREQ input valid hold after SCLK↓
6
46
tTDTD
TDTREQ valid delay from SCLK↓
CL = 100 pF (Note 2)
32
47
tTDTH
TDTREQ input valid hold after SCLK↓
6
48
tDATS
Data in valid setup to SCLK↓
9
49
tDATIH
Data in valid setup after SCLK↓
2
50
tDATE
Data output enable delay from SCLK↓ (Note
3)
0
51
tDATD
Data output disable delay from SCLK↓ (Note
3, 4)
25
TABLE 5
SPECIFICATION NUMBER: 79C940-CI (A) REV -
Page 10 of 13


同様の部品番号 - Am79C940BKC

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
AM79C940 AMD-AM79C940 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
logo
Pulse A Technitrol Comp...
AM79C940 PULSE-AM79C940 Datasheet
253Kb / 12P
   LAN DISCRETE TRANSFORMER MODULES
G003.U 2/07
logo
Advanced Micro Devices
AM79C940JC/W AMD-AM79C940JC/W Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940JCW AMD-AM79C940JCW Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
More results

同様の説明 - Am79C940BKC

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM79C940 AMD-AM79C940_00 Datasheet
1Mb / 144P
   Media Access Controller for Ethernet (MACE??
AM79C940 AMD-AM79C940 Datasheet
914Kb / 122P
   Media Access Controller for Ethernet (MACE)
logo
List of Unclassifed Man...
NPC1140-BB1C ETC2-NPC1140-BB1C Datasheet
99Kb / 1P
   Quad Gigabit Ethernet Media Access Controller
logo
Silan Microelectronics ...
SC92031 SILAN-SC92031 Datasheet
476Kb / 38P
   10/100 MBPS INTEGRATED PCI ETHERNET MEDIA ACCESS CONTROLLER AND PHYSICAL LAYER
logo
Texas Instruments
DP83816 TI1-DP83816 Datasheet
1Mb / 112P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller
logo
Digital Core Design
DMAC DCD-DMAC Datasheet
136Kb / 4P
   Media Access Controller
logo
Texas Instruments
DP83815 TI1-DP83815_11 Datasheet
969Kb / 110P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
National Semiconductor ...
DP83815 NSC-DP83815 Datasheet
779Kb / 108P
   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter)
logo
Texas Instruments
DP83816AVNG TI1-DP83816AVNG Datasheet
853Kb / 108P
[Old version datasheet]   DP83816 10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer
DP83816AVNG-NOPB TI1-DP83816AVNG-NOPB Datasheet
854Kb / 109P
[Old version datasheet]   10/100 Mb/s Integrated PCI Ethernet Media Access Controller and Physical Layer (MacPhyter-II)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com