データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD4050BCN データシート(PDF) 3 Page - Rochester Electronics

部品番号 CD4050BCN
部品情報  CD4049UBM Hex Inverting Buffer CD4050BMCD4050BC Hex Non-Inverting Buffer
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

CD4050BCN データシート(HTML) 3 Page - Rochester Electronics

  CD4050BCN Datasheet HTML 1Page - Rochester Electronics CD4050BCN Datasheet HTML 2Page - Rochester Electronics CD4050BCN Datasheet HTML 3Page - Rochester Electronics CD4050BCN Datasheet HTML 4Page - Rochester Electronics CD4050BCN Datasheet HTML 5Page - Rochester Electronics CD4050BCN Datasheet HTML 6Page - Rochester Electronics CD4050BCN Datasheet HTML 7Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
CD4049/CD4050
Specification Number CD4049_50UB-M-(N) REV -
Page 3 of 7
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b05V to a18V
Input Voltage (VIN)
b05V to a18V
Voltage at Any Output Pin (VOUT)
b05V to VDD a 05V
Storage Temperature Range (TS)
b65 C to a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to 15V
Voltage at Any Output Pin (VOUT)
0toVDD
Operating Temperature Range (TA)
CD4049UBM CD4050BM
b55 C to a125 C
CD4049UBC CD4050BC
b40 C to a85 C
DC Electrical Characteristics CD4049MCD4050BM (Note 2)
Symbol
Parameter
Conditions
b55 C
a25 C
a125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V
10
001
10
30
mA
VDD e 10V
20
001
20
60
mA
VDD e 15V
40
003
40
120
mA
VOL
Low Level Output Voltage
VIH e VDD VIL e 0V
lIOl k 1 mA
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
VIH e VDD VIL e 0V
lIOl k 1 mA
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 1 mA
(CD4050BM Only)
VDD e 5V VO e 05V
15
225
15
15
V
VDD e 10V VO e 1V
30
45
30
30
V
VDD e 15V VO e 15V
40
675
40
40
V
VIL
Low Level Input Voltage
lIOl k 1 mA
(CD4049UBM Only)
VDD e 5V VO e 45V
10
15
10
10
V
VDD e 10V VO e 9V
20
25
20
20
V
VDD e 15V VO e 135V
30
35
30
30
V
VIH
High Level Input Voltage
lIOl k 1 mA
(CD4050BM Only)
VDD e 5V VO e 45V
35
35
275
35
V
VDD e 10V VO e 9V
70
70
55
70
V
VDD e 15V VO e 135V
110
110
825
110
V
VIH
High Level Input Voltage
lIOl k 1 mA
(CD4049UBM Only)
VDD e 5V VO e 05V
40
40
35
40
V
VDD e 10V VO e 1V
80
80
75
80
V
VDD e 15V VO e 15V
120
120
115
120
V
IOL
Low Level Output Current
VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 04V
56
46
5
32
mA
VDD e 10V VO e 05V
12
98
12
68
mA
VDD e 15V VO e 15V
35
29
40
20
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
These are
peak output current capabilities Continuous output current is rated at 12 mA maximum The output current should not be allowed to exceed this
value for extended periods of time IOL and IOH are tested one output at a time
2
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage (VDD)
b05V to a18V
Input Voltage (VIN)
b05V to a18V
Voltage at Any Output Pin (VOUT)
b05V to VDD a 05V
Storage Temperature Range (TS)
b65 C to a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Lead Temperature (TL)
(Soldering 10 seconds)
260 C
Recommended Operating
Conditions (Note 2)
Supply Voltage (VDD)
3V to 15V
Input Voltage (VIN)
0V to 15V
Voltage at Any Output Pin (VOUT)
0toVDD
Operating Temperature Range (TA)
CD4049UBM CD4050BM
b55 C to a125 C
CD4049UBC CD4050BC
b40 C to a85 C
DC Electrical Characteristics CD4049MCD4050BM (Note 2)
Symbol
Parameter
Conditions
b55 C
a25 C
a125 C
Units
Min
Max
Min
Typ
Max
Min
Max
IDD
Quiescent Device Current
VDD e 5V
10
001
10
30
mA
VDD e 10V
20
001
20
60
mA
VDD e 15V
40
003
40
120
mA
VOL
Low Level Output Voltage
VIH e VDD VIL e 0V
lIOl k 1 mA
VDD e 5V
005
0
005
005
V
VDD e 10V
005
0
005
005
V
VDD e 15V
005
0
005
005
V
VOH
High Level Output Voltage
VIH e VDD VIL e 0V
lIOl k 1 mA
VDD e 5V
495
495
5
495
V
VDD e 10V
995
995
10
995
V
VDD e 15V
1495
1495
15
1495
V
VIL
Low Level Input Voltage
lIOl k 1 mA
(CD4050BM Only)
VDD e 5V VO e 05V
15
225
15
15
V
VDD e 10V VO e 1V
30
45
30
30
V
VDD e 15V VO e 15V
40
675
40
40
V
VIL
Low Level Input Voltage
lIOl k 1 mA
(CD4049UBM Only)
VDD e 5V VO e 45V
10
15
10
10
V
VDD e 10V VO e 9V
20
25
20
20
V
VDD e 15V VO e 135V
30
35
30
30
V
VIH
High Level Input Voltage
lIOl k 1 mA
(CD4050BM Only)
VDD e 5V VO e 45V
35
35
275
35
V
VDD e 10V VO e 9V
70
70
55
70
V
VDD e 15V VO e 135V
110
110
825
110
V
VIH
High Level Input Voltage
lIOl k 1 mA
(CD4049UBM Only)
VDD e 5V VO e 05V
40
40
35
40
V
VDD e 10V VO e 1V
80
80
75
80
V
VDD e 15V VO e 15V
120
120
115
120
V
IOL
Low Level Output Current
VIH e VDD VIL e 0V
(Note 3)
VDD e 5V VO e 04V
56
46
5
32
mA
VDD e 10V VO e 05V
12
98
12
68
mA
VDD e 15V VO e 15V
35
29
40
20
mA
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed they are not meant to imply that the devices
should be operated at these limits The table of ‘‘Recommended Operating Conditions’’ and ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
VSS e 0V unless otherwise specified
Note 3
These are
peak output current capabilities Continuous output current is rated at 12 mA maximum The output current should not be allowed to exceed this
value for extended periods of time IOL and IOH are tested one output at a time
2


同様の部品番号 - CD4050BCN

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
CD4050BCN NSC-CD4050BCN Datasheet
129Kb / 6P
   Hex Inverting,Non-Inverting Buffer
logo
Fairchild Semiconductor
CD4050BCN FAIRCHILD-CD4050BCN Datasheet
63Kb / 7P
   Hex Inverting Buffer . Hex Non-Inverting Buffer
CD4050BCN FAIRCHILD-CD4050BCN Datasheet
73Kb / 7P
   Hex Inverting Buffer Hex Non-Inverting Buffer
CD4050BCN FAIRCHILD-CD4050BCN Datasheet
74Kb / 7P
   Hex Inverting Buffer ??Hex Non-Inverting Buffer
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com