データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM27C010-70PC データシート(PDF) 2 Page - Rochester Electronics

部品番号 AM27C010-70PC
部品情報  1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

AM27C010-70PC データシート(HTML) 2 Page - Rochester Electronics

  AM27C010-70PC Datasheet HTML 1Page - Rochester Electronics AM27C010-70PC Datasheet HTML 2Page - Rochester Electronics AM27C010-70PC Datasheet HTML 3Page - Rochester Electronics AM27C010-70PC Datasheet HTML 4Page - Rochester Electronics AM27C010-70PC Datasheet HTML 5Page - Rochester Electronics AM27C010-70PC Datasheet HTML 6Page - Rochester Electronics AM27C010-70PC Datasheet HTML 7Page - Rochester Electronics AM27C010-70PC Datasheet HTML 8Page - Rochester Electronics AM27C010-70PC Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
AM27C010
Specification Number AM27C010-CIM (A) REV A
Page 2 of 9
Rochester Part Number
AMD Part Number
Package
Temperature
AM27C010-45DC
AM27C010-45DC
CDIP-32
0° to +70°C
AM27C010-45DC5
AM27C010-45DC5
CDIP-32
0° to +70°C
AM27C010-45DC5B
AM27C010-45DC5B
CDIP-32
0° to +70°C
AM27C010-45DCB
AM27C010-45DCB
CDIP-32
0° to +70°C
AM27C010-45DI
AM27C010-45DI
CDIP-32
-40° to +85°C
AM27C010-45DI5
AM27C010-45DI5
CDIP-32
-40° to +85°C
AM27C010-45DI5B
AM27C010-45DI5B
CDIP-32
-40° to +85°C
AM27C010-45DIB
AM27C010-45DIB
CDIP-32
-40° to +85°C
AM27C010-45EC
AM27C010-45EC
TSSOP-32, Plastic
0° to +70°C
AM27C010-45EC5
AM27C010-45EC5
TSSOP-32, Plastic
0° to +70°C
AM27C010-45EI
AM27C010-45EI
TSSOP-32, Plastic
-40° to +85°C
AM27C010-45EI5
AM27C010-45EI5
TSSOP-32, Plastic
-40° to +85°C
AM27C010-45JC
AM27C010-45JC
LDCC-32, Plastic
0° to +70°C
AM27C010-45JC5
AM27C010-45JC5
LDCC-32, Plastic
0° to +70°C
AM27C010-45JI
AM27C010-45JI
LDCC-32, Plastic
-40° to +85°C
AM27C010-45JI5
AM27C010-45JI5
LDCC-32, Plastic
-40° to +85°C
AM27C010-45PC
AM27C010-45PC
PDIP-32
0° to +70°C
AM27C010-45PC5
AM27C010-45PC5
PDIP-32
0° to +70°C
AM27C010-45PI
AM27C010-45PI
PDIP-32
-40° to +85°C
AM27C010-45PI5
AM27C010-45PI5
PDIP-32
-40° to +85°C
AM27C010-55DC
AM27C010-55DC
CDIP-32
0° to +70°C
AM27C010-55DCB
AM27C010-55DCB
CDIP-32
0° to +70°C
AM27C010-55DI
AM27C010-55DI
CDIP-32
-40° to +85°C
AM27C010-55DIB
AM27C010-55DIB
CDIP-32
-40° to +85°C
AM27C010-55EC
AM27C010-55EC
TSSOP-32, Plastic
0° to +70°C
AM27C010-55EI
AM27C010-55EI
TSSOP-32, Plastic
-40° to +85°C
AM27C010-55JC
AM27C010-55JC
LDCC-32, Plastic
0° to +70°C
AM27C010-55JI
AM27C010-55JI
LDCC-32, Plastic
-40° to +85°C
AM27C010-55PC
AM27C010-55PC
PDIP-32
0° to +70°C
AM27C010-55PI
AM27C010-55PI
PDIP-32
-40° to +85°C
AM27C010-70DC
AM27C010-70DC
CDIP-32
0° to +70°C
AM27C010-70DCB
AM27C010-70DCB
CDIP-32
0° to +70°C
AM27C010-70DI
AM27C010-70DI
CDIP-32
-40° to +85°C
AM27C010-70DIB
AM27C010-70DIB
CDIP-32
-40° to +85°C
AM27C010-70EC
AM27C010-70EC
TSSOP-32, Plastic
0° to +70°C
AM27C010-70EI
AM27C010-70EI
TSSOP-32, Plastic
-40° to +85°C
AM27C010-70JC
AM27C010-70JC
LDCC-32, Plastic
0° to +70°C
AM27C010-70JI
AM27C010-70JI
LDCC-32, Plastic
-40° to +85°C
AM27C010-70LC
AM27C010-70LC
LLCC-32, Ceramic
0° to +70°C
AM27C010-70LCB
AM27C010-70LCB
LLCC-32, Ceramic
0° to +70°C
AM27C010-70LI
AM27C010-70LI
LLCC-32, Ceramic
-40° to +85°C
AM27C010-70LIB
AM27C010-70LIB
LLCC-32, Ceramic
-40° to +85°C
AM27C010-70PC
AM27C010-70PC
PDIP-32
0° to +70°C
AM27C010-70PI
AM27C010-70PI
PDIP-32
-40° to +85°C
AM27C010-90DC
AM27C010-90DC
CDIP-32
0° to +70°C
Rochester Ordering Guide


同様の部品番号 - AM27C010-70PC

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM27C010-70PC5 AMD-AM27C010-70PC5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

同様の説明 - AM27C010-70PC

メーカー部品番号データシート部品情報
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com