データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM27C010-120DE データシート(PDF) 4 Page - Rochester Electronics

部品番号 AM27C010-120DE
部品情報  1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

AM27C010-120DE データシート(HTML) 4 Page - Rochester Electronics

  AM27C010-120DE Datasheet HTML 1Page - Rochester Electronics AM27C010-120DE Datasheet HTML 2Page - Rochester Electronics AM27C010-120DE Datasheet HTML 3Page - Rochester Electronics AM27C010-120DE Datasheet HTML 4Page - Rochester Electronics AM27C010-120DE Datasheet HTML 5Page - Rochester Electronics AM27C010-120DE Datasheet HTML 6Page - Rochester Electronics AM27C010-120DE Datasheet HTML 7Page - Rochester Electronics AM27C010-120DE Datasheet HTML 8Page - Rochester Electronics AM27C010-120DE Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AM27C010
Specification Number AM27C010-CIM (A) REV A
Page 4 of 9
Rochester Part Number
AMD Part Number
Package
Temperature
AM27C010-150LI
AM27C010-150LI
LLCC-32, Ceramic
-40° to +85°C
AM27C010-150LIB
AM27C010-150LIB
LLCC-32, Ceramic
-40° to +85°C
AM27C010-150PC
AM27C010-150PC
PDIP-32
0° to +70°C
AM27C010-150PI
AM27C010-150PI
PDIP-32
-40° to +85°C
AM27C010-200DC
AM27C010-200DC
CDIP-32
0° to +70°C
AM27C010-200DCB
AM27C010-200DCB
CDIP-32
0° to +70°C
AM27C010-200DI
AM27C010-200DI
CDIP-32
-40° to +85°C
AM27C010-200DIB
AM27C010-200DIB
CDIP-32
-40° to +85°C
AM27C010-200DE
AM27C010-200DE
CDIP-32
-55° to +125°C
AM27C010-200DEB
AM27C010-200DEB
CDIP-32
-55° to +125°C
AM27C010-200EC
AM27C010-200EC
TSSOP-32, Plastic
0° to +70°C
AM27C010-200EI
AM27C010-200EI
TSSOP-32, Plastic
-40° to +85°C
AM27C010-200JC
AM27C010-200JC
LDCC-32, Plastic
0° to +70°C
AM27C010-200JI
AM27C010-200JI
LDCC-32, Plastic
-40° to +85°C
AM27C010-200LC
AM27C010-200LC
LLCC-32, Ceramic
0° to +70°C
AM27C010-200LCB
AM27C010-200LCB
LLCC-32, Ceramic
0° to +70°C
AM27C010-200LE
AM27C010-200LE
LLCC-32, Ceramic
-55° to +125°C
AM27C010-200LEB
AM27C010-200LEB
LLCC-32, Ceramic
-55° to +125°C
AM27C010-200LI
AM27C010-200LI
LLCC-32, Ceramic
-40° to +85°C
AM27C010-200LIB
AM27C010-200LIB
LLCC-32, Ceramic
-40° to +85°C
AM27C010-200PC
AM27C010-200PC
PDIP-32
0° to +70°C
AM27C010-200PI
AM27C010-200PI
PDIP-32
-40° to +85°C
AM27C010-255DC
AM27C010-255DC
CDIP-32
0° to +70°C
AM27C010-255DCB
AM27C010-255DCB
CDIP-32
0° to +70°C
AM27C010-255DI
AM27C010-255DI
CDIP-32
-40° to +85°C
AM27C010-255DIB
AM27C010-255DIB
CDIP-32
-40° to +85°C
AM27C010-255DE
AM27C010-255DE
CDIP-32
-55° to +125°C
AM27C010-255DEB
AM27C010-255DEB
CDIP-32
-55° to +125°C
AM27C010-255EC
AM27C010-255EC
TSSOP-32, Plastic
0° to +70°C
AM27C010-255EI
AM27C010-255EI
TSSOP-32, Plastic
-40° to +85°C
AM27C010-255JC
AM27C010-255JC
LDCC-32, Plastic
0° to +70°C
AM27C010-255JI
AM27C010-255JI
LDCC-32, Plastic
-40° to +85°C
AM27C010-255LC
AM27C010-255LC
LLCC-32, Ceramic
0° to +70°C
AM27C010-255LCB
AM27C010-255LCB
LLCC-32, Ceramic
0° to +70°C
AM27C010-255LE
AM27C010-255LE
LLCC-32, Ceramic
-55° to +125°C
AM27C010-255LEB
AM27C010-255LEB
LLCC-32, Ceramic
-55° to +125°C
AM27C010-255LI
AM27C010-255LI
LLCC-32, Ceramic
-40° to +85°C
AM27C010-255LIB
AM27C010-255LIB
LLCC-32, Ceramic
-40° to +85°C
AM27C010-255PC
AM27C010-255PC
PDIP-32
0° to +70°C
AM27C010-255PI
AM27C010-255PI
PDIP-32
-40° to +85°C
Rochester Ordering Guide (continued)


同様の部品番号 - AM27C010-120DE

メーカー部品番号データシート部品情報
logo
Advanced Micro Devices
AM27C010-120DE5 AMD-AM27C010-120DE5 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C010-120DE5B AMD-AM27C010-120DE5B Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
More results

同様の説明 - AM27C010-120DE

メーカー部品番号データシート部品情報
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512_13 Datasheet
611Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
logo
Advanced Micro Devices
AM27C010 AMD-AM27C010 Datasheet
175Kb / 13P
   1 Megabit (128 K x 8-Bit) CMOS EPROM
AM27C2048 AMD-AM27C2048 Datasheet
173Kb / 12P
   2 Megabit (128 K x 16-Bit) CMOS EPROM
AM27X010 AMD-AM27X010 Datasheet
138Kb / 10P
   1 Megabit (128 K x 8-Bit) CMOS ExpressROM Device
AM27H010 AMD-AM27H010 Datasheet
644Kb / 12P
   1 Megabit (131,072 x 8-bit) High Speed CMOS EPROM
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C020 AMD-AM27C020 Datasheet
172Kb / 12P
   2 Megabit (256 K x 8-Bit) CMOS EPROM
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM27C1024 AMD-AM27C1024 Datasheet
165Kb / 12P
   1 Megabit (65 K x 16-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com