データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRLZ44ZPBF データシート(PDF) 2 Page - International Rectifier

部品番号 IRLZ44ZPBF
部品情報  Logic Level, Advanced Process Technology, Ultra Low On-Resistance
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRLZ44ZPBF データシート(HTML) 2 Page - International Rectifier

  IRLZ44ZPBF_10 Datasheet HTML 1Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 2Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 3Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 4Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 5Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 6Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 7Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 8Page - International Rectifier IRLZ44ZPBF_10 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
IRLZ44Z/S/LPbF
2
www.irf.com
S
D
G
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Parameter
Min. Typ. Max. Units
V(BR)DSS
Drain-to-Source Breakdown Voltage55
–––
–––
V
∆V(BR)DSS/∆TJ Breakdown Voltage Temp. Coefficient
–––
0.05
–––
V/°C
RDS(on)
Static Drain-to-Source On-Resistance
–––
11
13.5
m
–––
–––
20
m
–––
–––
22.5
m
VGS(th)
Gate Threshold Voltage
1.0
–––
3.0
V
gfs
Forward Transconductance
27
–––
–––
V
IDSS
Drain-to-Source Leakage Current
–––
–––
20
µA
–––
–––
250
IGSS
Gate-to-Source Forward Leakage
–––
–––
200
nA
Gate-to-Source Reverse Leakage
–––
–––
-200
Qg
Total Gate Charge
–––
24
36
Qgs
Gate-to-Source Charge
–––
7.5
–––
nC
Qgd
Gate-to-Drain ("Miller") Charge–––
12
–––
td(on)
Turn-On Delay Time
–––
14
–––
tr
Rise Time
–––
160
–––
td(off)
Turn-Off Delay Time
–––
25
–––
ns
tf
Fall Time
–––
42
–––
LD
Internal Drain Inductance
–––
4.5
–––
Between lead,
nH
6mm (0.25in.)
LS
Internal Source Inductance
–––
7.5
–––
from package
and center of die contact
Ciss
Input Capacitance
–––
1620
–––
Coss
Output Capacitance
–––
230
–––
Crss
Reverse Transfer Capacitance
–––
130
–––
pF
Coss
Output Capacitance
–––
860
–––
Coss
Output Capacitance
–––
180
–––
Coss eff.
Effective Output Capacitance
–––
280
–––
Source-Drain Ratings and Characteristics
Parameter
Min. Typ. Max. Units
IS
Continuous Source Current
–––
–––
51
(Body Diode)
A
ISM
Pulsed Source Current
–––
–––
204
(Body Diode)
Ù
VSD
Diode Forward Voltage–––
–––
1.3
V
trr
Reverse Recovery Time
–––
2132ns
Qrr
Reverse Recovery Charge
–––
16
24
nC
ton
Forward Turn-On Time
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Conditions
VGS = 5.0V e
VGS = 0V
VDS = 25V
ƒ = 1.0MHz
MOSFET symbol
showing the
integral reverse
p-n junction diode.
TJ = 25°C, IS = 31A, VGS = 0V e
TJ = 25°C, IF = 31A, VDD = 28V
di/dt = 100A/µs
e
Conditions
VGS = 0V, ID = 250µA
Reference to 25°C, ID = 1mA
VGS = 10V, ID = 31A e
VDS = VGS, ID = 250µA
VDS = 55V, VGS = 0V
VDS = 55V, VGS = 0V, TJ = 125°C
VGS = 0V, VDS = 0V to 44V f
VGS = 5.0V e
VDD = 50V
ID = 31A
RG = 7.5
VGS = 5.0V, ID = 30A e
VGS = 4.5V, ID = 15A e
VGS = 0V, VDS = 1.0V, ƒ = 1.0MHz
VGS = 0V, VDS = 44V, ƒ = 1.0MHz
VDS = 25V, ID = 31A
ID = 31A
VDS = 44V
VGS = 16V
VGS = -16V


同様の部品番号 - IRLZ44ZPBF_10

メーカー部品番号データシート部品情報
logo
International Rectifier
IRLZ44ZPBF IRF-IRLZ44ZPBF_15 Datasheet
387Kb / 12P
   Advnaced Process Technology
More results

同様の説明 - IRLZ44ZPBF_10

メーカー部品番号データシート部品情報
logo
International Rectifier
AUIRFS3206 IRF-AUIRFS3206 Datasheet
292Kb / 13P
   Advanced Process Technology Ultra Low On-Resistance
IRF7380QPBF IRF-IRF7380QPBF_10 Datasheet
206Kb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF3710Z KERSEMI-IRF3710Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF2807SPBF KERSEMI-IRF2807SPBF Datasheet
4Mb / 10P
   Advanced Process Technology Ultra Low On-Resistance
IRF3205Z KERSEMI-IRF3205Z Datasheet
4Mb / 12P
   Advanced Process Technology Ultra Low On-Resistance
IRF1404 KERSEMI-IRF1404 Datasheet
2Mb / 8P
   Advanced Process Technology Ultra Low On-Resistance
logo
International Rectifier
AUIRFS3004-7P IRF-AUIRFS3004-7P Datasheet
379Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRFR1018E IRF-AUIRFR1018E Datasheet
239Kb / 12P
   Advanced Process Technology Ultra Low On-Resistance
AUIRF1324WL IRF-AUIRF1324WL Datasheet
246Kb / 11P
   Advanced Process Technology Ultra Low On-Resistance
IRF9204PBF IRF-IRF9204PBF Datasheet
240Kb / 7P
   Advanced Process Technology, Ultra Low On-Resistance
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com