データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM27C512-200JI データシート(PDF) 1 Page - Rochester Electronics

部品番号 AM27C512-200JI
部品情報  512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ROCHESTER [Rochester Electronics]
ホームページ  http://www.rocelec.com/
Logo ROCHESTER - Rochester Electronics

AM27C512-200JI データシート(HTML) 1 Page - Rochester Electronics

  AM27C512-200JI Datasheet HTML 1Page - Rochester Electronics AM27C512-200JI Datasheet HTML 2Page - Rochester Electronics AM27C512-200JI Datasheet HTML 3Page - Rochester Electronics AM27C512-200JI Datasheet HTML 4Page - Rochester Electronics AM27C512-200JI Datasheet HTML 5Page - Rochester Electronics AM27C512-200JI Datasheet HTML 6Page - Rochester Electronics AM27C512-200JI Datasheet HTML 7Page - Rochester Electronics AM27C512-200JI Datasheet HTML 8Page - Rochester Electronics AM27C512-200JI Datasheet HTML 9Page - Rochester Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
AM27C512
© 2013 Rochester Electronics, LLC. All Rights Reserved 05172013
Specification Number AM27C512-CIM (A) REV B
Page 1 of 9
Rochester Electronics guarantees performance of its semiconductor products to the original OEM specifications. “Typical” values are for reference purposes
only. Certain minimum or maximum ratings may be based on product characterization, design, simulation, or sample testing. Rochester Electronics reserves
the right to make changes without further notice to any specification herein.
For complete Rochester ordering guide, please refer to page 2.
Please contact factory for specific package and specification availability.
TABLE 5
SPECIFICATION NUMBER: AM27C512-CIM (A) REV -
Page 1 of 6


同様の部品番号 - AM27C512-200JI

メーカー部品番号データシート部品情報
logo
Rochester Electronics
AM27C512-200JI ROCHESTER-AM27C512-200JI Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
More results

同様の説明 - AM27C512-200JI

メーカー部品番号データシート部品情報
logo
Rochester Electronics
AM27C512 ROCHESTER-AM27C512 Datasheet
788Kb / 9P
   512 Kilobit ( 64 K x 8-Bit ) CMOS EPROM Speed options as fast as 55 ns
AM27C010 ROCHESTER-AM27C010 Datasheet
926Kb / 9P
   1 Megabit ( 128 K x 8-Bit ) CMOS EPROM Speed options as fast as 45 ns
logo
Advanced Micro Devices
AM27C512 AMD-AM27C512 Datasheet
168Kb / 12P
   512 Kilobit (64 K x 8-Bit) CMOS EPROM
AM27C64 AMD-AM27C64 Datasheet
172Kb / 12P
   64 Kilobit (8 K x 8-Bit) CMOS EPROM
AMD27C64 AMD-AMD27C64 Datasheet
88Kb / 11P
   64 Kilobit (8,192 x 8-Bit) CMOS EPROM
AM27X512 AMD-AM27X512 Datasheet
135Kb / 10P
   512 Kilobit (64 K x 8-Bit) CMOS ExpressROM Device
AM27X64 AMD-AM27X64 Datasheet
139Kb / 10P
   64 Kilobit (8 K x 8-Bit) CMOS ExpressROM Device
AM27C040 AMD-AM27C040_99 Datasheet
166Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
AM28F512 AMD-AM28F512 Datasheet
484Kb / 35P
   512 Kilobit (64 K x 8-Bit) CMOS 12.0 Volt, Bulk Erase Flash Memory
AM27C040 AMD-AM27C040 Datasheet
175Kb / 13P
   4 Megabit (512 K x 8-Bit) CMOS EPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com