データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI2305DS-T1 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI2305DS-T1
部品情報  P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI2305DS-T1 データシート(HTML) 1 Page - Vishay Siliconix

  SI2305DS-T1 Datasheet HTML 1Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 2Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 3Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 4Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 5Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 6Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 7Page - Vishay Siliconix SI2305DS-T1 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Vishay Siliconix
Si2305DS
Document Number: 70833
S09-0133-Rev. E, 02-Feb-09
www.vishay.com
1
P-Channel 1.25-W, 1.8-V (G-S) MOSFET
FEATURES
Halogen-free According to IEC 61249-2-21
Available
TrenchFET® Power MOSFETs: 1.8 V Rated
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
- 8
0.052 at VGS = - 4.5 V
± 3.5
0.071 at VGS = - 2.5 V
± 3
0.108 at VGS = - 1.8 V
± 2
G
TO-236
(SOT-23)
S
D
Top View
2
3
1
Si2305DS (A5)*
* Marking Code
Ordering Information: Si2305DS-T1
Si2305DS-T1-E3 (Lead (Pb)-free)
Si2305DS-T1-GE3 (Lead (Pb)-free and Halogen-free)
Notes:
a. Surface Mounted on FR4 board.
b. t
≤ 5 s.
* Pb containing terminations are not RoHS compliant, exemptions may apply.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
Limit
Unit
Drain-Source Voltage
VDS
- 8
V
Gate-Source Voltage
VGS
± 8
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
± 3.5
A
TA = 70 °C
± 2.8
Pulsed Drain Current
IDM
± 12
Continuous Source Current (Diode Conduction)a, b
IS
- 1.6
Maximum Power Dissipationa, b
TA = 25 °C
PD
1.25
W
TA = 70 °C
0.8
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
Symbol
Typical
Maximum
Unit
Maximum Junction-to-Ambienta
t
≤ 5 s
RthJA
100
°C/W
Steady State
130


同様の部品番号 - SI2305DS-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2305DS-T1-E3 VISHAY-SI2305DS-T1-E3 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
logo
VBsemi Electronics Co.,...
SI2305DS-T1-GE3 VBSEMI-SI2305DS-T1-GE3 Datasheet
1Mb / 9P
   P-Channel 20-V (D-S) MOSFET
More results

同様の説明 - SI2305DS-T1

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI2305DS VISHAY-SI2305DS Datasheet
54Kb / 4P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. C, 28-Dec-98
SI2305DS-T1-E3 VISHAY-SI2305DS-T1-E3 Datasheet
194Kb / 8P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. E, 02-Feb-09
SI2315DS VISHAY-SI2315DS Datasheet
58Kb / 4P
   P-Channel 1.25-W, 1.8-V (G-S) MOSFET
Rev. C, 13-Oct-03
logo
Guangdong Kexin Industr...
KI2305DS KEXIN-KI2305DS Datasheet
49Kb / 2P
   P-Channel 1.25-W, 1.8-V (G-S) Mosfet
logo
Vishay Siliconix
SI1305DL VISHAY-SI1305DL Datasheet
42Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. C, 07-Apr-03
SI2311DS-T1-E3 VISHAY-SI2311DS-T1-E3 Datasheet
214Kb / 8P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 24-Mar-08
SI1407DL-T1 VISHAY-SI1407DL-T1 Datasheet
80Kb / 5P
   P-Channel 1.8-V (G-S) MOSFET
Rev. D, 12-Jun-06
SI4465ADY VISHAY-SI4465ADY Datasheet
216Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Jan-07
SI6467BDQ VISHAY-SI6467BDQ_05 Datasheet
196Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. B, 12-Dec-05
SI1307DL VISHAY-SI1307DL Datasheet
68Kb / 4P
   P-Channel 1.8-V (G-S) MOSFET
Rev. A, 01-Nov-99
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com