データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5543CRMZ データシート(PDF) 3 Page - Analog Devices

部品番号 AD5543CRMZ
部品情報  Current Output/Serial Input, 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5543CRMZ データシート(HTML) 3 Page - Analog Devices

  AD5543CRMZ Datasheet HTML 1Page - Analog Devices AD5543CRMZ Datasheet HTML 2Page - Analog Devices AD5543CRMZ Datasheet HTML 3Page - Analog Devices AD5543CRMZ Datasheet HTML 4Page - Analog Devices AD5543CRMZ Datasheet HTML 5Page - Analog Devices AD5543CRMZ Datasheet HTML 6Page - Analog Devices AD5543CRMZ Datasheet HTML 7Page - Analog Devices AD5543CRMZ Datasheet HTML 8Page - Analog Devices AD5543CRMZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
AD5543/AD5553
Rev. F | Page 3 of 20
SPECIFICATIONS
VDD = 5 V ± 10%, VSS = 0 V, IOUT = virtual GND, GND = 0 V, VREF = 10 V, TA = full operating temperature range, unless otherwise noted.
Table 1.
Parameter
Symbol
Condition
5 V ± 10%
Unit
STATIC PERFORMANCE1
Resolution
N
1 LSB = VREF/216 = 153 µV when VREF = 10 V (AD5543)
16
Bits
1 LSB = VREF/214 = 610 µV when VREF = 10 V (AD5553)
14
Bits
Relative Accuracy
INL
Grade: AD5553C
±1
LSB max
Grade: AD5543C
±1
LSB max
Grade: AD5543B
±2
LSB max
Differential Nonlinearity
DNL
Monotonic
±1
LSB max
Output Leakage Current
IOUT
Data = 0x0000, TA = 25°C
10
nA max
Data = 0x0000, TA = TA maximum
20
nA max
Full-Scale Gain Error
GFSE
Data = 0xFFFF
±1/±4
mV typ/max
Full-Scale Temperature Coefficient2
TCVFS
1
ppm/°C typ
REFERENCE INPUT
VREF Range
VREF
−15/+15
V min/max
Input Resistance
RREF
5
kΩ typ3
Input Capacitance2
CREF
5
pF typ
ANALOG OUTPUT
Output Current
IOUT
Data = 0xFFFF for AD5543
2
mA typ
Data = 0x3FFF for AD5553
Output Capacitance2
COUT
Code dependent
200
pF typ
LOGIC INPUTS AND OUTPUT
Logic Input Low Voltage
VIL
0.8
V max
Logic Input High Voltage
VIH
2.4
V min
Input Leakage Current
IIL
10
µA max
Input Capacitance2
CIL
10
pF max
INTERFACE TIMING2, 4
See Figure 4 and Figure 5
Clock Input Frequency
fCLK
50
MHz
Clock Width High
tCH
10
ns min
Clock Width Low
tCL
10
ns min
CS to Clock Setup
tCSS
0
ns min
Clock to CS Hold
tCSH
10
ns min
Data Setup
tDS
5
ns min
Data Hold
tDH
10
ns min
SUPPLY CHARACTERISTICS
Power Supply Range
VDD RANGE
4.5/5.5
V min/max
Positive Supply Current
IDD
Logic inputs = 0 V
10
µA max
Power Dissipation
PDISS
Logic inputs = 0 V
0.055
mW max
Power Supply Sensitivity
PSS
ΔVDD = ±5%
0.006
%/% max


同様の部品番号 - AD5543CRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5543 AD-AD5543 Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5543 AD-AD5543 Datasheet
860Kb / 32P
   Dual 8-,10-,12-Bit High Bandwidth Multiplying DACs with Serial Interface
REV. 0
AD5543 AD-AD5543 Datasheet
584Kb / 20P
   8-Bit, High Speed, Multiplying D/A Converter (Universal Digital Logic Interface)
REV. C
AD5543 AD-AD5543 Datasheet
753Kb / 25P
   Dual 12-Bit, High Bandwidth, Multiplying DAC with 4-Quadrant Resistors and Parallel Interface
REV. B
AD5543 AD-AD5543 Datasheet
405Kb / 20P
   Dual-Current Output, Parallel Input, 16 /14-Bit Multiplying DACs with 4-Quadrant Resistors
Rev. D
More results

同様の説明 - AD5543CRMZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com