データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD5543BR データシート(PDF) 11 Page - Analog Devices

部品番号 AD5543BR
部品情報  Current Output/Serial Input, 16-/14-Bit DACs
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD5543BR データシート(HTML) 11 Page - Analog Devices

Back Button AD5543BR Datasheet HTML 7Page - Analog Devices AD5543BR Datasheet HTML 8Page - Analog Devices AD5543BR Datasheet HTML 9Page - Analog Devices AD5543BR Datasheet HTML 10Page - Analog Devices AD5543BR Datasheet HTML 11Page - Analog Devices AD5543BR Datasheet HTML 12Page - Analog Devices AD5543BR Datasheet HTML 13Page - Analog Devices AD5543BR Datasheet HTML 14Page - Analog Devices AD5543BR Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
AD5543/AD5553
Rev. F | Page 11 of 20
APPLICATIONS INFORMATION
STABILITY
VDD
VREF
VREF
VDD
U2
U1
AD5543/AD5553
VO
GND
IOUT
RFB
AD8628
C1
Figure 21. Optional Compensation Capacitor for Gain Peaking Prevention
In the I-to-V configuration, the IOUT of the DAC and the inverting
node of the op amp must be connected as close as possible to
each other, and proper PCB layout technique must be employed.
Because every code change corresponds to a step function, gain
peaking may occur if the op amp has limited GBP and there is
excessive parasitic capacitance at the inverting node.
An optional compensation capacitor, C1, can be added for
stability, as shown in Figure 21. C1 should be found empirically,
but 20 pF is generally adequate for the compensation.
POSITIVE VOLTAGE OUTPUT
To achieve the positive voltage output, an applied negative
reference to the input of the DAC is preferred over the output
inversion through an inverting amplifier because of the tolerance
errors of the resistors. To generate a negative reference, the
reference can be level-shifted by an op amp such that the VOUT
and GND pins of the reference become the virtual ground and
−2.5 V, respectively (see Figure 22).
VREF
VDD
U2
U1
AD5543/AD5553
VO
GND
IOUT
RFB
1/2AD8628
1/2AD8620
VOUT VIN
GND
V+
V–
+5V
–5V
ADR03
+5V
–2.5V
U3
U4
C1
0V < VO < +2.5V
Figure 22. Positive Voltage Output Configuration
BIPOLAR OUTPUT
The AD5543/AD5553 are inherently 2-quadrant multiplying
DACs. That is, they can easily be set up for unipolar output
operation. The full-scale output polarity is the inverse of the
reference input voltage.
In some applications, it may be necessary to generate the full
4-quadrant multiplying capability or a bipolar output swing,
which is easily accomplished by using an additional U4 external
amplifier configured as a summing amplifier (see Figure 23). In
this circuit, the second amplifier, U4, provides a gain of 2 that
increases the output span magnitude to 5 V. Biasing the external
amplifier with a 2.5 V offset from the reference voltage results in a
full 4-quadrant multiplying circuit. The transfer equation of this
circuit shows that both negative and positive output voltages are
created as the input data (D) is incremented from code zero
(VOUT = −2.5 V) to midscale (VOUT = 0 V) to full-scale (VOUT =
+2.5 V).
VOUT = (D/32,768 − 1) × VREF (AD5543)
(3)
VOUT = (D/16,384 − 1) × VREF (AD5553)
(4)
For the AD5543, the resistance tolerance becomes the dominant
error of which users should be aware.
VREF
VDD
U2
U1
AD5553 ONLY
VO
GND
IOUT
RFB
1/2AD8620
VOUT VIN
GND
ADR03
U3
1/2AD8620
V+
V–
+5V
–5V
+5V
U4
C1
–2.5V < VO < +2.5V
C2
R3
R1
10k
Ω ± 0.01%
5k
Ω ± 0.01%
10kΩ ± 0.01%
+5V
R2
Figure 23. 4-Quadrant Multiplying Application Circuit


同様の部品番号 - AD5543BR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5543BR AD-AD5543BR Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
AD5543BRM AD-AD5543BRM Datasheet
259Kb / 12P
   Current Output/ Serial Input, 16-/14-Bit DAC
REV. A
More results

同様の説明 - AD5543BR

メーカー部品番号データシート部品情報
logo
Analog Devices
AD5543 AD-AD5543_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5553 AD-AD5553_15 Datasheet
582Kb / 20P
   Current Output/Serial Input, 16-/14-Bit DACs
Rev. F
AD5544 AD-AD5544_12 Datasheet
694Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5545 AD-AD5545 Datasheet
924Kb / 24P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
Rev. G
AD5544ARSZ AD-AD5544ARSZ Datasheet
875Kb / 28P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. F
AD5544 AD-AD5544_13 Datasheet
735Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
Rev. G
AD5544 AD-AD5544_04 Datasheet
909Kb / 20P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
REV. A
AD5544 AD-AD5544_15 Datasheet
747Kb / 24P
   Quad, Current-Output, Serial-Input 16-/14-Bit DACs
AD5545 AD-AD5545_16 Datasheet
977Kb / 23P
   Dual, Current-Output, Serial-Input, 16-/14-Bit DACs
AD5544 AD-AD5544 Datasheet
473Kb / 16P
   Quad, Current-Output Serial-Input, 16-Bit/14-Bit DACs
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com