データシートサーチシステム |
|
AD7793BRUZ-REEL1 データシート(PDF) 8 Page - Analog Devices |
|
AD7793BRUZ-REEL1 データシート(HTML) 8 Page - Analog Devices |
8 / 32 page AD7792/AD7793 Rev. B | Page 8 of 32 ABSOLUTE MAXIMUM RATINGS TA = 25°C, unless otherwise noted. Table 3. Parameter Ratings AVDD to GND −0.3 V to +7 V DVDD to GND −0.3 V to +7 V Analog Input Voltage to GND −0.3 V to AVDD + 0.3 V Reference Input Voltage to GND −0.3 V to AVDD + 0.3 V Digital Input Voltage to GND −0.3 V to DVDD + 0.3 V Digital Output Voltage to GND −0.3 V to DVDD + 0.3 V AIN/Digital Input Current 10 mA Operating Temperature Range −40°C to +105°C Storage Temperature Range −65°C to +150°C Maximum Junction Temperature 150°C TSSOP θJA Thermal Impedance 128°C/W θJC Thermal Impedance 14°C/W Lead Temperature, Soldering Vapor Phase (60 sec) 215°C Infrared (15 sec) 220°C Stresses above those listed under Absolute Maximum Ratings may cause permanent damage to the device. This is a stress rating only; functional operation of the device at these or any other conditions above those listed in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. ESD CAUTION |
同様の部品番号 - AD7793BRUZ-REEL1 |
|
同様の説明 - AD7793BRUZ-REEL1 |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |