データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8206WYRZ データシート(PDF) 1 Page - Analog Devices

部品番号 AD8206WYRZ
部品情報  High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8206WYRZ データシート(HTML) 1 Page - Analog Devices

  AD8206WYRZ Datasheet HTML 1Page - Analog Devices AD8206WYRZ Datasheet HTML 2Page - Analog Devices AD8206WYRZ Datasheet HTML 3Page - Analog Devices AD8206WYRZ Datasheet HTML 4Page - Analog Devices AD8206WYRZ Datasheet HTML 5Page - Analog Devices AD8206WYRZ Datasheet HTML 6Page - Analog Devices AD8206WYRZ Datasheet HTML 7Page - Analog Devices AD8206WYRZ Datasheet HTML 8Page - Analog Devices AD8206WYRZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
High Common-Mode Voltage,
Bidirectional Current Shunt Amplifier
Data Sheet
AD8206
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2005–2012 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Ideal for current shunt applications
High common-mode voltage range
−2 V to +65 V operating
−25 V to +75 V survival
Gain = 20
Wide operating temperature range
−40°C to +125°C for Y grade and WY grade
−40°C to +150°C for WH grade
Bidirectional operation
Available in 8-lead SOIC
Qualified for automotive applications
EXCELLENT AC AND DC PERFORMANCE
15 µV/°C offset drift
30 ppm/°C gain drift
80 dB CMRR dc to 20 kHz
APPLICATIONS
High-side current sensing in
Motor controls
Transmission controls
Diesel-injection controls
Engine management
Suspension controls
Vehicle dynamic controls
DC-to-dc converters
FUNCTIONAL BLOCK DIAGRAM
AD8206
8
1
4
2
3
7
5
6
+IN
–IN
NC
NC = NO CONNECT
GND
V+
OUT
VREF1
VREF2
Figure 1.
GENERAL DESCRIPTION
The AD8206 is a single-supply difference amplifier for
amplifying small differential voltages in the presence of large
common-mode voltages. The operating input common-mode
voltage range extends from −2 V to +65 V. The typical single-
supply voltage is 5 V.
The AD8206 is offered in an 8-lead SOIC package. The Y grade
and WY grade models are rated for operation from −40°C to
+125°C. The WH grade is rated from −40°C to +150°C.
Excellent DC performance over temperature keeps errors in the
measurement loop to a minimum. Offset drift is typically less
than 15 µV/°C, and gain drift is typically below 30 ppm/°C.
The output offset can be adjusted from 0.08 V to 4.7 V with
a 5 V supply by using the VREF1 and VREF2 pins. With VREF1
attached to the V+ pin, and VREF2 attached to the GND pin,
the output is set at half scale. Attaching both pins to GND
causes the output to be unipolar, starting near ground.
Attaching both pins to V+ causes the output to be unipolar
starting near V+. Other offsets can be obtained by applying
an external voltage to the VREF1 and VREF2 pins.


同様の部品番号 - AD8206WYRZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8206 AD-AD8206 Datasheet
262Kb / 12P
   Single-Supply 42 V System Difference Amplifier
Rev. PrA
AD8206 AD-AD8206 Datasheet
381Kb / 20P
   Programmable Gain Precision Difference Amplifier
Rev. 0
AD8206 AD-AD8206 Datasheet
152Kb / 4P
   Precision, Dual-Channel Difference Amplifier
Rev. PrA
AD8206 AD-AD8206 Datasheet
329Kb / 16P
   Very Low Distortion, Dual-Channel, High Precision Difference Amplifier
Rev. B
AD8206 AD-AD8206 Datasheet
144Kb / 4P
   Dual-Channel Audio Difference Amplifier
Rev. PrA
More results

同様の説明 - AD8206WYRZ

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8206 AD-AD8206_15 Datasheet
361Kb / 13P
   High Common-Mode Voltage, Bidirectional Current Shunt Amplifier
REV. C
logo
Texas Instruments
LMP8601 TI1-LMP8601_15 Datasheet
1Mb / 33P
[Old version datasheet]   Common-Mode Bidirectional Precision Current-Sensing Amplifier
logo
Analog Devices
AD8210 AD-AD8210_15 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_12 Datasheet
293Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. C
AD8210 AD-AD8210_07 Datasheet
406Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. A
AD8210YR-R7 AD-AD8210YR-R7 Datasheet
329Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. D
AD8210 AD-AD8210_17 Datasheet
284Kb / 15P
   High Voltage, Bidirectional Current Shunt Monitor
AD8210 AD-AD8210_06 Datasheet
354Kb / 16P
   High Voltage, Bidirectional Current Shunt Monitor
REV. 0
logo
National Semiconductor ...
LMP8601 NSC-LMP8601 Datasheet
533Kb / 22P
   60V Common Mode, Bidirectional Precision Current Sensing Amplifier
logo
Texas Instruments
INA240 TI1-INA240 Datasheet
543Kb / 8P
[Old version datasheet]   Wide Common-Mode Range, Voltage Output High- or Low-Side Bidirectional, Zero-Drift, Current-Shunt Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com