データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD8332ARU データシート(PDF) 8 Page - Analog Devices

部品番号 AD8332ARU
部品情報  Ultralow Noise VGAs with Preamplifier and Programmable RIN
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD8332ARU データシート(HTML) 8 Page - Analog Devices

Back Button AD8332ARU Datasheet HTML 4Page - Analog Devices AD8332ARU Datasheet HTML 5Page - Analog Devices AD8332ARU Datasheet HTML 6Page - Analog Devices AD8332ARU Datasheet HTML 7Page - Analog Devices AD8332ARU Datasheet HTML 8Page - Analog Devices AD8332ARU Datasheet HTML 9Page - Analog Devices AD8332ARU Datasheet HTML 10Page - Analog Devices AD8332ARU Datasheet HTML 11Page - Analog Devices AD8332ARU Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 56 page
background image
AD8331/AD8332/AD8334
Rev. G | Page 8 of 56
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
MODE
VIP
GAIN
VIN
LOP
COML
LMD
LON
VPSL
INH
1
2
3
4
5
6
7
8
9
10
RCLMP
COMM
VOH
ENBV
VCM
VPOS
VOL
HILO
ENBL
COMM
20
19
18
17
16
15
14
13
12
11
AD8331
TOP VIEW
(Not to Scale)
PIN 1
INDICATOR
Figure 3. 20-Lead QSOP Pin Configuration (AD8331)
Table 3. 20-Lead QSOP Pin Function Description (AD8331)
Pin No.
Mnemonic
Description
1
LMD
LNA Midsupply Bypass Pin; Connect a Capacitor for Midsupply HF Bypass
2
INH
LNA Input
3
VPSL
LNA 5 V Supply
4
LON
LNA Inverting Output
5
LOP
LNA Noninverting Output
6
COML
LNA Ground
7
VIP
VGA Noninverting Input
8
VIN
VGA Inverting Input
9
MODE
Gain Slope Logic Input
10
GAIN
Gain Control Voltage
11
VCM
Common-Mode Voltage
12
RCLMP
Output Clamping Level
13
HILO
Gain Range Select (HI or LO)
14
VPOS
VGA 5 V Supply
15
VOH
Noninverting VGA Output
16
VOL
Inverting VGA Output
17
COMM
VGA Ground
18
ENBV
VGA Enable
19
ENBL
LNA Enable
20
COMM
VGA Ground


同様の部品番号 - AD8332ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8332ARU AD-AD8332ARU Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332ARU AD-AD8332ARU Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
AD8332ARU AD-AD8332ARU Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332ARU-REEL AD-AD8332ARU-REEL Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
More results

同様の説明 - AD8332ARU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD8331 AD-AD8331_06 Datasheet
867Kb / 40P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. E
AD8331 AD-AD8331 Datasheet
482Kb / 32P
   Ultralow Noise VGAs with Preamplifier and Programmable RIN
Rev. C
AD8332 AD-AD8332_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8331 AD-AD8331_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8334 AD-AD8334_15 Datasheet
1Mb / 56P
   Ultralow Noise VGAs with Preamplifier and Programmable R
Rev. G
AD8332 AD-AD8332 Datasheet
606Kb / 28P
   Dual VGA with Ultralow Noise Preamplifier and Programmable RIN
REV. 0
ADRF6520 AD-ADRF6520 Datasheet
1Mb / 29P
   Dual Programmable Filters and VGAs
ADL5336 AD-ADL5336_18 Datasheet
1Mb / 30P
   Cascadable IF VGAs with Programmable RMS Detectors
SSM2165 AD-SSM2165_15 Datasheet
338Kb / 12P
   Microphone Preamplifier with Variable Compression and Noise Gating
SSM2166 AD-SSM2166_08 Datasheet
549Kb / 20P
   Microphone Preamplifier with Variable Compression and Noise Gating
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com