データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9244BSTRL-40 データシート(PDF) 10 Page - Analog Devices

部品番号 AD9244BSTRL-40
部品情報  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9244BSTRL-40 データシート(HTML) 10 Page - Analog Devices

Back Button AD9244BSTRL-40 Datasheet HTML 6Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 7Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 8Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 9Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 10Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 11Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 12Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 13Page - Analog Devices AD9244BSTRL-40 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
AD9244
Rev. C | Page 10 of 36
Spurious-Free Dynamic Range (SFDR)1
The difference in dB between the rms amplitude of the input
signal and the peak spurious signal.
Temperature Drift
The temperature drift for offset error and gain error specifies
the maximum change from initial (25°C) value to the value at
TMIN or TMAX.
Total Harmonic Distortion (THD)1
The ratio of the rms sum of the first six harmonic components
to the rms value of the measured input signal.
Offset Error
The major carry transition should occur for an analog value
½ LSB below VIN+ = VIN−. Offset error is defined as the
deviation of the actual transition from that point.
1 AC specifications can be reported in dBc (degrades as signal levels are
lowered) or in dBFS (always related back to converter full scale).


同様の部品番号 - AD9244BSTRL-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9244BSTRL-40 AD-AD9244BSTRL-40 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9244BSTRL-40 AD-AD9244BSTRL-40 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

同様の説明 - AD9244BSTRL-40

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com