データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD9244BSTZ-401 データシート(PDF) 7 Page - Analog Devices

部品番号 AD9244BSTZ-401
部品情報  14-Bit, 40 MSPS/65 MSPS A/D Converter
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD9244BSTZ-401 データシート(HTML) 7 Page - Analog Devices

Back Button AD9244BSTZ-401 Datasheet HTML 3Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 4Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 5Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 6Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 7Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 8Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 9Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 10Page - Analog Devices AD9244BSTZ-401 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9244
Rev. C | Page 7 of 36
ABSOLUTE MAXIMUM RATINGS
Table 5.
Parameter
With
Respect to
Rating
ELECTRICAL
AVDD
AGND
–0.3 V to +6.5 V
DRVDD
DGND
−0.3 V to +6.5 V
AGND
DGND
–0.3 V to +0.3 V
AVDD
DRVDD
–6.5 V to +6.5 V
REFGND
AGND
–0.3 V to +0.3 V
CLK+, CLK–, DCS
AGND
–0.3 V to AVDD + 0.3 V
DFS
AGND
–0.3 V to AVDD + 0.3 V
VIN+, VIN–
AGND
–0.3 V to AVDD + 0.3 V
VREF
AGND
–0.3 V to AVDD + 0.3 V
SENSE
AGND
–0.3 V to AVDD + 0.3 V
REFB, REFT
AGND
–0.3 V to AVDD + 0.3 V
CML
AGND
–0.3 V to AVDD + 0.3 V
VR
AGND
–0.3 V to AVDD + 0.3 V
OTR
DGND
–0.3 V to DRVDD + 0.3 V
D0 to D13
DGND
–0.3 V to DRVDD + 0.3 V
OEB
DGND
–0.3 V to DRVDD + 0.3 V
ENVIRONMENTAL1
Junction Temperature
150°C
Storage Temperature
−65°C to +150°C
Operating Temperature
−40°C to +85°C
Lead Temperature (10 sec)
300°C
1 Typical thermal impedances; θJA = 50.0°C/W; θJC = 17.0°C/W. These
measurements were taken on a 4-layer board in still air, in accordance with
EIA/JESD51-7.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum ratings for extended periods may affect
device reliability.
EXPLANATION OF TEST LEVELS
Table 6.
Test
Level
Description
I
100% production tested.
II
100% production tested at 25°C and sample tested at
specified temperatures.
III
Sample tested only.
IV
Parameter is guaranteed by design and characterization
testing.
V
Parameter is a typical value only.
VI
100% production tested at 25°C; guaranteed by design
and characterization testing for industrial temperature
range; 100% production tested at temperature extremes
for military devices.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on the
human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.


同様の部品番号 - AD9244BSTZ-401

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9244BSTZ-40 AD-AD9244BSTZ-40 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
More results

同様の説明 - AD9244BSTZ-401

メーカー部品番号データシート部品情報
logo
Analog Devices
AD9244 AD-AD9244_15 Datasheet
1Mb / 36P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. C
AD9244 AD-AD9244_17 Datasheet
996Kb / 37P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
AD6644 AD-AD6644 Datasheet
1Mb / 19P
   14-Bit, 40 MSPS/65 MSPS A/D Converter
REV. 0
AD9248BSTZ-65 AD-AD9248BSTZ-65 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248 AD-AD9248_15 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-40 AD-AD9248BSTZ-40 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9248BSTZ-20 AD-AD9248BSTZ-20 Datasheet
1Mb / 48P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS Dual A/D Converter
REV. B
AD9245 AD-AD9245_15 Datasheet
810Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
Rev. E
AD9244 AD-AD9244 Datasheet
1Mb / 36P
   14-Bit, 40/65 MSPS Monolithic A/D Converter
REV. A
AD9245 AD-AD9245 Datasheet
881Kb / 32P
   14-Bit, 20 MSPS/40 MSPS/65 MSPS/80 MSPS, 3 V A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com