データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AD7304BRU データシート(PDF) 11 Page - Analog Devices

部品番号 AD7304BRU
部品情報  3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

AD7304BRU データシート(HTML) 11 Page - Analog Devices

Back Button AD7304BRU Datasheet HTML 7Page - Analog Devices AD7304BRU Datasheet HTML 8Page - Analog Devices AD7304BRU Datasheet HTML 9Page - Analog Devices AD7304BRU Datasheet HTML 10Page - Analog Devices AD7304BRU Datasheet HTML 11Page - Analog Devices AD7304BRU Datasheet HTML 12Page - Analog Devices AD7304BRU Datasheet HTML 13Page - Analog Devices AD7304BRU Datasheet HTML 14Page - Analog Devices AD7304BRU Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD7304/AD7305
Rev. C | Page 11 of 20
CS
5V
0V
0V
VOUT
VDD = 5V
VREF = 4V
DATA = 0x00
0xFF
2
µs/DIV
Figure 16. Large-Signal Settling Time
VOUTA
5V
0V
+5V
5V
0V
+5V
VREFIN
(
±5V @
50kHz)
DATA = 0xFF
2
µs/DIV
Figure 17. Multiplying Mode Step Response and Output Slew Rate
FREQUENCY (Hz)
6
–8
10k
10M
4
1M
100k
0
–4
–6
VDD = +5V
VSS = –5V
DATA = 0xFF
VREF = 100mV rms
f–3dB = 2.6MHz
Figure 18. Multiplying Mode Gain vs. Frequency
VOUT
CS
RL = 10kΩ
RL = 70kΩ
NO LOAD
VDD = 5V
CL = 150pF
5
µs/DIV
Figure 19. Time to Shutdown
CS
VOUT
IDD
1mA/V
VDD = 5V
Figure 20. Shutdown Recovery Time (Wakeup)
VREF AMPLITUDE (V p-p)
10
1
0.001
10m
10
1
23
4
5
6
7
8
9
0.1
0.01
VDD = +5V
VSS = –5V
Figure 21. THD vs. Reference Input Amplitude


同様の部品番号 - AD7304BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7304BRU AD-AD7304BRU Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304BRU AD-AD7304BRU Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU AD-AD7304BRU Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU-REEL7 AD-AD7304BRU-REEL7 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7304BRU-REEL7 AD-AD7304BRU-REEL7 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
More results

同様の説明 - AD7304BRU

メーカー部品番号データシート部品情報
logo
Analog Devices
AD7304 AD-AD7304 Datasheet
936Kb / 14P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. A
AD7304 AD-AD7304_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ-REEL AD-AD7305BRZ-REEL Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305BRZ AD-AD7305BRZ Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD7305 AD-AD7305_15 Datasheet
902Kb / 20P
   3 V/5 V, Rail-to-Rail Quad, 8-Bit DAC
REV. C
AD5300 AD-AD5300_15 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 A, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX533 MAXIM-MAX533 Datasheet
146Kb / 16P
   2.7V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 6/96
logo
Analog Devices
AD5300 AD-AD5300 Datasheet
202Kb / 12P
   2.7 V to 5.5 V, 140 uA, Rail-to-Rail Output 8-Bit DAC in an SOT-23
REV. C
AD5300BRMZ-REEL7 AD-AD5300BRMZ-REEL7 Datasheet
221Kb / 13P
   2.7 V to 5.5 V, 140 muA, Rail-to-Rail Output 8-Bit DAC in a SOT-23
REV. D
logo
Maxim Integrated Produc...
MAX534 MAXIM-MAX534 Datasheet
125Kb / 16P
   5V, Low-Power, 8-Bit Quad DAC with Rail-to-Rail Output Buffers
Rev 0; 8/96
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com