データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74AHCT1G04DCKR データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74AHCT1G04DCKR
部品情報  The SN74AHCT1G04 contains one gate. The device performs the Boolean function Y = A.
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

SN74AHCT1G04DCKR データシート(HTML) 3 Page - Texas Instruments

  SN74AHCT1G04DCKR Datasheet HTML 1Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 2Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 3Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 4Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 5Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 6Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 7Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 8Page - Texas Instruments SN74AHCT1G04DCKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
SN74AHCT1G04
SINGLE INVERTER GATE
SCLS319N – MARCH 1996 – REVISED JANUARY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
MIN
MAX
UNIT
PARAMETER
(INPUT)
(OUTPUT)
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
UNIT
tPLH
A
Y
CL = 15 pF
4.7
6.7
1
7.5
ns
tPHL
A
Y
CL = 15 pF
4.7
6.7
1
7.5
ns
tPLH
A
Y
CL = 50 pF
5.5
7.7
1
8.5
ns
tPHL
A
Y
CL = 50 pF
5.5
7.7
1
8.5
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance
No load,
f = 1 MHz
14
pF


同様の部品番号 - SN74AHCT1G04DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74AHCT1G04DCKR TI1-SN74AHCT1G04DCKR Datasheet
908Kb / 19P
[Old version datasheet]   Single Inverter Gate
More results

同様の説明 - SN74AHCT1G04DCKR

メーカー部品番号データシート部品情報
logo
Texas Instruments
54LS30 TI1-54LS30_11 Datasheet
370Kb / 8P
[Old version datasheet]   This device contains a single gate which performs the logic NAND function
SN74AC04DRG4 TI-SN74AC04DRG4 Datasheet
1Mb / 20P
[Old version datasheet]   The ?쁀C04 devices contain six independent inverters. The devices perform the Boolean function Y = A.
logo
IK Semicon Co., Ltd
IN74LS14 IKSEMICON-IN74LS14 Datasheet
164Kb / 4P
   This device contains six independent gates each of which performs the logic INVERT function
logo
Unisonic Technologies
U74LVC86A UTC-U74LVC86A Datasheet
195Kb / 6P
   The U74LVC86A is a quad 2-input exclusive OR gate which performs the function Y=A ?뷓 or Y=AB AB . It is designed for 1.2V to 3.6V operation.
U74LVC2G02 UTC-U74LVC2G02 Datasheet
165Kb / 5P
   The UTC U74LVC2G02 is a dual 2-input positive-NOR gate which provides the function Y=AB or Y=AB .
logo
Silicon Laboratories
SI1102EK SILABS-SI1102EK Datasheet
654Kb / 3P
   The Si1102 Evaluation Kit contains the following items
Rev. 0.1 10/09
logo
Zilog, Inc.
Z51F0811 ZILOG-Z51F0811 Datasheet
1Mb / 52P
   The Z51F0811 Evaluation Board contains the following components
logo
STMicroelectronics
AN1528 STMICROELECTRONICS-AN1528 Datasheet
160Kb / 18P
   The testflash is a ST reserved flash area that contains device information
logo
Tyco Electronics
408-4785 MACOM-408-4785 Datasheet
97Kb / 2P
   This instruction sheet contains the assembly
logo
Texas Instruments
DAC5573EVM TI-DAC5573EVM Datasheet
323Kb / 26P
[Old version datasheet]   This document contains the following chapters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com