データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SN74HC04PW データシート(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
部品番号 SN74HC04PW
部品情報  HEX INVERTERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC04PW データシート(HTML) 1 Page - Texas Instruments

  SN74HC04PW Datasheet HTML 1Page - Texas Instruments SN74HC04PW Datasheet HTML 2Page - Texas Instruments SN74HC04PW Datasheet HTML 3Page - Texas Instruments SN74HC04PW Datasheet HTML 4Page - Texas Instruments SN74HC04PW Datasheet HTML 5Page - Texas Instruments SN74HC04PW Datasheet HTML 6Page - Texas Instruments SN74HC04PW Datasheet HTML 7Page - Texas Instruments SN74HC04PW Datasheet HTML 8Page - Texas Instruments SN74HC04PW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
SN54HC04...JORWPACKAGE
SN74HC04...D,DB,N,NS,ORPWPACKAGE
(TOP VIEW)
1A
V
CC
1
14
1Y
6A
2
13
2A
6Y
3
12
2Y
5A
4
11
3A
5Y
5
10
3Y
4A
6
9
GND
4Y
7
8
SN54HC04...FKPACKAGE
(TOP VIEW)
NC
Nointernalconnection
4
5
6
7
18
17
16
15
6Y
NC
5A
NC
5Y
14
2A
NC
2Y
NC
3A
8
1
20
2
19
3
13
9
12
10 11
SN54HC04, SN74HC04
www.ti.com
SCLS078E – DECEMBER 1982 – REVISED OCTOBER 2010
HEX INVERTERS
Check for Samples: SN54HC04, SN74HC04
1
FEATURES
Wide Operating Voltage Range of 2 V to 6 V
Outputs Can Drive Up To 10 LSTTL Loads
Low Power Consumption, 20-mA Max ICC
Typical tpd = 8 ns
±4-mA Output Drive at 5 V
Low Input Current of 1 mA Max
DESCRIPTION/ORDERING INFORMATION
The ’HC04 devices contain six independent inverters. They perform the Boolean function Y = A in positive logic.
ORDERING INFORMATION
TA
PACKAGE(1)
ODERABLE PART NUMBER
TOP-SIDE MARKING
PDIP – N
Reel of 1000
SN74HC04N
SN74HC04N
Reel of 1000
SN74HC04DE4
SOIC – D
Reel of 2500
SN74HC04DRG3
HC04
Tube of 250
SN74HC04DT
SN74HC04NSR
SOP – NS
Reel of 2000
HC04
–40°C to 85°C
SN74HC04NSRG4
SN74HC04DBR
SSOP – DB
Reel of 2000
HC04
SN74HC04DBRE4
Tube of 90
SN74HC04PW
TSSOP – PW
Reel of 2000
SN74HC04PWR
HC04
Tube of 250
SN74HC04PWT
CDIP – J
Reel of 1000
SNJ54HC04J
–55°C to 125°C
CFP – W
Reel of 900
SNJ54HC04W
LCCC –FK
Reel of 2200
SNJ54HC04FK
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 1982–2010, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


同様の部品番号 - SN74HC04PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN74HC04PW TI-SN74HC04PW Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
SN74HC04PW TI1-SN74HC04PW Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN74HC04PWG4 TI1-SN74HC04PWG4 Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN74HC04PWLE TI1-SN74HC04PWLE Datasheet
1Mb / 29P
[Old version datasheet]   SNx4HC04 Hex Inverters
SN74HC04PWR TI-SN74HC04PWR Datasheet
76Kb / 15P
[Old version datasheet]   HEX INVERTERS
More results

同様の説明 - SN74HC04PW

メーカー部品番号データシート部品情報
logo
Texas Instruments
SN54ACT04 TI-SN54ACT04_10 Datasheet
656Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN74AHCT04_101 TI-SN74AHCT04_101 Datasheet
997Kb / 23P
[Old version datasheet]   HEX INVERTERS
SN54ACT04 TI-SN54ACT04_09 Datasheet
657Kb / 17P
[Old version datasheet]   HEX INVERTERS
SN54LVU04A_101 TI-SN54LVU04A_101 Datasheet
674Kb / 18P
[Old version datasheet]   HEX INVERTERS
logo
Diodes Incorporated
74LV04A DIODES-74LV04A Datasheet
299Kb / 9P
   HEX INVERTERS
logo
Texas Instruments
SN54LVC04A TI1-SN54LVC04A_15 Datasheet
1Mb / 27P
[Old version datasheet]   HEX INVERTERS
SN54LVU04 TI1-SN54LVU04_10 Datasheet
118Kb / 6P
[Old version datasheet]   HEX INVERTERS
SN54AC04 TI-SN54AC04 Datasheet
78Kb / 5P
[Old version datasheet]   HEX INVERTERS
logo
Hitachi Semiconductor
HD74LVU04A HITACHI-HD74LVU04A Datasheet
50Kb / 12P
   Hex Inverters
HD74LV04A HITACHI-HD74LV04A Datasheet
52Kb / 13P
   Hex Inverters
HD74HCT04A HITACHI-HD74HCT04A Datasheet
40Kb / 8P
   Hex Inverters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com