データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CD0805-B160 データシート(PDF) 1 Page - Bourns Electronic Solutions

部品番号 CD0805-B160
部品情報  Switching Chip Diode Series - 0805 / 1206
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  BOURNS [Bourns Electronic Solutions]
ホームページ  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CD0805-B160 データシート(HTML) 1 Page - Bourns Electronic Solutions

  CD0805-B160 Datasheet HTML 1Page - Bourns Electronic Solutions CD0805-B160 Datasheet HTML 2Page - Bourns Electronic Solutions CD0805-B160 Datasheet HTML 3Page - Bourns Electronic Solutions CD0805-B160 Datasheet HTML 4Page - Bourns Electronic Solutions CD0805-B160 Datasheet HTML 5Page - Bourns Electronic Solutions CD0805-B160 Datasheet HTML 6Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Switching Chip Diode Series - 0805 / 1206
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Features
Lead free as standard
RoHS compliant*
Leadless
High speed
Applications
Cellular phones
PDAs
Desktop PCs and
notebooks
Digital cameras
MP3 players
General Information
The markets of portable communications, computing and video equipment are challenging the semiconductor industry to develop increasingly
smaller electronic components.
Bourns offers small-signal high-speed Switching Diodes for switching digital signal applications, in compact chip package 0805 and 1206 size
format, which offer PCB real estate savings and are considerably smaller than competitive parts. The Switching Diodes offer a forward current
of 100 mA or 150 mA, a reverse voltage of 80 V or 75 V and also have a low leakage reverse current option. The diodes are lead-free with
Cu/Ni/Au plated terminations and are compatible with lead-free manufacturing processes, conforming to many industry and government
regulations on lead-free components.
Bourns® Chip Diodes conform to JEDEC standards, easy to handle on standard pick and place equipment and their flat configuration makes
roll away much more difficult.
Parameter
Symbol
CDxxxx-S0180
CDxxxx-S01575
CDxxxx-S0180R
Unit
Forward Voltage (Max.)
VF
1.00
1.00
1.00
V
(If = 100 mA)
(If = 50 mA)
(If = 100 mA)
Capacitance Between Terminals (Max.)
CT
3
pF
(f = 100 MHz, Vr = 1 V DC)
Reverse Recovery Time (Max.)
trr
4
nS
(Vr = 6V, If = 10 mA, RL = 50 Ω)
Reverse Current (Max.)
IR
0.1
2.5
0.05
µA
(Vr = 80 V)
(Vr = 75 V)
(Vr = 75 V)
Electrical Characteristics (@ TA = 25 °C Unless Otherwise Noted)
Parameter
Symbol
CDxxxx-S0180
CDxxxx-S01575
CDxxxx-S0180R
Unit
Repetitive Peak Reverse Voltage
VRRM
90
100
90
V
Reverse Voltage
VR
80
75
80
V
Average Forward Current
Io
100
150
100
mA
Forward Current, Surge Peak
Isurge
1*
4**
1*
A
Power Dissipation
PD
300
350
300
mW
Storage Temperature
TSTG
-55 to +125
°C
Junction Temperature
TJ
-55 to +125
°C
Absolute Ratings (@ TA = 25 °C Unless Otherwise Noted)
* Condition: 8.3 ms single half sine-wave superimposed on rate load
(JEDEC method).
** Condition: 1.0 µs single half sine-wave superimposed on rate load
(JEDEC method).
How To Order
CD 0805 - S 01 80 R
Common Code
Chip Diode
Package
• 0805
• 1206
Model
S = High Speed Switching
Average Forward Current (Io) Code
01 = 100 mA
015 = 150 mA
(Code x 1000 mA = Average Forward Current)
Reverse Voltage (VR) Code
80 = 80 V
75 = 75 V
Reverse Current Suffix
R = Low Leakage IR (CDxxxx-S0180R)
CD0805-xxxx products
are currently available,
although not recom-
mended for new designs. Use
CD1005-xxxx products as an
alternative.


同様の部品番号 - CD0805-B160

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CD0805-B00340 ETC1-CD0805-B00340 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
CD0805-B0130 ETC1-CD0805-B0130 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
CD0805-B0130L ETC1-CD0805-B0130L Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
CD0805-B0140L ETC1-CD0805-B0140L Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
CD0805-B0145 ETC1-CD0805-B0145 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
More results

同様の説明 - CD0805-B160

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
CD0805 ETC1-CD0805 Datasheet
332Kb / 9P
   Schottky Barrier Chip Diode Series - 0805
logo
Vishay Siliconix
NTHS0603N01N1003JE VISHAY-NTHS0603N01N1003JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
NTHS VISHAY-NTHS_V01 Datasheet
93Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
01-Jan-2022
NTHS0603N02N1002JE VISHAY-NTHS0603N02N1002JE Datasheet
91Kb / 3P
   NTC Thermistors, SMD 0402, 0603, 0805, 1206 Chip
Revision: 05-Jun-13
logo
AVX Corporation
W2F15C4738AT1A AVX-W2F15C4738AT1A Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F15C2238 AVX-W3F15C2238 Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F AVX-W2F Datasheet
72Kb / 4P
   Feedthru 0805/1206 Capacitors
W2F15C4738AT1F AVX-W2F15C4738AT1F Datasheet
264Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT1F AVX-W3F11A2218AT1F Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
W3F11A2218AT3A AVX-W3F11A2218AT3A Datasheet
81Kb / 4P
   Feedthru 0805/1206 Capacitors
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com