データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF5805TRPBF データシート(PDF) 1 Page - International Rectifier

部品番号 IRF5805TRPBF
部品情報  Ultra Low On-Resistance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF5805TRPBF データシート(HTML) 1 Page - International Rectifier

  IRF5805TRPBF Datasheet HTML 1Page - International Rectifier IRF5805TRPBF Datasheet HTML 2Page - International Rectifier IRF5805TRPBF Datasheet HTML 3Page - International Rectifier IRF5805TRPBF Datasheet HTML 4Page - International Rectifier IRF5805TRPBF Datasheet HTML 5Page - International Rectifier IRF5805TRPBF Datasheet HTML 6Page - International Rectifier IRF5805TRPBF Datasheet HTML 7Page - International Rectifier IRF5805TRPBF Datasheet HTML 8Page - International Rectifier IRF5805TRPBF Datasheet HTML 9Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
HEXFET® Power MOSFET
04/20/10
IRF5805PbF
Absolute Maximum Ratings
www.irf.com
1
Thermal Resistance
Parameter
Max.
Units
VDS
Drain-Source Voltage
-30
V
ID @ TA = 25°C
Continuous Drain Current, VGS @ -10V
-3.8
ID @ TA = 70°C
Continuous Drain Current, VGS @ -10V
-3.0
A
IDM
Pulsed Drain Current

-15
PD @TA = 25°C
Maximum Power Dissipation
ƒ
2W
PD @TA = 70°C
Maximum Power Dissipation
ƒ
1.28
W
Linear Derating Factor
0.02
W/°C
VGS
Gate-to-Source Voltage
± 20
V
TJ , TSTG
Junction and Storage Temperature Range
-55 to + 150
°C
Description
VDSS
RDS(on) max
ID
-30V
0.098@VGS = -10V
-
3.8A
0.165@VGS = -4.5V
-
3.0A
Parameter
Max.
Units
RθJA
Maximum Junction-to-Ambient
ƒ
62.5
°C/W
Top View
1
2
D
G
A
D
D
D
S
3
4
5
6
These P-channel MOSFETs from International Rectifier
utilize advanced processing techniques to achieve the
extremely low on-resistance per silicon area. This
benefit provides the designer with an extremely efficient
device for use in battery and load management
applications.
The TSOP-6 package with its customized leadframe
produces a HEXFET® power MOSFET with RDS(on)
60% less than a similar size SOT-23. This package is
ideal for applications where printed circuit board space
is at a premium. It's unique thermal design and RDS(on)
reduction enables a current-handling increase of nearly
300% compared to the SOT-23.
l Ultra Low On-Resistance
l P-Channel MOSFET
l Surface Mount
l Available in Tape & Reel
l Low Gate Charge
l Lead-Free
l Halogen-Free
TSOP-6
PD -95340A


同様の部品番号 - IRF5805TRPBF

メーカー部品番号データシート部品情報
logo
VBsemi Electronics Co.,...
IRF5805TRPBF VBSEMI-IRF5805TRPBF Datasheet
1Mb / 9P
   P-Channel 30-V (D-S) MOSFET
More results

同様の説明 - IRF5805TRPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF7424 IRF-IRF7424 Datasheet
229Kb / 9P
   Ultra Low On-Resistance
IRF7425TR IRF-IRF7425TR Datasheet
94Kb / 9P
   Ultra Low On-Resistance
logo
List of Unclassifed Man...
AUIRF3004WL ETC2-AUIRF3004WL Datasheet
236Kb / 10P
   Ultra Low On-Resistance
AUIRFN7107 ETC2-AUIRFN7107 Datasheet
544Kb / 10P
   Ultra Low On-Resistance
AUIRFN8401 ETC2-AUIRFN8401 Datasheet
617Kb / 11P
   Ultra Low On-Resistance
logo
Kersemi Electronic Co.,...
IRF1010E KERSEMI-IRF1010E Datasheet
786Kb / 8P
   Ultra Low On-Resistance
IRF1404S KERSEMI-IRF1404S Datasheet
1Mb / 10P
   Ultra Low On-Resistance
IRF7311 KERSEMI-IRF7311 Datasheet
677Kb / 7P
   Ultra Low On-Resistance
IRFR5505 KERSEMI-IRFR5505 Datasheet
720Kb / 10P
   Ultra Low On-Resistance
logo
International Rectifier
IRF7751PBF IRF-IRF7751PBF Datasheet
244Kb / 8P
   Ultra Low On-Resistance
IRF9953PBF IRF-IRF9953PBF_15 Datasheet
212Kb / 7P
   ULTRA LOW ON RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com