データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PVA3354NPBF データシート(PDF) 3 Page - International Rectifier

部品番号 PVA3354NPBF
部品情報  Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PVA3354NPBF データシート(HTML) 3 Page - International Rectifier

  PVA3354NPBF Datasheet HTML 1Page - International Rectifier PVA3354NPBF Datasheet HTML 2Page - International Rectifier PVA3354NPBF Datasheet HTML 3Page - International Rectifier PVA3354NPBF Datasheet HTML 4Page - International Rectifier PVA3354NPBF Datasheet HTML 5Page - International Rectifier PVA3354NPBF Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Series PVA33NPbF
www.irf.com
3
Ambient Temperature (°C)
Voltage Drop (VDD)
Figure 4. Typical On-Resistance
Figure 3.Typical On Characteristics
-250
-200
-150
-100
-50
0
50
100
150
200
250
-5
-4
-3
-2
-1
0
1
2
3
4
5
5 mA Control
lD = 50 mA
,
ILED > 5mA
ILED=2mA
Ambient Temperature (°C)
Ambient Temperature (°C)
Figure 2. Current Derating Curves
(PVA3354N, PVA2352N)
Figure 1. Current Derating Curves
(PVA3324N)
ILED =1mA
ILED > 2mA
0
20
40
60
80
100
0
20
40
60
80
100
220
200
180
160
140
120
100
80
60
40
20
0
220
200
180
160
140
120
100
80
60
40
20
0


同様の部品番号 - PVA3354NPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
PVA3354NPBF IRF-PVA3354NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
More results

同様の説明 - PVA3354NPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
PVA3055NSPBF IRF-PVA3055NSPBF Datasheet
1,001Kb / 6P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVA33NPBF IRF-PVA33NPBF Datasheet
1Mb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA33N IRF-PVA33N Datasheet
78Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 150mA
PVA30N IRF-PVA30N Datasheet
68Kb / 6P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open 0-300V AC/DC, 50mA
PVT412ASPBF IRF-PVT412ASPBF Datasheet
1Mb / 5P
   Microelectronic Power IC HEXFET짰 Power MOSFET Photovoltaic Relay Single Pole, Normally Open, 0-400V, 240mA AC / 360mA DC
PVR33N IRF-PVR33N Datasheet
94Kb / 6P
   HEXFET짰 Power MOSFET Photovoltaic Relay Dual-Pole, Normally-Open 0-300V AC/DC, 165mA
PVA30 IRF-PVA30 Datasheet
294Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 40mA, 0-300V AC/DC
PVAZ172N IRF-PVAZ172N Datasheet
168Kb / 4P
   POWER MOSFET PHOTOVOLTAIC RELAY Microelectronic Power IC Relay Single Pole, Normally Open 0-60V AC, 1.0A
PVA33 IRF-PVA33 Datasheet
303Kb / 6P
   Photovoltaic Relay Microelectronic Power IC Relay Single-Pole, 130mA, 0-300V AC/DC
PVY117 IRF-PVY117 Datasheet
102Kb / 5P
   Microelectronic Power IC HEXFET Power MOSFET Photovoltaic Relay Single-Pole, Normally-Open, 0-40V AC/DC, 470mA
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com