データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N135M データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 6N135M
部品情報  Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135M データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button 6N135M_10 Datasheet HTML 2Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 3Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 4Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 5Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 6Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 7Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 8Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 9Page - Fairchild Semiconductor 6N135M_10 Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
6
Electrical Characteristics (Continued)
(TA = 0 to 70°C unless otherwise specified. Typical values are measured at TA = 25°C and VCC = 5V.)
Isolation Characteristics (TA = 0 to 70°C Unless otherwise specified)
Notes:
9. Device is considered a two terminal device: Pins 1, 2, 3 and 4 are shorted together and Pins 5, 6, 7 and 8 are
shorted together.
10. Measured between pins 1 and 2 shorted together, and pins 3 and 4 shorted together.
11. 5,000Vrms for 1 minute duration is equivalent to 6,000Vrms for 1 second duration.
Symbol
Characteristics
Test Conditions
Min.
Typ.
Max.
Unit
VISO
Withstand Insulation Test
Voltage
RH
≤ 50%, T
A = 25°C, II-O ≤ 10µA,
t = 1 min., f = 50Hz(9)(11)
5,000
VRMS
RI-O
Resistance (Input to Output)
VI-O = 500VDC
(9)
1011
CI-O
Capacitance (Input to Output) f = 1MHz, VI-O = 0V
(9)
1pF
II-I
Input-Input Insulation
Leakage Current
RH
≤ 45%, V
I-I = 500VDC
(10)
t = 5 s, (HCPL2530M/2531M only)
µA
RI-I
Input-Input Resistance
VI-I = 500 VDC
(10)
(HCPL2530M/2531M only)
CI-I
Input-Input Capacitance
f = 1MHz(10)
(HCPL2530M/2531M only)
pF


同様の部品番号 - 6N135M_10

メーカー部品番号データシート部品情報
logo
CT Micro International ...
6N135MT1 CTMICRO-6N135MT1 Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
More results

同様の説明 - 6N135M_10

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N136SDM FAIRCHILD-6N136SDM Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_10 Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com