データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N135M データシート(PDF) 11 Page - Fairchild Semiconductor

部品番号 6N135M
部品情報  Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N135M データシート(HTML) 11 Page - Fairchild Semiconductor

Back Button 6N135M Datasheet HTML 7Page - Fairchild Semiconductor 6N135M Datasheet HTML 8Page - Fairchild Semiconductor 6N135M Datasheet HTML 9Page - Fairchild Semiconductor 6N135M Datasheet HTML 10Page - Fairchild Semiconductor 6N135M Datasheet HTML 11Page - Fairchild Semiconductor 6N135M Datasheet HTML 12Page - Fairchild Semiconductor 6N135M Datasheet HTML 13Page - Fairchild Semiconductor 6N135M Datasheet HTML 14Page - Fairchild Semiconductor 6N135M Datasheet HTML 15Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
11
Ordering Information
Marking Information
Option
Example Part Number
Description
No option
6N135M
Standard through hole lead form (50 units per tube)
S
6N135SM
Surface mount lead bend
SD
6N135SDM
Surface mount; tape and reel
V
6N135VM
IEC60747-5-2 (approval pending)
TSV
6N135TSVM
IEC60747-5-2 (approval pending); surface mount
TSDV
6N135TSDVM
IEC60747-5-2 (approval pending); surface mount;
tape and reel
TV
6N135TVM
IEC60747-5-2 (approval pending); 0.4" lead spacing
SV
6N135SVM
IEC60747-5-2 (approval pending); surface mount
SDV
6N135SDVM
IEC60747-5-2 (approval pending); surface mount;
tape and reel
1
2
6
4
3
5
Note:
1. ‘HCPL’ devices are marked with only the numeric characters
(for example, HCPL4503M is marked as ‘4503’).
2. The ‘M’ suffix is an ordering identifier only. It is used to indicated the
white package version. The ‘M’ does no appear in the top mark.
Definitions
1Fairchild logo
2(1)
Device number
3
IEC60747-5-2 mark (Note: Only appears on parts ordered
with this option – See order entry table)
4Two digit year code, e.g., ‘08’
5Two digit work week ranging from ‘01’ to ‘53’
6
Assembly package code
6N135
B
YY
XX
V


同様の部品番号 - 6N135M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N135M FAIRCHILD-6N135M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
logo
Shenzhen Tenand Technol...
6N135M TENAND-6N135M Datasheet
241Kb / 10P
   LITE-ON TECHNOLOGY CORP
logo
CT Micro International ...
6N135M CTMICRO-6N135M Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
ON Semiconductor
6N135M ONSEMI-6N135M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Guangdong Youtai Semico...
6N135M UMW-6N135M Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results

同様の説明 - 6N135M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N136SDM FAIRCHILD-6N136SDM Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_10 Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com