データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

6N136M データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 6N136M
部品情報  Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) High Speed Transistor Optocouplers
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

6N136M データシート(HTML) 2 Page - Fairchild Semiconductor

  6N136M Datasheet HTML 1Page - Fairchild Semiconductor 6N136M Datasheet HTML 2Page - Fairchild Semiconductor 6N136M Datasheet HTML 3Page - Fairchild Semiconductor 6N136M Datasheet HTML 4Page - Fairchild Semiconductor 6N136M Datasheet HTML 5Page - Fairchild Semiconductor 6N136M Datasheet HTML 6Page - Fairchild Semiconductor 6N136M Datasheet HTML 7Page - Fairchild Semiconductor 6N136M Datasheet HTML 8Page - Fairchild Semiconductor 6N136M Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
©2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
6N13XM, HCPLXXXM Rev. 1.0.6
2
Absolute Maximum Ratings (T
A = 25°C unless otherwise specified)
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Notes:
1.
Derate linearly above 70°C free-air temperature at a rate of 0.8mA/°C.
2.
Derate linearly above 70°C free-air temperature at a rate of 1.6mA/°C.
3.
Derate linearly above 70°C free-air temperature at a rate of 0.9 mW/°C.
4.
Derate linearly above 70°C free-air temperature at a rate of 2.0 mW/°C.
Symbol
Parameter
Condition
Value
Units
TSTG
Storage Temperature
-40 to +125
°C
TOPR
Operating Temperature
-40 to +100
°C
TSOL
Lead Solder Temperature
(Wave)
260 for 10 sec
°C
EMITTER
IF (avg)
DC/Average Forward Input
Current Each Channel(1)
25
mA
IF (pk)
Peak Forward Input Current
Each Channel(2)
50% duty cycle, 1ms P.W.
50
mA
IF (trans) Peak Transient Input Current
Each Channel
≤1µs P.W., 300pps
1.0
A
VR
Reverse Input Voltage Each
Channel
5V
PD
Input Power Dissipation Each
Channel(3)
6N135M, 6N136M, HCPL4503M
45
mW
HCPL2530M, HCPL2531M
DETECTOR
IO (avg)
Average Output Current Each
Channel
8
mA
IO (pk)
Peak Output Current Each
Channel
16
mA
VEBR
Emitter-Base Reverse Voltage
6N135M and 6N136M only
5
V
VCC
Supply Voltage
-0.5 to 30
V
VO
Output Voltage
-0.5 to 20
V
IB
Base Current
6N135M and 6N136M only
5
mA
PD
Output Power Dissipation
Each Channel(4)
6N135M, 6N136M, HCPL4503M
100
mW
HCPL2530M, HCPL2531M
35
mW


同様の部品番号 - 6N136M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N136M FAIRCHILD-6N136M Datasheet
363Kb / 13P
   High Speed Transistor Optocouplers
logo
Shenzhen Tenand Technol...
6N136M TENAND-6N136M Datasheet
241Kb / 10P
   LITE-ON TECHNOLOGY CORP
logo
CT Micro International ...
6N136M CTMICRO-6N136M Datasheet
1Mb / 16P
   1Mbit/s High Speed Phototransistor Optocoupler
logo
ON Semiconductor
6N136M ONSEMI-6N136M Datasheet
522Kb / 16P
   8-Pin DIP High Speed Transistor Optocouplers
September, 2021 - Rev. 2
logo
Guangdong Youtai Semico...
6N136M UMW-6N136M Datasheet
793Kb / 7P
   Single Channel,High Speed 1MBit/s Transistor Optocouplers
More results

同様の説明 - 6N136M

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
6N136SDM FAIRCHILD-6N136SDM Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary) HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_10 Datasheet
422Kb / 15P
   Single-Channel: 6N135M, 6N136M, HCPL4503M Dual-Channel: HCPL2530M, HCPL2531M (Preliminary)
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-0531-500E AVAGO-HCPL-0531-500E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
HCPL-2530-000E AVAGO-HCPL-2530-000E Datasheet
179Kb / 14P
   Dual Channel, High Speed Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL2530 HP-HCPL2530 Datasheet
207Kb / 12P
   Dual Channel, High Speed Optocouplers
logo
Fairchild Semiconductor
6N135 FAIRCHILD-6N135_06 Datasheet
592Kb / 12P
   High Speed Transistor Optocouplers
HCPL4502SD FAIRCHILD-HCPL4502SD Datasheet
325Kb / 12P
   High Speed Transistor Optocouplers
logo
List of Unclassifed Man...
MCL2503 ETC1-MCL2503 Datasheet
898Kb / 8P
   HIGH-SPEED TRANSISTOR OPTOCOUPLERS
logo
Fairchild Semiconductor
FOD050L FAIRCHILD-FOD050L Datasheet
689Kb / 13P
   HIGH SPEED TRANSISTOR OPTOCOUPLERS
HCPL4503M FAIRCHILD-HCPL4503M_08 Datasheet
292Kb / 10P
   High Speed Transistor Optocouplers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com