データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

BFC233610224 データシート(PDF) 9 Page - Vishay Siliconix

部品番号 BFC233610224
部品情報  Interference Suppression Film Capacitors MKP Radial Potted Type
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

BFC233610224 データシート(HTML) 9 Page - Vishay Siliconix

Back Button BFC233610224 Datasheet HTML 3Page - Vishay Siliconix BFC233610224 Datasheet HTML 4Page - Vishay Siliconix BFC233610224 Datasheet HTML 5Page - Vishay Siliconix BFC233610224 Datasheet HTML 6Page - Vishay Siliconix BFC233610224 Datasheet HTML 7Page - Vishay Siliconix BFC233610224 Datasheet HTML 8Page - Vishay Siliconix BFC233610224 Datasheet HTML 9Page - Vishay Siliconix BFC233610224 Datasheet HTML 10Page - Vishay Siliconix BFC233610224 Datasheet HTML 11Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Not for New Design - Alternative Series MKP338 1 X1
MKP336 1 X1
www.vishay.com
Vishay BCcomponents
Revision: 06-Aug-12
9
Document Number: 28117
For technical questions, contact: rfi@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
SUB-GROUP C2
D
4.12
Damp heat steady state
56 days, 40 °C, 90 % to 95 % RH,
no load capacitance
4.12.1 Initial measurements
Tangent of loss angle at 10 kHz
4.12.3 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  5 % of the value measured in
4.12.1.
Tangent of loss angle
Increase of tan
:  0.008
Compared to values measured in 4.12.1.
Voltage proof
1200 VDC; 1 min between term
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this
specification
SUB GROUP C3
D
4.13.1 Initial measurements
Capacitance
Tangent of loss angle:
For C
 470 nF at 100 kHz
For C > 470 nF at 10 kHz
4.13
Impulse voltage
3 successive impulses, full wave, peak
voltage:
X1: 4 kV
Max. 24 pulses
No selfhealing breakdowns or flashover
4.14
Endurance
Duration: 1000 h
1.25 URAC at 105 °C
Once in every hour the voltage is
increased to 1000 VRMS for 0.1 s via
resistor of 47
 ± 5 %
SUB GROUP C3
D
4.14.7 Final measurements
Visual examination
No visible damage
Legible marking
Capacitance
|
C/C|  10 % compared to values
measured in 4.13.1.
Tangent of loss angle
Increase of tan
:  0.008
Compared to values measured in 4.13.1.
Voltage proof
1200 VDC; 1 min between terminations
2050 VDC; 1 min between terminations
and case
No permanent breakdown or flash-over
Insulation resistance
 50 % of values specified in section
“Insulation Resistance” of this
specification
GROUP C INSPECTION REQUIREMENTS
SUB-CLAUSE NUMBER
AND TEST
D
OR
ND
CONDITIONS
PERFORMANCE REQUIREMENTS


同様の部品番号 - BFC233610224

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
BFC233620102 VISHAY-BFC233620102 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620103 VISHAY-BFC233620103 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620105 VISHAY-BFC233620105 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
BFC233620152 VISHAY-BFC233620152 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
More results

同様の説明 - BFC233610224

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MKP339X2 VISHAY-MKP339X2 Datasheet
191Kb / 18P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
MKP3384X2 VISHAY-MKP3384X2 Datasheet
464Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 01-Aug-07
BFC233620223 VISHAY-BFC233620223 Datasheet
221Kb / 17P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 08-Oct-08
BFC233820224 VISHAY-BFC233820224 Datasheet
225Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 16-Jul-09
MKP3382X2 VISHAY-MKP3382X2 Datasheet
293Kb / 8P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 21-Nov-05
MKP3381X1 VISHAY-MKP3381X1 Datasheet
132Kb / 5P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 07-Oct-03
BFC233922105 VISHAY-BFC233922105 Datasheet
194Kb / 19P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 13-May-13
BFC233620104 VISHAY-BFC233620104 Datasheet
185Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 18-Dec-12
F17102101000 VISHAY-F17102101000 Datasheet
136Kb / 11P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 12-Jun-13
BFC233820683 VISHAY-BFC233820683 Datasheet
225Kb / 16P
   Interference Suppression Film Capacitors MKP Radial Potted Type
Revision: 04-Jul-13
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com