データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

DAC3174IRGCT データシート(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
部品番号 DAC3174IRGCT
部品情報  Dual 14-bit 500 MSPS Digital to Analog Converter
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

DAC3174IRGCT データシート(HTML) 9 Page - Texas Instruments

Back Button DAC3174IRGCT Datasheet HTML 5Page - Texas Instruments DAC3174IRGCT Datasheet HTML 6Page - Texas Instruments DAC3174IRGCT Datasheet HTML 7Page - Texas Instruments DAC3174IRGCT Datasheet HTML 8Page - Texas Instruments DAC3174IRGCT Datasheet HTML 9Page - Texas Instruments DAC3174IRGCT Datasheet HTML 10Page - Texas Instruments DAC3174IRGCT Datasheet HTML 11Page - Texas Instruments DAC3174IRGCT Datasheet HTML 12Page - Texas Instruments DAC3174IRGCT Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 40 page
background image
DAC3174
www.ti.com
SLAS837A – APRIL 2013 – REVISED MAY 2013
ELECTRICAL CHARACTERISTICS – DC SPECIFICATIONS
Typical values at TA = 25°C, full temperature range is TMIN = –40°C to TMAX = 85°C, DAC sample rate = 500MSPS, 50% clock
duty cycle, VDDA33/IOVDD = 3.3V, VDDA18/CLKVDD18/DIGVDD18 = 1.8V, IOUTFS = 20mA (unless otherwise noted).
PARAMETER
NOTES
MIN
TYP
MAX
UNITS
Resolution
14
Bits
DC ACCURACY
DNL Differential nonlinearity
±1
1 LSB = IOUTFS/2
14
LSB
INL Integral nonlinearity
±2
ANALOG OUTPUTS
Coarse gain linearity
±0.4
LSB
Offset error
Mid code offset
0.01
%FSR
With external reference
±2
Gain error
%FSR
With internal reference
±2
Gain mismatch
With internal reference
-2
2
%FSR
Minimum full scale output current
2
Nominal full-scale current, IOUTFS =
mA
16xIBAIS current
Maximum full scale output current
20
Output compliance range
IOUTFS = 20 mA
-0.5
1
V
Output resistance
300
k
Ω
Output capacitance
5
pF
REFERENCE OUTPUT
VREF
Reference output voltage
1.14
1.2
1.26
V
Reference output current
100
nA
REFERENCE INPUT
VEXTIO Input voltage range
External reference mode
0.1
1.2
1.25
V
Input resistance
1
M
Ω
Small signal bandwidth
500
kHz
Input capacitance
100
pF
TEMPERATURE COEFFICIENTS
ppm of
Offset drift
±1
FSR/°C
Gain drift
With external reference
±15
With internal reference
±30
Reference voltage drift
±8
ppm /°C
POWER SUPPLY
DIGVDD18, VFUSE, VDDA18, CLKVDD18
1.71
1.8
1.89
V
VDDA33
3.15
3.3
3.45
V
Sets CMOS IO voltage levels. Nominal
IOVDD
1.71
3.45
V
1.8V, 2.5V or 3.3V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links :DAC3174


同様の部品番号 - DAC3174IRGCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
More results

同様の説明 - DAC3174IRGCT

メーカー部品番号データシート部品情報
logo
Texas Instruments
DAC3174 TI-DAC3174_15 Datasheet
723Kb / 41P
[Old version datasheet]   Dual 14-bit 500 MSPS Digital to Analog Converter
logo
Analog Devices
AD9694 AD-AD9694 Datasheet
2Mb / 101P
   14-Bit, 500 MSPS JESD204B, Quad Analog-to-Digital Converter
AD9694S-CSL AD-AD9694S-CSL Datasheet
525Kb / 16P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. 0
AD9694-EP AD-AD9694-EP Datasheet
614Kb / 15P
   14-Bit, 500 MSPS, JESD204B, Quad Analog-to-Digital Converter
Rev. A
logo
Texas Instruments
DAC5672A TI-DAC5672A Datasheet
1Mb / 26P
[Old version datasheet]   DUAL,14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
ADS5553 TI-ADS5553 Datasheet
533Kb / 24P
[Old version datasheet]   Dual 14 BIT, 65 MSPS Analog-to-Digital Converter
DAC5672 TI-DAC5672 Datasheet
818Kb / 23P
[Old version datasheet]   DUAL, 14-BIT 200 MSPS DIGITAL - TO - ANALOG CONVERTER
DAC5672 TI1-DAC5672 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL, 14-BIT 275 MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI1-DAC5672-EP Datasheet
1Mb / 27P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
DAC5672-EP TI-DAC5672-EP_15 Datasheet
1Mb / 28P
[Old version datasheet]   DUAL 14-BIT 200-MSPS DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com