データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM3630ATMX データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM3630ATMX
部品情報  LM3630A High-Efficiency Dual-String White LED Driver
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM3630ATMX データシート(HTML) 3 Page - Texas Instruments

  LM3630ATMX Datasheet HTML 1Page - Texas Instruments LM3630ATMX Datasheet HTML 2Page - Texas Instruments LM3630ATMX Datasheet HTML 3Page - Texas Instruments LM3630ATMX Datasheet HTML 4Page - Texas Instruments LM3630ATMX Datasheet HTML 5Page - Texas Instruments LM3630ATMX Datasheet HTML 6Page - Texas Instruments LM3630ATMX Datasheet HTML 7Page - Texas Instruments LM3630ATMX Datasheet HTML 8Page - Texas Instruments LM3630ATMX Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 45 page
background image
LM3630A
www.ti.com
SNVS974 – APRIL 2013
PIN DESCRIPTIONS
Ball
Name
Description
A1
SDA
Serial Data Connection for I2C-Compatible Interface
A2
SCL
Serial Clock Connection for I2C-Compatible Interface
A3
SW
Inductor Connection, Diode Anode Connection, and Drain Connection for Internal NFET.
Connect the inductor and diode as close as possible to SW to reduce inductance and capacitive
coupling to nearby traces.
B1
HWEN
Logic High Hardware Enable
B2
INTN
Interrupt output for fault status change. Open drain active low signal.
B3
GND
Ground
C1
PWM
External PWM Brightness Control Input
C2
SEL
Selects I2C-compatible address. Ground selects 7-bit address 36h. VIN selects address 38h.
C3
IN
Input Voltage Connection. Connect a 2.3V to 5.5V supply to IN and bypass to GND with a 2.2 µF
or greater ceramic capacitor.
D1
OVP
Output Voltage Sense Connection for Over Voltage Sensing. Connect OVP to the positive
terminal of the output capacitor.
D2
ILED2
Input Terminal to Internal Current Sink #2.
D3
ILED1
Input Terminal to Internal Current Sink #1.
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM3630A


同様の部品番号 - LM3630ATMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3630ATMX TI1-LM3630ATMX Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
More results

同様の説明 - LM3630ATMX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM3630A TI1-LM3630A_15 Datasheet
1Mb / 51P
[Old version datasheet]   High-Efficiency Dual-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697 Datasheet
1Mb / 36P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
LM3697 TI1-LM3697_15 Datasheet
1Mb / 43P
[Old version datasheet]   High-Efficiency Three-String White LED Driver
logo
Silicon Mitus, Inc.
SM5306 SILICONMITUS-SM5306 Datasheet
293Kb / 1P
   High-Efficiency Dual-String with up to 10-WLED White LED Driver
August 2018 Rev. 0.0.0
logo
Texas Instruments
LM36922H TI1-LM36922H Datasheet
1Mb / 46P
[Old version datasheet]   Highly Efficient Dual-String White LED Driver
logo
Eutech Microelectronics...
EUP2990 EUTECH-EUP2990 Datasheet
681Kb / 1P
   6 String White LED Driver
logo
Analog Devices
ADD5207 AD-ADD5207 Datasheet
428Kb / 16P
   Four-String, White LED Driver
REV. A
ADD5205 AD-ADD5205 Datasheet
441Kb / 16P
   Four-String White LED Driver
REV. 0
logo
Alpha & Omega Semicondu...
AOZ1960 AOSMD-AOZ1960 Datasheet
911Kb / 20P
   Multi-String Boost White LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com