データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FAN4800AUM データシート(PDF) 6 Page - Fairchild Semiconductor

部品番号 FAN4800AUM
部品情報  PFC/ PWM Controller Combination
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800AUM データシート(HTML) 6 Page - Fairchild Semiconductor

Back Button FAN4800AUM Datasheet HTML 2Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 3Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 4Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 5Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 6Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 7Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 8Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 9Page - Fairchild Semiconductor FAN4800AUM Datasheet HTML 10Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800AU/CU • Rev. 1.0.0
6
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VDD
DC Supply Voltage
30
V
VH
Voltage on SS, FBPWM, RAMP, VREF Pins
-0.3
30.0
V
VPFC-OUT
Voltage on OPFC Pin
VDD
+0.3V
V
VPWM-OUT
Voltage on OPWM Pin
VDD
+0.3V
V
VL
Voltage on IAC, VRMS, RT/CT, ILIMIT, FBPFC, VEA Pins
-0.3
7.0
V
VIEA
Voltage on IEA Pin
0
VVREF+0.3
V
VN
Voltage on ISENSE Pin
-5.0
0.7
V
IAC
Input AC Current
1
mA
IREF
VREF Output Current
5
mA
IPFC-OUT
Peak PFC OUT Current, Source or Sink
0.5
A
IPWM-OUT
Peak PWM OUT Current, Source or Sink
0.5
A
PD
Power Dissipation TA < 50°C
800
mW
ΘJA
Thermal Resistance (Junction to Air)
DIP
80.80
°C/W
SOP
104.10
ΘJC
Thermal Resistance (Junction to Case)
DIP
35.38
°C/W
SOP
40.41
TJ
Operating Junction Temperature
-40
+125
°C
TSTG
Storage Temperature Range
-55
+150
°C
TL
Lead Temperature(Soldering)
+260
°C
ESD
Electrostatic Discharge Capability
Human Body Model,
JESD22-A114
6.0
kV
Charged Device Model,
JESD22-C101
2.0
Notes:
1.
All voltage values, except differential voltage, are given with respect to GND pin.
2.
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Min.
Max.
Unit
TA
Operating Ambient Temperature
-40
+105
°C


同様の部品番号 - FAN4800AUM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800AUM FAIRCHILD-FAN4800AUM Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
More results

同様の説明 - FAN4800AUM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN4800A FAIRCHILD-FAN4800A Datasheet
659Kb / 24P
   PFC/PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com