データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2592BL データシート(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2592BL
部品情報  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS2592BL データシート(HTML) 6 Page - Texas Instruments

Back Button TPS2592BL Datasheet HTML 2Page - Texas Instruments TPS2592BL Datasheet HTML 3Page - Texas Instruments TPS2592BL Datasheet HTML 4Page - Texas Instruments TPS2592BL Datasheet HTML 5Page - Texas Instruments TPS2592BL Datasheet HTML 6Page - Texas Instruments TPS2592BL Datasheet HTML 7Page - Texas Instruments TPS2592BL Datasheet HTML 8Page - Texas Instruments TPS2592BL Datasheet HTML 9Page - Texas Instruments TPS2592BL Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
1.02
1.03
1.04
1.05
1.06
1.07
-50
0
50
100
150
Temperature (
ƒC)
C011
0.415
0.42
0.425
0.43
0.435
0.44
0.445
0.45
-50
0
50
100
150
Temperature (
ƒC)
C012
205
210
215
220
225
230
-50
0
50
100
150
Temperature (
ƒC)
C010
150
170
190
210
230
250
-50
0
50
100
150
Temperature (oC)
TPS2592Ax
TPS2592Bx
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
www.ti.com
TYPICAL CHARACTERISTICS (continued)
TJ = 25°C, VVIN = 12 V for TPS2592Ax, VVIN = 5 V for TPS2592Bx, VEN/UVLO = 2 V, RILIM = 100 kΩ, CVIN=0.1 µF, COUT=1µF,
CdVdT = OPEN (unless stated otherwise)
Figure 7. TRANSIENT: OVER-VOLTAGE CLAMP:
Figure 8. TRANSIENT: OVER-VOLTAGE CLAMP:
TPS2592Ax
TPS2592Bx
Figure 9. TON vs TEMPERATURE
Figure 10. IdVdT vs TEMPERATURE
Figure 11. TdVdT vs TEMPERATURE (TPS2592Ax)
Figure 12. TdVdT vs TEMPERATURE (TPS2592Bx)
6
Submit Documentation Feedback
Copyright © 2013, Texas Instruments Incorporated
Product Folder Links: TPS2592Ax TPS2592Bx


同様の部品番号 - TPS2592BL

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592BL TI1-TPS2592BL Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BLDRCR TI1-TPS2592BLDRCR Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BLDRCT TI1-TPS2592BLDRCT Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
More results

同様の説明 - TPS2592BL

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com