データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TPS2592BL データシート(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
部品番号 TPS2592BL
部品情報  5V/12V eFuse with Over Voltage Protection and Blocking FET Control
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

TPS2592BL データシート(HTML) 3 Page - Texas Instruments

  TPS2592BL Datasheet HTML 1Page - Texas Instruments TPS2592BL Datasheet HTML 2Page - Texas Instruments TPS2592BL Datasheet HTML 3Page - Texas Instruments TPS2592BL Datasheet HTML 4Page - Texas Instruments TPS2592BL Datasheet HTML 5Page - Texas Instruments TPS2592BL Datasheet HTML 6Page - Texas Instruments TPS2592BL Datasheet HTML 7Page - Texas Instruments TPS2592BL Datasheet HTML 8Page - Texas Instruments TPS2592BL Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TPS2592Ax
TPS2592Bx
www.ti.com
SLVSC11A – JUNE 2013 – REVISED JUNE 2013
RECOMMENDED OPERATING CONDITIONS
over operating free-air temperature range (unless otherwise noted)
MIN
TYP
MAX
UNIT
VIN TPS2592Ax
4.5
12
13.8
VIN TPS2592Bx
4.5
5
5.5
Input voltage range
BFET
0
VIN+6
V
dV/dT, EN/UVLO
0
6
ILIM
0
3.3
Resistance
ILIM
40.2
100
162
k
Ω
OUT
0.1
1
1000
µF
External capacitance
dV/dT
1
1000
nF
Operating junction temperature range, TJ
–40
25
125
°C
Operating Ambient temperature range, TA
–40
25
85
°C
ELECTRICAL CHARACTERISTICS
–40°C
≤ TJ ≤ 125°C, VIN = 12V for TPS2592Ax, VIN = 5V for TPS2592Bx, VEN/UVLO = 2V, RILIM = 100kΩ, CdVdT = OPEN. All
voltages referenced to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIN (INPUT SUPPLY)
VUVR
UVLO threshold, rising
4.15
4.3
4.45
V
VUVhyst
UVLO hysteresis
5.4%
Enabled: EN/UVLO = 2V, TPS2592AX
0.2
0.42
0.65
mA
IQON
Supply current
Enabled: EN/UVLO = 2V, TPS2592Bx
0.4
0.62
0.80
mA
IQOFF
EN/UVLO = 0V
0.1
0.25
mA
VIN > 16.5V, IOUT = 10mA, TPS2592Ax
13.8
15
16.5
TPS2592Bx, VIN > 6.75V, IOUT = 10 mA,
5.5
6.1
6.75
VOVC
Over-voltage clamp
–40
℃ ≤ TJ ≤ 85℃
V
TPS2592Bx, VIN > 6.75V, IOUT = 10 mA,
5.25
6.1
6.75
–40
℃ ≤ TJ ≤ 125℃
EN/UVLO (ENABLE/UVLO INPUT)
VENR
EN Threshold voltage, rising
1.37
1.4
1.44
V
VENF
EN Threshold voltage, falling
1.32
1.35
1.39
V
IEN
EN Input leakage current
0 V
≤ VEN ≤ 5V
–100
0
100
nA
TOFFdly
Turn Off delay
EN
↓ to BFET↓, CBFET = 0
0.4
µs
dV/dT (OUTPUT RAMP CONTROL)
TPS2592Ax, EN/UVLO
→ H to OUT = 11.7V, CdVdT = 0
0.7
1
1.3
TPS2592Bx, EN/UVLO
→ H to OUT = 4.9V, CdVdT = 0
0.28
0.4
0.52
TPS2592Ax, EN/UVLO
→ H to OUT = 11.7V,
TdVdT
Output ramp time
ms
12
CdVdT = 1 nF
TPS2592Bx, EN/UVLO
→ H to OUT = 4.9V,
5
CdVdT = 1 nF
IdVdT
dV/dT Charging current
VdVdT = 0 V
220
nA
RdVdT_disch
dV/dT Discharging resistance
EN/UVLO = 0 V, IdVdT = 10 mA sinking
50
73
100
Ω
VdVdTmax
dV/dT Max capacitor voltage
5.5
V
GAINdVdT
dV/dT to OUT gain
ΔVdVdT
4.85
V/V
Copyright © 2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: TPS2592Ax TPS2592Bx


同様の部品番号 - TPS2592BL

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS2592BL TI1-TPS2592BL Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BLDRCR TI1-TPS2592BLDRCR Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BLDRCT TI1-TPS2592BLDRCT Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
More results

同様の説明 - TPS2592BL

メーカー部品番号データシート部品情報
logo
Texas Instruments
TPS259240 TI1-TPS259240 Datasheet
1Mb / 33P
[Old version datasheet]   12V eFuse with Over Voltage Protection and Blocking FET Control
TPS259230 TI1-TPS259230 Datasheet
1Mb / 33P
[Old version datasheet]   5V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592BA TI1-TPS2592BA Datasheet
2Mb / 34P
[Old version datasheet]   5-V eFuse with Over Voltage Protection and Blocking FET Control
TPS2592AA TI1-TPS2592AA Datasheet
1Mb / 34P
[Old version datasheet]   12-V eFuse with Over Voltage Protection and Blocking FET Control
logo
Littelfuse
LS12052BD33 LITTELFUSE-LS12052BD33 Datasheet
1Mb / 10P
   18V, 5A eFuse with Over-Voltage Protection and Blocking FET Control
2022 Littelfuse, Inc
LS0504EVT233 LITTELFUSE-LS0504EVT233 Datasheet
1Mb / 7P
   5V, 4A eFuse with Over Voltage and Over Current Protection
F.W.06/16/22
logo
Alpha & Omega Semicondu...
AOZ18101DI-01 AOSMD-AOZ18101DI-01 Datasheet
1Mb / 14P
   14 V 20 mΩ Over-Voltage Protection eFuse with Built-in or External Control Blocking FET
Rev. 1.1 August 2022
logo
Texas Instruments
TPS259250 TI1-TPS259250 Datasheet
1Mb / 35P
[Old version datasheet]   Simple 5V/12V eFuse Protection Switches
TPS259270 TI1-TPS259270 Datasheet
1Mb / 31P
[Old version datasheet]   4.5V to 18-V eFuse with Blocking FET Control
logo
Toshiba Semiconductor
TCKE8XX TOSHIBA-TCKE8XX Datasheet
1Mb / 24P
   18 V, 5A eFuse IC with Adjustable Overcurrent Protection and Reverse Current Blocking FET Control
2022-08-17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com