データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM22676-Q1 データシート(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
部品番号 LM22676-Q1
部品情報  LM22676/LM22676-Q1 42V, 3A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI - Texas Instruments

LM22676-Q1 データシート(HTML) 11 Page - Texas Instruments

Back Button LM22676-Q1 Datasheet HTML 7Page - Texas Instruments LM22676-Q1 Datasheet HTML 8Page - Texas Instruments LM22676-Q1 Datasheet HTML 9Page - Texas Instruments LM22676-Q1 Datasheet HTML 10Page - Texas Instruments LM22676-Q1 Datasheet HTML 11Page - Texas Instruments LM22676-Q1 Datasheet HTML 12Page - Texas Instruments LM22676-Q1 Datasheet HTML 13Page - Texas Instruments LM22676-Q1 Datasheet HTML 14Page - Texas Instruments LM22676-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
LM22676-ADJ
+
GND
+
VIN
EN
SW
BOOT
FB
GND
VIN 4.5V to 42V
C2
22 PF
C1
6.8 PF
EN
C3
10 nF
L1
8.2 PH
C4
120 PF
GND
RFBT
1.54 k:
RFBB
976:
D1
60V, 5A
VOUT 3.3V
100
1k
10k
100k
1M
10M
0
5
10
15
20
25
30
35
40
FREQUENCY (Hz)
-ADJ
-5.0
LM22676
LM22676-Q1
www.ti.com
SNVS587K – SEPTEMBER 2008 – REVISED APRIL 2013
(9)
The Q factor depends on the parasitic resistance of the power stage components and is not typically in the
control of the designer. Of course, loop compensation is only one consideration when selecting power stage
components; see the Application Information section for more details.
Figure 15. Compensator Gain
In general, hand calculations or simulations can only aid in selecting good power stage components. Good
design practice dictates that load and line transient testing should be done to verify the stability of the application.
Also, Bode plot measurements should be made to determine stability margins. Application note AN-1889
(SNVA364) shows how to perform a loop transfer function measurement with only an oscilloscope and function
generator.
Application Information
TYPICAL BUCK REGULATOR APPLICAION
Figure 16 shows an example of converting an input voltage range of 5.5V to 42V, to an output of 3.3v at 3A. See
the application note for the LM22670, AN-1885 (SNVA361), for more information.
Figure 16. Typical Buck Regulator Application
EXTERNAL COMPONENTS
The following guidelines should be used when designing a step-down (buck) converter with the LM22676.
Copyright © 2008–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM22676 LM22676-Q1


同様の部品番号 - LM22676-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22676-Q1 TI-LM22676-Q1 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
More results

同様の説明 - LM22676-Q1

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM22676 TI-LM22676_15 Datasheet
1Mb / 29P
[Old version datasheet]   LM22676/-Q1 42 V, 3 A SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22674 TI-LM22674 Datasheet
2Mb / 22P
[Old version datasheet]   LM22674/LM22674-Q1 42V, 500 mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM25576 TI-LM25576_15 Datasheet
980Kb / 29P
[Old version datasheet]   LM25576/LM25576-Q1 SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
National Semiconductor ...
LM25576_0703 NSC-LM25576_0703 Datasheet
434Kb / 24P
   SIMPLE SWITCHER짰 42V, 3A Step-Down Switching Regulator
logo
Texas Instruments
LM22672 TI-LM22672_15 Datasheet
1Mb / 30P
[Old version datasheet]   SIMPLE SWITCHER짰 Step-Down Voltage Regulator with Features
LM22671MRE-50 TI-LM22671MRE-50 Datasheet
1Mb / 25P
[Old version datasheet]   LM22671/LM22671-Q1 42V, 500mA SIMPLE SWITCHER짰 Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22680 NSC-LM22680 Datasheet
568Kb / 16P
   2A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
logo
Texas Instruments
LM2576S-5.0-NOPB TI1-LM2576S-5.0-NOPB Datasheet
3Mb / 37P
[Old version datasheet]   SIMPLE SWITCHER짰 3A Step-Down Voltage Regulator
logo
National Semiconductor ...
LM22672 NSC-LM22672 Datasheet
435Kb / 18P
   1A SIMPLE SWITCHER짰, Step-Down Voltage Regulator with Features
LM2599 NSC-LM2599_00 Datasheet
817Kb / 32P
   SIMPLE SWITCHER짰 Power Converter 150 kHz 3A Step-Down Voltage Regulator, with Features
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com