データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CS1W-MCH71 データシート(PDF) 9 Page - Omron Electronics LLC

部品番号 CS1W-MCH71
部品情報  Improve Equipment Design Efficiency and Shorten Tact Time
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  OMRON [Omron Electronics LLC]
ホームページ  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

CS1W-MCH71 データシート(HTML) 9 Page - Omron Electronics LLC

Back Button CS1W-MCH71 Datasheet HTML 3Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 4Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 5Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 6Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 7Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 8Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 9Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 10Page - Omron Electronics LLC CS1W-MCH71 Datasheet HTML 11Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CJ1W-MCH71
9
Functions Supported by CJ1W-MCH71 Units Version 2.1 or Later
CJ1W-MCH71 Unit Versions and Manufacturing Dates/Lot Numbers
Unit version
Unit Ver. 2.0
Unit Ver. 2.1
Unit Ver. 3.0
Unit Ver. 3.1
Internal system software version
1.05
1.06
1.07
1.09
MC Unit model
CJ1W-MCH71
Functions
Reading unit version function
Not supported
Supported
Supported
Supported
Expanded allocations in Custom
I/O Area
Not supported
Supported
Supported
Supported
Data tracing
Not supported
Not supported
Supported *1
Supported *1
Debugging
Not supported
Not supported
Supported *1
Supported *1
Zones
Not supported
Not supported
Supported *1
Supported *1
Signed master axis MOVELINK command
Not supported
Not supported
Supported
Supported
Indirect writing of position data
Not supported
Not supported
Supported
Supported
Setting the number of parallel branches for each task
Not supported
Not supported
Supported *1
Supported *1
Present position preset to establish origin
Not supported
Not supported
Supported *1
Supported *1
Status of program start bit
Not supported
Not supported
Supported
Supported
Servo OFF for deceleration stop signal
Not supported
Not supported
Supported *1
Supported *1
Re-execution of WAIT command
Not supported
Not supported
Supported
Supported
Main power status
Not supported
Not supported
Supported
Supported
Servo Driver status
Not supported
Not supported
Supported
Supported
Increased precision of CAMBOX command
Not supported
Not supported
Supported
Supported
Improved restarting after restoration
---
---
---
Supported
Expanded bank switching for interpolation accelera-
tion/deceleration times
---
---
---
Supported
Internal overrides
---
---
---
Supported
Connecting to SMARTSTEP Junior Servo Drivers
---
---
---
Supported *2
Improved backup and restore functions
---
---
---
Supported *2
Program and CAM data read protection
---
---
---
Supported *2
Applicable Support Tool
CX-Motion-MCH
• Functions for unit version 3.0 indicated by “*1” can be used with CX-Motion-MCH version
2.0 or higher.
• Functions for unit version 3.1 indicated by “*2” can be used with CX-Motion-MCH version
2.1 or higher.
Classification
Type
Model
Manufacturing dates
Up to early
November 2004
From middle of
November 2004
From early
June 2005
From early
July 2007
CPU Bus Unit
MC Unit
CJ1W-MCH71
Unit version 2.0
Unit version 2.1
(Lot No.: 041117 and
later)
Unit version 3.0
(Lot No.: 050615 and
later)
Unit version 3.1
(Lot No.: 070615 and
later)


同様の部品番号 - CS1W-MCH71

メーカー部品番号データシート部品情報
logo
Omron Electronics LLC
CS1W-MCH71 OMRON-CS1W-MCH71 Datasheet
8Mb / 70P
   Multi-application Controllers: From High-performance Machine C ontrol to Highly Reliable Process Control
More results

同様の説明 - CS1W-MCH71

メーカー部品番号データシート部品情報
logo
International Rectifier
AN-973 IRF-AN-973 Datasheet
342Kb / 7P
   HEXFETs Improve Efficiency
logo
NXP Semiconductors
AN10829 PHILIPS-AN10829_15 Datasheet
514Kb / 22P
   SSL2101 dimmable high efficiency flyback design
Rev. 3-22 June 2011
logo
Astrodyne Corporation
WSA430 ASTRODYNE-WSA430 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
WSA533 ASTRODYNE-WSA533 Datasheet
275Kb / 2P
   HIGH EFFICIENCY, COMPACT DESIGN SWITCHMODE TECHNOLOGY
logo
Littelfuse
250R080 LITTELFUSE-250R080 Datasheet
619Kb / 7P
   Fast time - to - trip Access equipment Lan/Wan equipment
logo
List of Unclassifed Man...
ISIS ETC2-ISIS Datasheet
485Kb / 2P
   x86 compatible, fanless design High performance and efficiency Comprehensive expansion capabilities
logo
Delta Electronics, Inc.
DPS-150AB-15 DELTA-DPS-150AB-15 Datasheet
667Kb / 2P
   Active PFC design, which can improve the performance on ripple noise and also be benefit for saving energy.
logo
Hotchip Technology Co.,...
HT2269 HOTCHIP-HT2269 Datasheet
1Mb / 13P
   Extended Burst Mode Control For Improved Efficiency and Minimum Standby Power Design
logo
Axiomtek Co., Ltd.
RBOX100 AXIOMTEK-RBOX100 Datasheet
357Kb / 2P
   Fanless and cableless design
logo
KODENSHI_AUK CORP.
PIC-A1804 KODENSHI-PIC-A1804 Datasheet
1Mb / 3P
   Compact and lightweight design
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com