データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

74FCT162244TPVGB データシート(PDF) 5 Page - Integrated Device Technology

部品番号 74FCT162244TPVGB
部品情報  FAST CMOS 16-BIT BUFFER/LINE DRIVER Reduced system switching noise
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IDT [Integrated Device Technology]
ホームページ  http://www.idt.com
Logo IDT - Integrated Device Technology

74FCT162244TPVGB データシート(HTML) 5 Page - Integrated Device Technology

  74FCT162244TPVGB Datasheet HTML 1Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 2Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 3Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 4Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 5Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 6Page - Integrated Device Technology 74FCT162244TPVGB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MILITARYANDINDUSTRIALTEMPERATURERANGES
IDT54/74FCT162244T/AT/CT/ET
FASTCMOS16-BITBUFFER/LINEDRIVER
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs, of the same package, switching in the same direction. This parameter is guaranteed by design.
74FCT162244AT
74FCT162244CT
74FCT162244ET
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
1.5
4.8
1.5
4.1
1.5
3.2
ns
tPHL
xAx to xYx
RL = 500
Ω
tPZH
Output Enable Time
1.5
6.2
1.5
5.8
1.5
4.4
ns
tPZL
tPHZ
Output Disable Time
1.5
5.6
1.5
5.2
1.5
3.6
ns
tPLZ
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns
54FCT162244T
54FCT162244AT
54FCT162244CT
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
Propagation Delay
CL = 50pF
1.5
7
1.5
5.1
1.5
4.6
ns
tPHL
xAx to xYx
RL = 500
Ω
tPZH
Output Enable Time
1.5
8.5
1.5
6.5
1.5
6.5
ns
tPZL
tPHZ
Output Disable Time
1.5
7.5
1.5
5.9
1.5
5.7
ns
tPLZ
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns


同様の部品番号 - 74FCT162244TPVGB

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
74FCT162244TPVGB RENESAS-74FCT162244TPVGB Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results

同様の説明 - 74FCT162244TPVGB

メーカー部品番号データシート部品情報
logo
Pericom Semiconductor C...
PI74FCT162Q244T PERICOM-PI74FCT162Q244T Datasheet
54Kb / 6P
   Fast, Low Noise CMOS 16-Bit Buffer/Line Driver
logo
Renesas Technology Corp
IDT74FCT166244AT RENESAS-IDT74FCT166244AT Datasheet
238Kb / 7P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16240T IDT-IDT74FCT16240T Datasheet
128Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
IDT74FCT16244T IDT-IDT74FCT16244T Datasheet
151Kb / 9P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
logo
Renesas Technology Corp
IDT54 RENESAS-IDT54 Datasheet
242Kb / 8P
   FAST CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT163244 PERICOM-PI74FCT163244 Datasheet
163Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16244 PERICOM-PI74LCX16244 Datasheet
311Kb / 6P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74LCX16240 PERICOM-PI74LCX16240 Datasheet
85Kb / 5P
   Fast CMOS 3.3V 16-Bit Buffer/Line Driver
PI74FCT16244T PERICOM-PI74FCT16244T_07 Datasheet
504Kb / 9P
   Fast CMOS 16-Bit Buffer/Line Drivers
logo
Renesas Technology Corp
IDT74FCT163244A RENESAS-IDT74FCT163244A Datasheet
241Kb / 7P
   3.3V CMOS 16-BIT BUFFER/LINE DRIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com