データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM74CIM-3-NOPB データシート(PDF) 3 Page - Texas Instruments

部品番号 LM74CIM-3-NOPB
部品情報  LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM74CIM-3-NOPB データシート(HTML) 3 Page - Texas Instruments

  LM74CIM-3-NOPB Datasheet HTML 1Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 2Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 3Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 4Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 5Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 6Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 7Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 8Page - Texas Instruments LM74CIM-3-NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LM74
www.ti.com
SNIS107K – MAY 2000 – REVISED MARCH 2013
Absolute Maximum Ratings
(1)
Supply Voltage
−0.3V to 6.0V
Voltage at any Pin
−0.3V to V+ + 0.3V
Input Current at any Pin(2)
5 mA
Package Input Current(2)
20 mA
Storage Temperature
−65°C to +150°C
ESD Susceptibility(3)
Human Body Model
LM74CIBP and LM74CITP, pin A2 (SC)
1900V
LM74CIM,LM74CIBP, and LM74CITP all other pins
2000V
Machine Model
200V
Soldering process must comply with Reflow Temperature Profile specifications. See www.ti.com/packaging.(4)
(1)
Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. DC and AC electrical specifications do not
apply when operating the device beyond its rated operating conditions.
(2)
When the input voltage (VI) at any pin exceeds the power supplies (VI < GND or VI > +VS) the current at that pin should be limited to 5
mA. The 20 mA maximum package input current rating limits the number of pins that can safely exceed the power supplies with an input
current of 5 mA to four.
(3)
Human body model, 100 pF discharged through a 1.5 k
Ω resistor. Machine model, 200 pF discharged directly into each pin.
(4)
Reflow temperature profiles are different for lead-free and non-lead-free packages.
Operating Ratings
Specified Temperature Range
TMIN to TMAX
See(1)
LM74CIBP and LM74CITP
−40°C to +125°C
LM74CIM
−55°C to +150°C
Supply Voltage Range (+VS)
LM74CIBP and LM74CITP
+2.65V to +5.5V
LM74CIM
+3.0V to +5.5V
(1)
The life expectancy of the LM74 will be reduced when operating at elevated temperatures. LM74
θJA (thermal resistance, junction-to-
ambient) when attached to a printed circuit board with 2 oz. foil is summarized as: Device Number LM74CIM Thermal Resistance (
θJA)
160°C/W. Device Number LM74CIBP Thermal Resistance (
θJA) 250°C/W. Device Number LM74CITP Thermal Resistance (θJA)
250°C/W.
Copyright © 2000–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM74


同様の部品番号 - LM74CIM-3-NOPB

メーカー部品番号データシート部品情報
logo
National Semiconductor ...
LM74CIM-3 NSC-LM74CIM-3 Datasheet
293Kb / 15P
   SPI/MICROWIRE??Digital Temperature Sensor
LM74CIM-3 NSC-LM74CIM-3 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM74CIM-3 TI-LM74CIM-3 Datasheet
1Mb / 22P
[Old version datasheet]   0.0625째C Temperature Resolution, Shutdown Mode Conserves Power Between
More results

同様の説明 - LM74CIM-3-NOPB

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM74 TI-LM74_15 Datasheet
1Mb / 22P
[Old version datasheet]   LM74 SPI/Microwire12-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM74A NSC-LM74A Datasheet
605Kb / 12P
   SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
logo
Texas Instruments
LM74A TI-LM74A_15 Datasheet
395Kb / 15P
[Old version datasheet]   LM74A SPI/MICROWIRE 12-Bit Plus Sign Temperature Sensor (LM74 in Die Form)
LM71 TI-LM71_15 Datasheet
1Mb / 21P
[Old version datasheet]    SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM71 NSC-LM71 Datasheet
249Kb / 13P
   SPI/MICROWIRE??13-Bit Plus Sign Temperature Sensor
LM71 NSC-LM71_05 Datasheet
627Kb / 13P
   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
LM74 NSC-LM74_05 Datasheet
707Kb / 15P
   SPI/MICROWIRE??12-Bit Plus Sign Temperature Sensor
logo
Texas Instruments
LM95071 TI1-LM95071_15 Datasheet
1,010Kb / 20P
[Old version datasheet]   SPI/MICROWIRE 13-Bit Plus Sign Temperature Sensor
logo
National Semiconductor ...
LM70 NSC-LM70 Datasheet
285Kb / 13P
   SPI/MICROWIRE??10-Bit plus Sign Digital Temperature Sensor
logo
Texas Instruments
LM70CILD-3NOPB TI1-LM70CILD-3NOPB Datasheet
1Mb / 21P
[Old version datasheet]   LM70 SPI/MICROWIRE 10-Bit plus Sign Digital Temperature Sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com