データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FM10L45-T2 データシート(PDF) 2 Page - Formosa MS

部品番号 FM10L45-T2
部品情報  SMD Schottky Barrier Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FORMOSA [Formosa MS]
ホームページ  http://www.formosams.com
Logo FORMOSA - Formosa MS

FM10L45-T2 データシート(HTML) 2 Page - Formosa MS

  FM10L45-T2 Datasheet HTML 1Page - Formosa MS FM10L45-T2 Datasheet HTML 2Page - Formosa MS FM10L45-T2 Datasheet HTML 3Page - Formosa MS FM10L45-T2 Datasheet HTML 4Page - Formosa MS FM10L45-T2 Datasheet HTML 5Page - Formosa MS FM10L45-T2 Datasheet HTML 6Page - Formosa MS FM10L45-T2 Datasheet HTML 7Page - Formosa MS  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Page 2
Formosa MS
10.0A Surface Mount
Schottky Barrier Rectifiers- 45V
http://www.formosams.com/
TEL:886-2-22696661
FAX:886-2-22696141
Document ID
Issued Date
Revised Date
Revision
Page.
Features
.
.
.
Lead-free parts meet environmental standards of
MIL-STD-19500 /228
Suffix "-H" indicates Halogen free parts, ex. FM10L45-Τ2-H.
Low profile surface mounted application in order to
optimize board space.
Low power loss, high efficiency.
Ultra Low forward voltage drop
High forward surge capability
High frequency operation
FM10L45-T2
Maximum ratings (AT T =25
A
oC unless otherwise noted)
Parameter
Forward rectified current(Fig.1)
Non-Repetitive Peak Forward Surge Current 8.3ms
Single Half Sine-Wave Superimposed on Rated Load
Symbol
FM10L45-T2
Unit
I
O
I
FSM
A
A
10.0
280
Operating junction and storage temperature range
T , T
J
STG
-55 to +150
OC
Repetitive peak reverse voltage
RMS voltage
Continuous reverse voltage
V
RRM
V
RMS
V
R
45
31.5
45
V
Electrical Characteristics (AT T =25
A
oC unless otherwise noted)
Package outline
Dimensions in inches and (millimeters)
SMC-T2
0.264(6.7)
0.248(6.3)
0.020(0.5) Typ.
0.146(3.7)
0.130(3.3)
0.067(1.7)
0.059(1.5)
0.087(2.20)
0.102(2.60)
0.047(1.2) Typ.
0.047(1.2) Typ.
0.160(4.05) Typ.
0.063(1.6) Typ.
0.120(3.05)
0.104(2.65)
0.041(1.05)
0.026(0.65)
Mechanical data
Epoxy:UL94-V0 rated flame retardant
Case : Molded plastic, SMC-T2
Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
Polarity : Indicated by cathode band
Mounting Position : Any
Weight : Approximated 0.113gram
DS-12161R
2013/06/18
-
A
7
SMD Schottky Barrier Rectifier
Parameter
Test Conditions
Forward voltage
Reverse current
Symbol
V
F
I
R
V
mA
Reverse breakdown voltage
V
B
45
V
MIN.
TYP.
MAX.
Unit
I =0.5mA
R
V =45V,T =25°C
R
J
0.28
-
-
-
-
-
0.45
I =2.0A,T =25°C
F
J
I =3.0A,T =25°C
F
J
I =5.0A,T =25°C
F
J
I =10.0A,T =25°C
F
J
I =2.0A,T =100°C
F
J
I =3.0A,T =100°C
F
J
I =5.0A,T =100°C
F
J
I =10.0A,T =100°C
F
J
0.30
0.33
0.38
0.19
0.22
0.26
0.34
-
0.40
V =45V,T =100°C
R
J
0.20
0.50
25
50


同様の部品番号 - FM10L45-T2

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
FM100 ETC2-FM100 Datasheet
35Kb / 2P
   External dimensions 1
logo
RFE international
FM100 RFE-FM100 Datasheet
87Kb / 1P
   FUSIBLE RESISTORS FM, FKN, & FSQ Series: Fusible
logo
Extech Instruments Corp...
FM100 EXTECH-FM100 Datasheet
300Kb / 1P
   Formaldehyde (CH2O or HCHO) Monitor
logo
SHENZHEN FUMAN ELECTRON...
FM100 FUMAN-FM100 Datasheet
292Kb / 9P
   Fast charging interface IC
logo
RFE international
FM100 RFE-FM100 Datasheet
1Mb / 2P
   Fusible Flameproof Resistors
01-MAR-2023
More results

同様の説明 - FM10L45-T2

メーカー部品番号データシート部品情報
logo
Comchip Technology
CDBM120 COMCHIP-CDBM120 Datasheet
62Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA320L COMCHIP-CDBA320L Datasheet
148Kb / 3P
   SMD Schottky Barrier Rectifier
logo
Formosa MS
FM120-MS FORMOSA-FM120-MS Datasheet
64Kb / 7P
   SMD Schottky Barrier Rectifier
logo
Comchip Technology
CDBC320 COMCHIP-CDBC320 Datasheet
64Kb / 2P
   SMD Schottky Barrier Rectifier
CDBB220 COMCHIP-CDBB220 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA5817 COMCHIP-CDBA5817 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBA120L COMCHIP-CDBA120L Datasheet
145Kb / 4P
   SMD Schottky Barrier Rectifier
CDBA120 COMCHIP-CDBA120 Datasheet
67Kb / 2P
   SMD Schottky Barrier Rectifier
CDBB220L-G COMCHIP-CDBB220L-G Datasheet
104Kb / 2P
   SMD Schottky Barrier Rectifier
SS22-G COMCHIP-SS22-G Datasheet
111Kb / 2P
   SMD Schottky Barrier Rectifier
More results


Html Pages

1 2 3 4 5 6 7


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com