データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SI4830ADY-T1-E3 データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SI4830ADY-T1-E3
部品情報  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI4830ADY-T1-E3 データシート(HTML) 1 Page - Vishay Siliconix

  SI4830ADY-T1-E3 Datasheet HTML 1Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 2Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 3Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 4Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 5Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 6Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 7Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 8Page - Vishay Siliconix SI4830ADY-T1-E3 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Vishay Siliconix
Si4830ADY
Document Number: 72021
S09-0868-Rev. G, 18-May-09
www.vishay.com
1
Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
FEATURES
Halogen-free According to IEC 61249-2-21
Definition
LITTLE FOOT®
Plus Schottky
Si4830DY Pin Compatible
PWM Optimized
100 % Rg Tested
Compliant to RoHS Directive 2002/95/EC
APPLICATIONS
Asymmetrical Buck-Boost DC/DC Converter
PRODUCT SUMMARY
VDS (V)
RDS(on) (Ω)ID (A)
30
0.022 at VGS = 10 V
7.5
0.030 at VGS = 4.5 V
6.5
SCHOTTKY PRODUCT SUMMARY
VDS (V)
VSD (V)
Diode Forward Voltage
IF (A)
30
0.50 at 1 A
2.0
Notes:
a. Surface Mounted on 1" x 1" FR4 board.
ABSOLUTE MAXIMUM RATINGS TA = 25 °C, unless otherwise noted
Parameter
Symbol
10 s
Steady State
Unit
Drain-Source Voltage
VDS
30
V
Gate-Source Voltage
VGS
± 20
Continuous Drain Current (TJ = 150 °C)
a
TA = 25 °C
ID
7.5
5.7
A
TA = 70 °C
6.0
4.6
Pulsed Drain Current
IDM
30
Continuous Source Current (Diode Conduction)a
IS
1.7
0.9
Maximum Power Dissipationa
TA = 25 °C
PD
2.0
1.1
W
TA = 70 °C
1.3
0.7
Operating Junction and Storage Temperature Range
TJ, Tstg
- 55 to 150
°C
THERMAL RESISTANCE RATINGS
Parameter
MOSFET
SCHOTTKY
Symbol
Typ.
Max.
Typ.
Max.
Unit
Maximum Junction-to-Ambienta
t
≤ 10 s
RthJA
52
62.5
53
62.5
°C/W
Steady State
93
110
93
110
Maximum Junction-to-Foot (Drain)
Steady State
RthJF
35
40
35
40
S1/D2
D1
G1
D1
S2
G2
SO-8
5
6
7
8
Top View
2
3
4
1
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
Schottky Diode
S1/D2
S1/D2
Ordering Information: Si4830ADY
-T1-E3 (Lead (Pb)-free)
Si4830ADY-T1-GE3 (Lead (Pb)-free and Halogen-free)


同様の部品番号 - SI4830ADY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4830ADY VISHAY-SI4830ADY Datasheet
72Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 29-Dec-03
SI4830ADY VISHAY-SI4830ADY Datasheet
123Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
08-Feb-17
More results

同様の説明 - SI4830ADY-T1-E3

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
SI4808DY VISHAY-SI4808DY Datasheet
46Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4818DY VISHAY-SI4818DY Datasheet
68Kb / 8P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. B, 26-May-03
SI4816BDY VISHAY-SI4816BDY Datasheet
88Kb / 9P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 09-Aug-04
SI4854DY VISHAY-SI4854DY Datasheet
53Kb / 5P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. A, 16-Apr-01
SI4834BDY-T1-E3 VISHAY-SI4834BDY-T1-E3 Datasheet
261Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-May-09
SI4834BDY VISHAY-SI4834BDY Datasheet
93Kb / 7P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. C, 29-Dec-03
SI4650DY VISHAY-SI4650DY Datasheet
155Kb / 12P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Rev. D, 18-Jan-10
SI4310BDY VISHAY-SI4310BDY_V01 Datasheet
152Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SI7872DP VISHAY-SI7872DP_V01 Datasheet
149Kb / 10P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
18-Jul-08
SI7842DP VISHAY-SI7842DP_V01 Datasheet
133Kb / 6P
   Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
01-Jan-2022
SIZ980BDT VISHAY-SIZ980BDT Datasheet
239Kb / 14P
   Dual N-Channel 30 V (D-S) MOSFET with Schottky Diode
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com