データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

TS63Y503KR10 データシート(PDF) 2 Page - Vishay Siliconix

部品番号 TS63Y503KR10
部品情報  Multi-Turn Surface Mount 1/4" Square Cermet Trimmers, Fully Sealed
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TS63Y503KR10 データシート(HTML) 2 Page - Vishay Siliconix

  TS63Y503KR10 Datasheet HTML 1Page - Vishay Siliconix TS63Y503KR10 Datasheet HTML 2Page - Vishay Siliconix TS63Y503KR10 Datasheet HTML 3Page - Vishay Siliconix TS63Y503KR10 Datasheet HTML 4Page - Vishay Siliconix TS63Y503KR10 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
TS63
Multi-Turn Surface Mount 1/4" Square Cermet
Trimmers, Fully Sealed
Vishay Sfernice
Document Number: 51011
For technical questions, contact: sfer@vishay.com
www.vishay.com
Revision: 08-Feb-10
See also Application Note: www.vishay.com/doc?51001 and www.vishay.com/doc?52029
31
ELECTRICAL SPECIFICATIONS
Resistive Element
Cermet
Electrical Travel
14 turns ± 2
Resistance Range
10
 to 2 M
Standard Series
1 - 2 - 5
Tolerance
Standard
± 10 %
On Request
± 5 %
Circuit Diagram
Power Rating
Linear
0.25 W at 70 °C
Temperature Coefficient
See Standard Resistance Element Data table
Limiting Element Voltage
250 V
Contact Resistance Variation (Typical)
2 % Rn or 2
End Resistance Typical)
1
Dielectric Strength (RMS)
1000 V
Insulation Resistance
106 M
MECHANICAL SPECIFICATIONS
Mechanical Travel
15 turns ± 5
Operating Torque (max. Ncm)
1.5
End Stop Torque
Clutch action
Unit Weight (max. g)
0.5
Wiper (Actual Travel)
Positioned at approx. 50 %
ENVIRONMENTAL SPECIFICATIONS
Temperature Range
- 55 °C to + 155 °C
Climatic Category
55/125/56
Sealing
Sealed container
IP67
MSL Level
1
SOLDERING RECOMMENDATIONS
Recommended reflow profile 2, see Application Note www.vishay.com/doc?52029
a
c
b
cw
(2)
(3)
(1)
0.25
0.125
0
0
155
AMBIENT TEMPERATURE IN °C
50
70
100


同様の部品番号 - TS63Y503KR10

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
TS63Y504JR10 VISHAY-TS63Y504JR10 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS63Y504JR10 VISHAY-TS63Y504JR10 Datasheet
111Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS63Y504JT20 VISHAY-TS63Y504JT20 Datasheet
121Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers Fully Sealed
Revision: 22-Sep-15
TS63Y504JT20 VISHAY-TS63Y504JT20 Datasheet
111Kb / 5P
   Multi-Turn Surface Mount 1/4 Square Cermet Trimmers, Fully Sealed
01-Jan-2022
TS63Y504KJ10 VISHAY-TS63Y504KJ10 Datasheet
100Kb / 5P
   Multi-Turn Surface Mount 1/4 Fully Sealed
Revision: 08-Feb-10
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com